Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2234 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2234
Description  10-Bit, 135Msps ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2234 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2234 Datasheet HTML 6Page - Linear Technology LTC2234 Datasheet HTML 7Page - Linear Technology LTC2234 Datasheet HTML 8Page - Linear Technology LTC2234 Datasheet HTML 9Page - Linear Technology LTC2234 Datasheet HTML 10Page - Linear Technology LTC2234 Datasheet HTML 11Page - Linear Technology LTC2234 Datasheet HTML 12Page - Linear Technology LTC2234 Datasheet HTML 13Page - Linear Technology LTC2234 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTC2234
10
2234fa
FUNCTIONAL BLOCK DIAGRA
Figure 1. Functional Block Diagram
DIFF
REF
AMP
REF
BUF
2.2
µF
1
µF
0.1
µF
0.1
µF
1
µF
INTERNAL CLOCK SIGNALS
REFH
REFL
DIFFERENTIAL
INPUT
LOW JITTER
CLOCK
DRIVER
RANGE
SELECT
1.6V
REFERENCE
ENC+
REFHA
REFLB
REFLA REFHB
ENC
SHIFT REGISTER
AND CORRECTION
M0DE
OGND
OVDD
2234 F01
INPUT
S/H
SENSE
VCM
AIN
AIN
+
2.2
µF
FIRST PIPELINED
ADC STAGE
FIFTH PIPELINED
ADC STAGE
FOURTH PIPELINED
ADC STAGE
SECOND PIPELINED
ADC STAGE
THIRD PIPELINED
ADC STAGE
OUTPUT
DRIVERS
CONTROL
LOGIC
SHDN
OF
D9
D0
CL0CKOUT
OE


Similar Part No. - LTC2234

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2234 LINER-LTC2234_15 Datasheet
610Kb / 24P
   10-Bit, 135Msps ADC
More results

Similar Description - LTC2234

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2234 LINER-LTC2234_15 Datasheet
610Kb / 24P
   10-Bit, 135Msps ADC
LTC2224 LINER-LTC2224_15 Datasheet
616Kb / 24P
   12-Bit, 135Msps ADC
LTC2224 LINER-LTC2224 Datasheet
610Kb / 24P
   12-Bit, 135Msps ADC
LTC2230 LINER-LTC2230_15 Datasheet
707Kb / 32P
   10-Bit,170Msps/ 135Msps ADCs
LTC2230 LINER-LTC2230_1 Datasheet
701Kb / 32P
   10-Bit,170Msps/135Msps ADCs
LTC2231 LINER-LTC2231_15 Datasheet
707Kb / 32P
   10-Bit,170Msps/ 135Msps ADCs
LTC2285IUP LINER-LTC2285IUP Datasheet
577Kb / 24P
   Dual 14-Bit, 135Msps Low Power 3.3V ADC
LTC2220 LINER-LTC2220 Datasheet
802Kb / 32P
   12-Bit,170Msps/ 135Msps ADCs
LTC2221 LINER-LTC2221_15 Datasheet
802Kb / 32P
   12-Bit,170Msps/ 135Msps ADCs
logo
Maxim Integrated Produc...
MAX1426 MAXIM-MAX1426 Datasheet
204Kb / 16P
   10-Bit, 10Msps ADC
19-1598 Rev 0; 1/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com