Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDB1011681MZF Datasheet(PDF) 2 Page - Superworld Electronics

Part # PDB1011681MZF
Description  SMD POWER INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PDB1011681MZF Datasheet(HTML) 2 Page - Superworld Electronics

  PDB1011681MZF Datasheet HTML 1Page - Superworld Electronics PDB1011681MZF Datasheet HTML 2Page - Superworld Electronics PDB1011681MZF Datasheet HTML 3Page - Superworld Electronics PDB1011681MZF Datasheet HTML 4Page - Superworld Electronics PDB1011681MZF Datasheet HTML 5Page - Superworld Electronics PDB1011681MZF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
SMD POWER INDUCTORS
PDB1011 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
01.05.2008
Inductance
10±20%
22±20%
15±20%
47±20%
68±20%
33±20%
150±20%
330±20%
220±20%
680±20%
1000±20%
470±20%
100±20%
( µH )
PDB1011102MZF
PDB1011681MZF
PDB1011221MZF
PDB1011471MZF
PDB1011331MZF
PDB1011151MZF
PDB1011470MZF
PDB1011101MZF
PDB1011680MZF
PDB1011330MZF
Part No.
PDB1011220MZF
PDB1011150MZF
PDB1011100MZF
50
50
1V / 100K
1V / 100K
1.5
1.3
1200
2000
0.55
0.50
50
45
30
50
1V / 100K
1V / 100K
1V / 100K
1V / 100K
35
30
35
40
1V / 100K
1V / 100K
1V / 100K
1V / 100K
2.3
2.0
3.0
2.5
700
950
0.90
0.75
340
440
1.00
1.35
4.5
4.0
6.5
7.0
170
220
1.90
1.55
110
80
2.10
2.35
Q
40
30
30
Ref.
1V / 100K
1V / 100K
1V / 100K
RDC
( MHz )
SRF
( m )
IDC
8.5
14.0
23.0
Typ.
66
50
3.20
2.90
40
Max.
( A )
3.50
( Hz )
Frequency
Test


Similar Part No. - PDB1011681MZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PDB1003 SUPERWORLD-PDB1003 Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
PDB1003100MZF SUPERWORLD-PDB1003100MZF Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
PDB1003101MZF SUPERWORLD-PDB1003101MZF Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
PDB1003102MZF SUPERWORLD-PDB1003102MZF Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
PDB1003150MZF SUPERWORLD-PDB1003150MZF Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
More results

Similar Description - PDB1011681MZF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com