Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST6-12 Datasheet(PDF) 1 Page - Superworld Electronics

Part # ST6-12
Description  POWER TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

ST6-12 Datasheet(HTML) 1 Page - Superworld Electronics

  ST6-12 Datasheet HTML 1Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1. CONFIGURATION & DIMENSIONS :
3. ELECTRICAL CHARACTERISTICS ( @ 25°C ) :
SUPERWORLD ELECTRONICS (S) PTE LTD
2. SCHEMATIC :
ST6-12 (F) SERIES
POWER TRANSFORMER
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
15.01.2008
gram
384
C
40.64
(1.600)
B
A
7.62
(.300)
10.16
(.400)
101.6-1016.0 x 34.93
Optional mtg.
screw & nut*
UNIT : mm (inch)
36.53
H
(1.438)
L
VA
57.15
(2.250)
W
47.63
(1.875)
SIZE
6
20
38.10
ML
(1.500)
PCB Pattern
40.14
(1.580)
H
7.11
(0.28)
6
C
W
ML
6 PIN
TYPE ST
115VAC 60Hz
5
7
8
4
1
Clearance hole for optional
mtg screw and nut
PC
terminal
" " indicates polarity
(4-40 x 1.375)
k. Core Size
j. Temperature Rise
EI-57 x 16.00 m/m .
Less Than 60 Deg C .
AC 2500V 60Hz 1 Minutes .
DC 500V 100Meg Ohm Of More .
= - Ohm .
Secondary = - Ohm .
i. Withstand Voltage (Hi-Pot)
h. Insulation Resistance
Pin 7-8
Parallel 6.30V .
Primary = 49.80 Ohm .
g. DC Resistance
Pin 1-4
Pin 5-6
Series 12.60V .
f. Full Load Secondary Voltage (±5%)
Less Than 270mA .
e. Full Load Primary Current
Parallel 3.2A .
Series 1.6A .
d. Secondary Load Current
Parallel AC 8.40V .
Series AC 16.60V .
c. Secondary Voltage (±5%)
Less Than 20mA .
b. No Load Primary Current
AC 115 V 60 Hz .
a. Primary Voltage


Similar Part No. - ST6-12

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
ST6-120 SUPERWORLD-ST6-120 Datasheet
110Kb / 1P
   POWER TRANSFORMER
logo
Pulse A Technitrol Comp...
ST6-120B40 PULSE-ST6-120B40 Datasheet
159Kb / 1P
   Laminated Transformers Low Frequency Open-Style Laminated Split Bobbin Horizontal Plug-In Series
ST6-120B40 PULSE-ST6-120B40 Datasheet
159Kb / 1P
   Low Frequency, Open-Style Laminated, Split Bobbin, Horizontal Plug-In Series
ST6-12B8 PULSE-ST6-12B8 Datasheet
159Kb / 1P
   Laminated Transformers Low Frequency Open-Style Laminated Split Bobbin Horizontal Plug-In Series
ST6-12B8 PULSE-ST6-12B8 Datasheet
159Kb / 1P
   Low Frequency, Open-Style Laminated, Split Bobbin, Horizontal Plug-In Series
More results

Similar Description - ST6-12

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
VPS10-13000 TRIAD-VPS10-13000 Datasheet
158Kb / 1P
   POWER TRANSFORMER POWER TRANSFORMER
logo
Superworld Electronics
12A-2.5-12 SUPERWORLD-12A-2.5-12 Datasheet
122Kb / 1P
   POWER TRANSFORMER
12A-2.5-20 SUPERWORLD-12A-2.5-20 Datasheet
111Kb / 1P
   POWER TRANSFORMER
DCS3-28 SUPERWORLD-DCS3-28 Datasheet
120Kb / 1P
   POWER TRANSFORMER
logo
PCA ELECTRONICS INC.
EPA3876G PCA-EPA3876G Datasheet
50Kb / 1P
   Power Transformer
logo
List of Unclassifed Man...
F-229X ETC2-F-229X Datasheet
50Kb / 1P
   POWER TRANSFORMER
logo
Rhombus Industries Inc.
T-605 RHOMBUS-IND-T-605 Datasheet
37Kb / 1P
   POWER TRANSFORMER
logo
Superworld Electronics
14A-10-12 SUPERWORLD-14A-10-12 Datasheet
111Kb / 1P
   POWER TRANSFORMER
14A-10-16 SUPERWORLD-14A-10-16 Datasheet
112Kb / 1P
   POWER TRANSFORMER
CS7-16 SUPERWORLD-CS7-16 Datasheet
109Kb / 1P
   POWER TRANSFORMER
14A-20-12 SUPERWORLD-14A-20-12 Datasheet
112Kb / 1P
   POWER TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com