Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPC-4F-04-51CDA Datasheet(PDF) 4 Page - Source Photonics, Inc.

Part # SPC-4F-04-51CDA
Description  4.25Gb/s Fibre Channel CWDM SFP Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPC-4F-04-51CDA Datasheet(HTML) 4 Page - Source Photonics, Inc.

  SPC-4F-04-51CDA Datasheet HTML 1Page - Source Photonics, Inc. SPC-4F-04-51CDA Datasheet HTML 2Page - Source Photonics, Inc. SPC-4F-04-51CDA Datasheet HTML 3Page - Source Photonics, Inc. SPC-4F-04-51CDA Datasheet HTML 4Page - Source Photonics, Inc. SPC-4F-04-51CDA Datasheet HTML 5Page - Source Photonics, Inc. SPC-4F-04-51CDA Datasheet HTML 6Page - Source Photonics, Inc. SPC-4F-04-51CDA Datasheet HTML 7Page - Source Photonics, Inc. SPC-4F-04-51CDA Datasheet HTML 8Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
4.25Gb/s Fibre Channel CWDM SFP Transceiver
SPC-4F-04-xxCDA
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
LUMNDS1559-Apr0908
Rev. A.0
Name of Field
Description of Field
Address
Hex
ASCII
Vendor Name
SFP Vendor Name(ASCII)
20
4C
L
21
55
U
22
4D
M
23
49
I
24
4E
N
25
45
E
26
4E
N
27
54
T
28
4F
O
29
49
I
30
43
C
Vendor OUI
IEEE Vendor OUI Code For LuminentOIC Inc.
37
00
38
06
39
B5
Vendor PN
Part Number in ASCII, e.g.
SPC-4F-04-xxCDA
40
53
S
41
50
P
42
43
C
43
34
4
44
46
F
45
30
0
46
34
4
47
x
x
48
x
x
49
43
C
50
44
D
51
41
A
EEPROM Serial ID


Similar Part No. - SPC-4F-04-51CDA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPC-4F-01-27CDA SOURCE-SPC-4F-01-27CDA Datasheet
526Kb / 8P
   4.25Gb/s Fibre Channel CWDM SFP Transceiver
SPC-4F-01-29CDA SOURCE-SPC-4F-01-29CDA Datasheet
526Kb / 8P
   4.25Gb/s Fibre Channel CWDM SFP Transceiver
SPC-4F-01-31CDA SOURCE-SPC-4F-01-31CDA Datasheet
526Kb / 8P
   4.25Gb/s Fibre Channel CWDM SFP Transceiver
SPC-4F-01-33CDA SOURCE-SPC-4F-01-33CDA Datasheet
526Kb / 8P
   4.25Gb/s Fibre Channel CWDM SFP Transceiver
SPC-4F-01-35CDA SOURCE-SPC-4F-01-35CDA Datasheet
526Kb / 8P
   4.25Gb/s Fibre Channel CWDM SFP Transceiver
More results

Similar Description - SPC-4F-04-51CDA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPC-4F-08 SOURCE-SPC-4F-08 Datasheet
218Kb / 11P
   4.25Gb/s Fibre Channel CWDM SFP Transceiver
SPC-4F-08-28-A SOURCE-SPC-4F-08-28-A Datasheet
493Kb / 8P
   4.25Gb/s Fibre Channel CWDM SFP Transceiver
SPC-4F-01-27CDA SOURCE-SPC-4F-01-27CDA Datasheet
526Kb / 8P
   4.25Gb/s Fibre Channel CWDM SFP Transceiver
logo
MRV Communications, Inc...
SFPFC4CW08 MRV-SFPFC4CW08 Datasheet
145Kb / 5P
   4.25 Gbps Fibre Channel CWDM SFP Transceiver
logo
Source Photonics, Inc.
SP-4F-01-CDA SOURCE-SP-4F-01-CDA Datasheet
503Kb / 7P
   4.25Gb/s 10km SFP Transceiver
SP-4F-04-CDA SOURCE-SP-4F-04-CDA Datasheet
461Kb / 7P
   4.25Gb/s 40km SFP Transceiver
SP-4F-08-CDA SOURCE-SP-4F-08-CDA Datasheet
462Kb / 7P
   4.25Gb/s 80km SFP Transceiver
SP-4F-01 SOURCE-SP-4F-01 Datasheet
217Kb / 11P
   4.25Gb/s 10km SFP Transceiver
SFPD-4F-04-15-A SOURCE-SFPD-4F-04-15-A Datasheet
629Kb / 7P
   4Gb/s Fibre Channel DWDM SFP Transceiver
SFPD-4F-08-15-A SOURCE-SFPD-4F-08-15-A Datasheet
630Kb / 7P
   4Gb/s Fibre Channel DWDM SFP Transceiver Preliminary
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com