Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST5-24 Datasheet(PDF) 1 Page - Superworld Electronics

Part # ST5-24
Description  POWER TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

ST5-24 Datasheet(HTML) 1 Page - Superworld Electronics

  ST5-24 Datasheet HTML 1Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1. CONFIGURATION & DIMENSIONS :
3. ELECTRICAL CHARACTERISTICS ( @ 25°C ) :
SUPERWORLD ELECTRONICS (S) PTE LTD
2. SCHEMATIC :
ST5-24 (F) SERIES
POWER TRANSFORMER
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
15.01.2008
gram
311
C
35.81
(1.410)
B
A
7.62
(.300)
10.16
(.400)
101.6-1016.0 x 34.93
Optional mtg.
screw & nut*
UNIT : mm (inch)
36.80
H
(1.45)
L
VA
48.50
(1.91)
W
40.30
(1.59)
SIZE
5
12
31.75
ML
(1.250)
PCB Pattern
35.31
(1.390)
H
7.11
(0.28)
6
C
W
ML
6 PIN
TYPE ST
115VAC 60Hz
5
7
8
4
1
Clearance hole for optional
mtg screw and nut
PC
terminal
" " indicates polarity
(4-40 x 1.375)
k. Core Size
j. Temperature Rise
EI-48 x 20.00 m/m .
Less Than 60 Deg C .
AC 2500V 60Hz 1 Minutes .
DC 500V 100Meg Ohm Of More .
= - Ohm .
Secondary = - Ohm .
i. Withstand Voltage (Hi-Pot)
h. Insulation Resistance
Pin 7-8
Parallel 12.00V .
Primary = 62.40 Ohm .
g. DC Resistance
Pin 1-4
Pin 5-6
Series 24.00V .
f. Full Load Secondary Voltage (±5%)
Less Than 145mA .
e. Full Load Primary Current
Parallel 1.2A .
Series 0.6A .
d. Secondary Load Current
Parallel AC 14.10V .
Series AC 28.20V .
c. Secondary Voltage (±5%)
Less Than 25mA .
b. No Load Primary Current
AC 115 V 60 Hz .
a. Primary Voltage


Similar Part No. - ST5-24

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
ST5-24B19 PULSE-ST5-24B19 Datasheet
159Kb / 1P
   Laminated Transformers Low Frequency Open-Style Laminated Split Bobbin Horizontal Plug-In Series
ST5-24B19 PULSE-ST5-24B19 Datasheet
159Kb / 1P
   Low Frequency, Open-Style Laminated, Split Bobbin, Horizontal Plug-In Series
More results

Similar Description - ST5-24

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
VPS10-13000 TRIAD-VPS10-13000 Datasheet
158Kb / 1P
   POWER TRANSFORMER POWER TRANSFORMER
logo
Superworld Electronics
12A-2.5-12 SUPERWORLD-12A-2.5-12 Datasheet
122Kb / 1P
   POWER TRANSFORMER
12A-2.5-20 SUPERWORLD-12A-2.5-20 Datasheet
111Kb / 1P
   POWER TRANSFORMER
DCS3-28 SUPERWORLD-DCS3-28 Datasheet
120Kb / 1P
   POWER TRANSFORMER
logo
PCA ELECTRONICS INC.
EPA3876G PCA-EPA3876G Datasheet
50Kb / 1P
   Power Transformer
logo
List of Unclassifed Man...
F-229X ETC2-F-229X Datasheet
50Kb / 1P
   POWER TRANSFORMER
logo
Rhombus Industries Inc.
T-605 RHOMBUS-IND-T-605 Datasheet
37Kb / 1P
   POWER TRANSFORMER
logo
Superworld Electronics
14A-10-12 SUPERWORLD-14A-10-12 Datasheet
111Kb / 1P
   POWER TRANSFORMER
14A-10-16 SUPERWORLD-14A-10-16 Datasheet
112Kb / 1P
   POWER TRANSFORMER
CS7-16 SUPERWORLD-CS7-16 Datasheet
109Kb / 1P
   POWER TRANSFORMER
14A-20-12 SUPERWORLD-14A-20-12 Datasheet
112Kb / 1P
   POWER TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com