Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-15-DFB2.5-R-SFC2 Datasheet(PDF) 2 Page - Source Photonics, Inc.

Part # C-15-DFB2.5-R-SFC2
Description  1550nm 2.5G MQW-DFB Laser Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-15-DFB2.5-R-SFC2 Datasheet(HTML) 2 Page - Source Photonics, Inc.

  C-15-DFB2.5-R-SFC2 Datasheet HTML 1Page - Source Photonics, Inc. C-15-DFB2.5-R-SFC2 Datasheet HTML 2Page - Source Photonics, Inc. C-15-DFB2.5-R-SFC2 Datasheet HTML 3Page - Source Photonics, Inc. C-15-DFB2.5-R-SFC2 Datasheet HTML 4Page - Source Photonics, Inc. C-15-DFB2.5-R-SFC2 Datasheet HTML 5Page - Source Photonics, Inc. C-15-DFB2.5-R-SFC2 Datasheet HTML 6Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
C-15-DFB2.5-XX-SXXXX/XXX-X-XX
1550nm 2.5G MQW-DFB Laser Diode
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS892-NOV0305
rev. A.0
LUMINENTOIC.COM
Module
LD Pin Assignment
Packaging Dimension
Units in mm
Part Number: C-15-DFB2.5-RX-SXXXX-XX
plastic
metal
metal
FC Receptacle
ST Receptacle
SC Receptacle
PD
CASE
LD
Pin 1 : Laser Anode and Monitor Diode Cathode
Pin 2 : Case Gnd
Pin 4 : Monitor Diode Anode
Pin 3 : Laser Cathode
Pin 3 : Monitor Diode Anode
Pin 4 : Monitor Diode Cathode
Pin 2 : Laser Anode and Case Gnd
Pin 1 : Laser Cathode
LD
A Type
CASE
Pin 1 : Monitor Diode Anode
Pin 3 : Laser Cathode
Pin 4 : Monitor Diode Cathode
Pin 2 : Laser Anode and Case Gnd
B Type
PD
D Type


Similar Part No. - C-15-DFB2.5-R-SFC2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C-15-DFB2.5-RD-SFC-K ETC-C-15-DFB2.5-RD-SFC-K Datasheet
394Kb / 3P
   1550 nm, 2.5 Gbps MQW-DFB Laser Diode Modules
C-15-DFB2.5-RD-SFC-O ETC-C-15-DFB2.5-RD-SFC-O Datasheet
394Kb / 3P
   1550 nm, 2.5 Gbps MQW-DFB Laser Diode Modules
C-15-DFB2.5-RD-SFC-V ETC-C-15-DFB2.5-RD-SFC-V Datasheet
394Kb / 3P
   1550 nm, 2.5 Gbps MQW-DFB Laser Diode Modules
C-15-DFB2.5-RD-SFCI-K ETC-C-15-DFB2.5-RD-SFCI-K Datasheet
394Kb / 3P
   1550 nm, 2.5 Gbps MQW-DFB Laser Diode Modules
C-15-DFB2.5-RD-SFCI-O ETC-C-15-DFB2.5-RD-SFCI-O Datasheet
394Kb / 3P
   1550 nm, 2.5 Gbps MQW-DFB Laser Diode Modules
More results

Similar Description - C-15-DFB2.5-R-SFC2

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-15-DFB-P-SSC2I-APC-O-01 SOURCE-C-15-DFB-P-SSC2I-APC-O-01 Datasheet
385Kb / 3P
   1550nm MQW-DFB Laser Diode Module
C-15-DFB-T-SFCL SOURCE-C-15-DFB-T-SFCL Datasheet
747Kb / 6P
   1550nm MQW-DFB Laser Diode Module
C-13-DFB2.5-T-SFCL SOURCE-C-13-DFB2.5-T-SFCL Datasheet
732Kb / 6P
   1310nm 2.5G MQW-DFB Laser Diode Module
logo
OKI electronic componet...
OL5392L OKI-OL5392L Datasheet
43Kb / 2P
   1550nm MQW DFB Laser Diode Uncooled Module with Single Mode Fiber
logo
KODENSHI_AUK CORP.
KLT-255544 KODENSHI-KLT-255544 Datasheet
112Kb / 2P
   1550nm InGaAsP strained MQW DFB-LD
logo
Renesas Technology Corp
NX6511GH RENESAS-NX6511GH_15 Datasheet
190Kb / 7P
   LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE
logo
California Eastern Labs
NX6414EH CEL-NX6414EH Datasheet
173Kb / 8P
   LASER DIODE 1 490 nm InGaAsP MQW-DFB LASER DIODE
logo
Renesas Technology Corp
NX6314EH RENESAS-NX6314EH_15 Datasheet
205Kb / 7P
   LASER DIODE 1 310 nm InGaAsP MQW-DFB LASER DIODE
NX6510GH RENESAS-NX6510GH_15 Datasheet
207Kb / 7P
   LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE
logo
Optoway Technology Inc
DL-5100-1650 OPTOWAY-DL-5100-1650_07 Datasheet
113Kb / 3P
   1650 nm DFB LASER DIODES MQW-DFB LASER DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com