Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AS1008AD Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AS1008AD
Description  QUADRUPLE 2-INPUT POSITIVE-AND BUFFER/DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AS1008AD Datasheet(HTML) 2 Page - Texas Instruments

  SN74AS1008AD Datasheet HTML 1Page - Texas Instruments SN74AS1008AD Datasheet HTML 2Page - Texas Instruments SN74AS1008AD Datasheet HTML 3Page - Texas Instruments SN74AS1008AD Datasheet HTML 4Page - Texas Instruments SN74AS1008AD Datasheet HTML 5Page - Texas Instruments SN74AS1008AD Datasheet HTML 6Page - Texas Instruments SN74AS1008AD Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SN74AS1008A
QUADRUPLE 2-INPUT POSITIVE-AND BUFFER/DRIVER
SDAS071B – DECEMBER 1982 – REVISED JANUARY 1995
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
IOH
High-level output current
–48
mA
IOL
Low-level output current
48
mA
TA
Operating free-air temperature
0
70
°C
† This high sink- or source-current device is not recommended for use above 40 MHz.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
V
VCC = 4.5 V to 5.5 V,
IOH = – 2 mA
VCC –2
VOH
VCC =4 5V
IOH = – 3 mA
2.4
3.2
V
VCC = 4.5 V
IOH = – 48 mA
2
VOL
VCC = 4.5 V,
IOL = 48 mA
0.35
0.5
V
II
VCC = 5.5 V,
VI = 7 V
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
µA
IIL
VCC = 5.5 V,
VI = 0.4 V
– 0.5
mA
IO§
VCC = 5.5 V,
VO = 2.25 V
–50
– 200
mA
ICCH
VCC = 5.5 V,
VI = 4.5 V
5.6
9.5
mA
ICCL
VCC = 5.5 V,
VI = 0
13.5
22
mA
‡ All typical values are at VCC = 5 V, TA = 25°C.
§ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX¶
UNIT
MIN
MAX
tPLH
AorB
Y
1
6
ns
tPHL
A or B
Y
1
6
ns
¶ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.


Similar Part No. - SN74AS1008AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AS1008AD TI1-SN74AS1008AD Datasheet
251Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND BUFFER/DRIVER
SN74AS1008ADE4 TI1-SN74AS1008ADE4 Datasheet
251Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND BUFFER/DRIVER
SN74AS1008ADG4 TI1-SN74AS1008ADG4 Datasheet
251Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND BUFFER/DRIVER
More results

Similar Description - SN74AS1008AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AS1008A TI1-SN74AS1008A_14 Datasheet
251Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND BUFFER/DRIVER
logo
Fairchild Semiconductor
DM74ALS1008A FAIRCHILD-DM74ALS1008A Datasheet
46Kb / 4P
   Quadruple 2-Input AND Buffer
logo
Texas Instruments
SN54HC08 TI-SN54HC08 Datasheet
77Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI-SN54LVC08A Datasheet
111Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHCT08 TI-SN54AHCT08_10 Datasheet
900Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN5408 TI-SN5408 Datasheet
625Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
CD54ACT08 TI-CD54ACT08 Datasheet
302Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHC08 TI-SN54AHC08_10 Datasheet
771Kb / 20P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54ACT08 TI-SN54ACT08_10 Datasheet
658Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN74AHCT08-EP TI1-SN74AHCT08-EP Datasheet
421Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com