Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALVCHR16601DGV Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74ALVCHR16601DGV
Description  18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVCHR16601DGV Datasheet(HTML) 5 Page - Texas Instruments

  SN74ALVCHR16601DGV Datasheet HTML 1Page - Texas Instruments SN74ALVCHR16601DGV Datasheet HTML 2Page - Texas Instruments SN74ALVCHR16601DGV Datasheet HTML 3Page - Texas Instruments SN74ALVCHR16601DGV Datasheet HTML 4Page - Texas Instruments SN74ALVCHR16601DGV Datasheet HTML 5Page - Texas Instruments SN74ALVCHR16601DGV Datasheet HTML 6Page - Texas Instruments SN74ALVCHR16601DGV Datasheet HTML 7Page - Texas Instruments SN74ALVCHR16601DGV Datasheet HTML 8Page - Texas Instruments SN74ALVCHR16601DGV Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SN74ALVCHR16601
18-BIT UNIVERSAL BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCES123G – SEPTEMBER 1997 – REVISED JUNE 1999
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted) (see Figures 1 through 3)
VCC = 1.8 V
VCC = 2.5 V
± 0.2 V
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
150
150
150
MHz
t
Pulse
LE high
3.3
3.3
3.3
ns
tw
duration
CLK high or low
3.3
3.3
3.3
ns
Data before CLK
2.3
2.4
2.1
t
Setup time
Data before LE
CLK high
2
1.6
1.6
ns
tsu
Setup time
Data before LE
CLK low
1.3
1.2
1.1
ns
CLKEN before CLK
2
2
1.7
Data after CLK
0.7
0.7
0.8
th
Hold time
Data after LE
CLK high
1.3
1.6
1.4
ns
th
Hold time
Data after LE
CLK low
1.7
2
1.7
ns
CLKEN after CLK
0.3
0.5
0.6
† This information was not available at the time of publication.
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figures 1 through 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 1.8 V
VCC = 2.5 V
± 0.2 V
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MIN
MAX
MIN
MAX
MIN
MAX
fmax
150
150
150
MHz
A or B
1
4.8
5.1
1
4.4
tpd
LEAB or LEBA
B or A
1
5.5
5.8
1
5.1
ns
CLKAB or CLKBA
1.2
5.9
6.3
1.4
5.4
ten
OEAB or OEBA
B or A
1.1
6.3
6.6
1.1
5.6
ns
tdis
OEAB or OEBA
B or A
1
4.2
5.1
1.6
4.7
ns
† This information was not available at the time of publication.
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
VCC = 1.8 V VCC = 2.5 V VCC = 3.3 V
UNIT
PARAMETER
TEST CONDITIONS
TYP
TYP
TYP
UNIT
C d
Power dissipation
Outputs enabled
CL =0
f=10MHz
56
63
pF
Cpd
capacitance
Outputs disabled
CL = 0,
f = 10 MHz
12
13
pF
† This information was not available at the time of publication.


Similar Part No. - SN74ALVCHR16601DGV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCHR16601DL TI1-SN74ALVCHR16601DL Datasheet
318Kb / 14P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALVCHR16601DGV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH16601DGGR TI-SN74ALVCH16601DGGR Datasheet
374Kb / 15P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16501 TI-SN74ALVCH16501_06 Datasheet
297Kb / 13P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16501 TI-SN74ALVCH16501 Datasheet
154Kb / 11P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16601 TI-SN74ALVCH16601 Datasheet
142Kb / 10P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16600 TI-SN74ALVCH16600 Datasheet
142Kb / 10P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH162601 TI-SN74ALVCH162601 Datasheet
149Kb / 11P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16500 TI-SN74ALVCH16500 Datasheet
155Kb / 11P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCHR162601 TI-SN74ALVCHR162601 Datasheet
130Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH162601GR TI-SN74ALVCH162601GR Datasheet
361Kb / 15P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC162601 TI1-SN74ALVC162601 Datasheet
140Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com