Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP-MR-LR1-TNA Datasheet(PDF) 7 Page - Source Photonics, Inc.

Part # SP-MR-LR1-TNA
Description  Multi-Rate SFP Transceiver(LR1)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SP-MR-LR1-TNA Datasheet(HTML) 7 Page - Source Photonics, Inc.

  SP-MR-LR1-TNA Datasheet HTML 1Page - Source Photonics, Inc. SP-MR-LR1-TNA Datasheet HTML 2Page - Source Photonics, Inc. SP-MR-LR1-TNA Datasheet HTML 3Page - Source Photonics, Inc. SP-MR-LR1-TNA Datasheet HTML 4Page - Source Photonics, Inc. SP-MR-LR1-TNA Datasheet HTML 5Page - Source Photonics, Inc. SP-MR-LR1-TNA Datasheet HTML 6Page - Source Photonics, Inc. SP-MR-LR1-TNA Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
7
LUMINENTOIC.COM
Multi-Rate SFP Transceiver(LR1)
SP-MR-LR1
IMPORTANT NOTICE!
All information contained in this document is subject to change without notice, at LuminentOIC’s sole and absolute discretion. LuminentOIC warrants performance
of its products to current specifications only in accordance with the company’s standard one-year warranty; however, specifications designated as “preliminary” are
given to describe components only, and LuminentOIC expressly disclaims any and all warranties for said products, including express, implied, and statutory warran-
ties, warranties of merchantability, fitness for a particular purpose, and non-infringement of proprietary rights. Please refer to the company’s Terms and Conditions of
Sale for further warranty information.
LuminentOIC assumes no liability for applications assistance, customer product design, software performance, or infringement of patents, services, or intellectual
property described herein. No license, either express or implied, is granted under any patent right, copyright, or intellectual property right, and LuminentOIC makes
no representations or warranties that the product(s) described herein are free from patent, copyright, or intellectual property rights. Products described in this docu-
ment are NOT intended for use in implantation or other life support applications where malfunction may result in injury or death to persons. LuminentOIC customers
using or selling products for use in such applications do so at their own risk and agree to fully defend and indemnify LuminentOIC for any damages resulting from
such use or sale.
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN “AS IS” BASIS. Customer agrees that LuminentOIC is not liable for any
actual, consequential, exemplary, or other damages arising directly or indirectly from any use of the information contained in this document. Customer must contact
LuminentOIC to obtain the latest version of this publication to verify, before placing any order, that the information contained herein is current.
© LuminentOIC, Inc. 2003
All rights reserved
Handling Precautions: This device is susceptible to damage as a result of electrostatic discharge (ESD). A static free environment is highly recommended. Follow
guidelines according to proper ESD procedures.
Laser Safety: Radiation emitted by laser devices can be dangerous to human eyes. Avoid eye exposure to direct or indirect radiation.
Warnings:
Legal Notes:
LUMNDS1529-Oct2907
Rev A.2
Ordering Information
Part numbering Definition:
SP - MR - LR1 - Temperature Diagnostic Revision
• Operating Temperature
C = Commercial (-5 to 70ºC)
R = Reduced Industrial (-20 to 85ºC)
T = Industrial temperature (-40 to 85ºC),
• D = Digital Diagnostic (SFF-8472)
N = No Digital Diagnostic
Available Options:
SP-MR-LR1-CDA
SP-MR-LR1-CNA
SP-MR-LR1-RDA
SP-MR-LR1-RNA
• SP = Small Form Pluggable
MR = Multi Rate
LR1 = Long Reach 40 km
• Design Revision
A = RoHS compliant
SP-MR-LR1-TDA
SP-MR-LR1-TNA


Similar Part No. - SP-MR-LR1-TNA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SP-MR-LR1 SOURCE-SP-MR-LR1 Datasheet
217Kb / 11P
   Multi-Rate SFP Transceiver (LR1)
More results

Similar Description - SP-MR-LR1-TNA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SP-MR-LR1 SOURCE-SP-MR-LR1 Datasheet
217Kb / 11P
   Multi-Rate SFP Transceiver (LR1)
SP-03-LR1-CDA SOURCE-SP-03-LR1-CDA Datasheet
485Kb / 7P
   155 Mbps SFP Transceiver (LR1)
SP-MR-IR1-CDA SOURCE-SP-MR-IR1-CDA Datasheet
520Kb / 6P
   Multi-Rate SFP Transceiver(IR1)
SP-MR-SR1-CDA SOURCE-SP-MR-SR1-CDA Datasheet
478Kb / 7P
   Multi-Rate SFP Transceiver(SR1)
SP-MR-LR2-CDA SOURCE-SP-MR-LR2-CDA Datasheet
488Kb / 5P
   Multi-Rate SFP Transceiver(LR2)
SPC-MR-EIR-31CDA SOURCE-SPC-MR-EIR-31CDA Datasheet
493Kb / 8P
   Multi-Rate CWDM SFP Transceiver
SP-MR-LR2 SOURCE-SP-MR-LR2 Datasheet
217Kb / 11P
   Multi-Rate SFP Transceiver (LR2)
SP-MR-IR2-CDA SOURCE-SP-MR-IR2-CDA Datasheet
499Kb / 5P
   Multi-Rate SFP Transceiver(IR2)
logo
Finisar Corporation.
FWLF15217D FINISAR-FWLF15217D Datasheet
702Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1621P2T47 FINISAR-FWLF1621P2T47 Datasheet
506Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com