Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-135-155C-FDFB-SLC5S Datasheet(PDF) 3 Page - Source Photonics, Inc.

Part # C-135-155C-FDFB-SLC5S
Description  155 Mbps Single Mode SFF LC Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-135-155C-FDFB-SLC5S Datasheet(HTML) 3 Page - Source Photonics, Inc.

  C-135-155C-FDFB-SLC5S Datasheet HTML 1Page - Source Photonics, Inc. C-135-155C-FDFB-SLC5S Datasheet HTML 2Page - Source Photonics, Inc. C-135-155C-FDFB-SLC5S Datasheet HTML 3Page - Source Photonics, Inc. C-135-155C-FDFB-SLC5S Datasheet HTML 4Page - Source Photonics, Inc. C-135-155C-FDFB-SLC5S Datasheet HTML 5Page - Source Photonics, Inc. C-135-155C-FDFB-SLC5S Datasheet HTML 6Page - Source Photonics, Inc. C-135-155C-FDFB-SLC5S Datasheet HTML 7Page - Source Photonics, Inc. C-135-155C-FDFB-SLC5S Datasheet HTML 8Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
155 Mbps Single Mode SFF LC Transceiver
C-1XX-155(C)-FDFB-SLCX
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS850-Apr0706
Rev A.2
LUMINENTOIC.COM
PIN
Symbol
Notes
1
RxGND
Directly connect this pin to the receiver ground plane
2
TxVcc
+3.3 V dc power for the receiver section
3
SD
Active high on this indicates a received optical signal(LVPECL/LVTTL)
4
RD-
Receiver Data Out Bar (LVPECL)
5
RD+
Receiver Dat Out (LVPECL)
6
TxVcc
+3.3 V dc power for the transmitter section
7
TxGND
Directly connect this pin to the transmitter ground plane
8
TxDIS
Transmitter disable (LVTTL)
9
TD+
Transmitter Data In (LVPECL)
10
TD-
Transmitter Data In Bar (LVPECL)
Attaching Posts
The attaching posts are at case potential and may be connected to chassis
ground. They are isolated from circuit ground.
Connection Diagram
Parameter
Symbol
Min
Typical
Max
Unit
Note
Electrical
Power Supply Current
ICC
-
-
120
mA
The current excludes the output load current
Data Output Voltage-Low
VOL -Vcc
-2
-
-1.58
V
These outputs are compatible with 10K,
10KH and 100K ECL and LVPECL outputs
Data Output Voltage-High
VOH- Vcc
-1.1
-
-0.74
V
Signal Detect Output Voltage-Low
VSDL-Vcc
-2
-
-1.58
V
C-1XX-155-FDFB-SLCX
Signal Detect Output Voltage-High
VSDH- Vcc
-1.1
-
-0.74
V
Signal Detect Output Voltage-Low
VSDL-Vcc
-
-
0.5
V
C-1XX-155C-FDFB-SLCX
Signal Detect Output Voltage-High
VSDH- Vcc
2.0
-
-
V
Receiver Specifications
Legal Notice


Similar Part No. - C-135-155C-FDFB-SLC5S

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-135-1250-FDFB-SLC2 SOURCE-C-135-1250-FDFB-SLC2 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-135-1250-FDFB-SLC2-G5 SOURCE-C-135-1250-FDFB-SLC2-G5 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-135-1250-FDFB-SLC3 SOURCE-C-135-1250-FDFB-SLC3 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-135-1250-FDFB-SLC3-G5 SOURCE-C-135-1250-FDFB-SLC3-G5 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-135-1250-FDFB-SLC4 SOURCE-C-135-1250-FDFB-SLC4 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
More results

Similar Description - C-135-155C-FDFB-SLC5S

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-155-F-SLC3S-19 SOURCE-C-13-155-F-SLC3S-19 Datasheet
720Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLC3A-12 SOURCE-C-13-155-F-SLC3A-12 Datasheet
758Kb / 10P
   155 Mbps Single Mode SFF LC Transceiver
C-15-155-FDFB-SLC8A-G5 SOURCE-C-15-155-FDFB-SLC8A-G5 Datasheet
721Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLCA-55-G5 SOURCE-C-13-155-F-SLCA-55-G5 Datasheet
866Kb / 10P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-FDFB-SLC8A-G5 SOURCE-C-13-155-FDFB-SLC8A-G5 Datasheet
272Kb / 11P
   155 Mbps Single Mode SFF LC Transceiver
C-15-155-FDFB-SLC8 SOURCE-C-15-155-FDFB-SLC8 Datasheet
880Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLC SOURCE-C-13-155-F-SLC Datasheet
880Kb / 11P
   155 Mbps Single Mode SFF LC Transceiver
logo
Optoway Technology Inc
TRSL-3380W-CXX0G OPTOWAY-TRSL-3380W-CXX0G Datasheet
162Kb / 5P
   3.3V / CWDM / 155 Mbps SFF 2X10 LC SINGLE-MODE TRANSCEIVER
TRSL-33100W-CXX0G OPTOWAY-TRSL-33100W-CXX0G Datasheet
162Kb / 5P
   3.3V / CWDM / 155 Mbps SFF 2X10 LC SINGLE-MODE TRANSCEIVER
TRSL-33120W-CXX0G OPTOWAY-TRSL-33120W-CXX0G Datasheet
162Kb / 5P
   3.3V / CWDM / 155 Mbps SFF 2X10 LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com