Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-149-1250C-FDFB-SLC3-G5 Datasheet(PDF) 6 Page - Source Photonics, Inc.

Part # C-149-1250C-FDFB-SLC3-G5
Description  1.25 Gbps Single Mode SFF LC Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-149-1250C-FDFB-SLC3-G5 Datasheet(HTML) 6 Page - Source Photonics, Inc.

  C-149-1250C-FDFB-SLC3-G5 Datasheet HTML 1Page - Source Photonics, Inc. C-149-1250C-FDFB-SLC3-G5 Datasheet HTML 2Page - Source Photonics, Inc. C-149-1250C-FDFB-SLC3-G5 Datasheet HTML 3Page - Source Photonics, Inc. C-149-1250C-FDFB-SLC3-G5 Datasheet HTML 4Page - Source Photonics, Inc. C-149-1250C-FDFB-SLC3-G5 Datasheet HTML 5Page - Source Photonics, Inc. C-149-1250C-FDFB-SLC3-G5 Datasheet HTML 6Page - Source Photonics, Inc. C-149-1250C-FDFB-SLC3-G5 Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
1.25 Gbps Single Mode SFF LC Transceiver
C-1xx-1250(C)-FDFB-SLCx
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS771-Nov2707
Rev A.1
LUMINENTOIC.COM
Recommended Panel mounting
DIMENSION IN MILLIMETER (INCHES)
Recommended Board Layout Hole Pattern
1.THIS FIGURE DESCRIBE THE RECOMMAND CIRCUIT BOARD LAYOUT FOR THE SFF TRANSCEIVER.
2.THE HATCHED AREAS ARE KEEP-OUT AREAS RESERVED FOR HOUSING STANDOFF. NO METAL
TRACES OR GROUND CONNECTION IN KEEP-OUT AREAS.
3.THE MOUNTING STUDS SHOULD BE SOLDERED TO CHASSIS GROUND FOR MECHANICAL INTEGRITY.
DIMENSION IN MILLIMETER (INCHES)
NOTES:


Similar Part No. - C-149-1250C-FDFB-SLC3-G5

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-149-1250C-TDFB-SSC2 SOURCE-C-149-1250C-TDFB-SSC2 Datasheet
970Kb / 6P
   1.25 Gbps CWDM Single Mode Transceiver(5V)
C-149-1250C-TDFB3-SSC2 SOURCE-C-149-1250C-TDFB3-SSC2 Datasheet
857Kb / 6P
   1.25 Gbps CWDM Single Mode Transceiver(3.3V)
More results

Similar Description - C-149-1250C-FDFB-SLC3-G5

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-15-1250AC-FDFB-SLC3A-07 SOURCE-C-15-1250AC-FDFB-SLC3A-07 Datasheet
710Kb / 10P
   1.25 Gbps Single Mode SFF LC Transceiver
C-127-1250AC-FDFB-SLC2 SOURCE-C-127-1250AC-FDFB-SLC2 Datasheet
717Kb / 8P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250AC-FDFB-SLC2A-G5 SOURCE-C-13-1250AC-FDFB-SLC2A-G5 Datasheet
708Kb / 10P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250-F-SLC SOURCE-C-13-1250-F-SLC Datasheet
748Kb / 10P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250-FDFB-SLC2 SOURCE-C-13-1250-FDFB-SLC2 Datasheet
846Kb / 11P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250AC-F-SLCA-11-G5 SOURCE-C-13-1250AC-F-SLCA-11-G5 Datasheet
720Kb / 9P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250AC-F-SLC SOURCE-C-13-1250AC-F-SLC Datasheet
820Kb / 11P
   1.25 Gbps Single Mode SFF LC Transceiver
logo
Optoway Technology Inc
TRSL-7350CG OPTOWAY-TRSL-7350CG Datasheet
123Kb / 4P
   3.3V / 1550 nm / 1.25 Gbps SFF LC SINGLE-MODE TRANSCEIVER
TRSL-7350W-CXX0 OPTOWAY-TRSL-7350W-CXX0 Datasheet
158Kb / 5P
   3.3V / CWDM / 1.25 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-7380W-CXX0 OPTOWAY-TRSL-7380W-CXX0 Datasheet
157Kb / 5P
   3.3V / CWDM / 1.25 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com