Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN74ALVCH374 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part No. SN74ALVCH374
Description  OCTAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

SN74ALVCH374 Datasheet(HTML) 4 Page - Texas Instruments

   
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SN74ALVCH374
OCTAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP-FLOP
WITH 3-STATE OUTPUTS
SCES118E – JULY 1997 – REVISED OCTOBER 1999
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP†
MAX
UNIT
IOH = –100 µA
1.65 V to 3.6 V
VCC–0.2
IOH = –4 mA
1.65 V
1.2
IOH = –6 mA
2.3 V
2
VOH
2.3 V
1.7
V
IOH = –12 mA
2.7 V
2.2
3 V
2.4
IOH = –24 mA
3 V
2
IOL = 100 µA
1.65 V to 3.6 V
0.2
IOL = 4 mA
1.65 V
0.45
VOL
IOL = 6 mA
2.3 V
0.4
V
VOL
IOL =12mA
2.3 V
0.7
V
IOL = 12 mA
2.7 V
0.4
IOL = 24 mA
3 V
0.55
II
VI = VCC or GND
3.6 V
±5
µA
VI = 0.58 V
1.65 V
25
VI = 1.07 V
1.65 V
–25
VI = 0.7 V
2.3 V
45
II(hold)
VI = 1.7 V
2.3 V
–45
µA
()
VI = 0.8 V
3 V
75
VI = 2 V
3 V
–75
VI = 0 to 3.6 V‡
3.6 V
±500
IOZ
VO = VCC or GND
3.6 V
±10
µA
ICC
VI = VCC or GND,
IO = 0
3.6 V
10
µA
∆ICC
One input at VCC – 0.6 V,
Other inputs at VCC or GND
3 V to 3.6 V
750
µA
Ci
Control inputs
VI =VCC or GND
33 V
5
pF
Ci
Data inputs
VI = VCC or GND
3.3 V
6
pF
Co
Outputs
VO = VCC or GND
3.3 V
7.5
pF
† All typical values are at VCC = 3.3 V, TA = 25°C.
‡ This is the bus-hold maximum dynamic current. It is the minimum overdrive current required to switch the input from one state to another.
timing requirements over recommended operating free-air temperature range (unless otherwise
noted) (see Figures 1 through 3)
VCC = 1.8 V
± 0.15 V
VCC = 2.5 V
± 0.2 V
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
100
100
150
MHz
tw
Pulse duration, CLK high or low
3.8
3.3
3.3
3.3
ns
tsu
Setup time, data before CLK
3
1.8
2.1
1.8
ns
th
Hold time, data after CLK
1
0.5
0.5
0.5
ns


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn