Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP-TR-LX-CNA Datasheet(PDF) 7 Page - Source Photonics, Inc.

Part # SP-TR-LX-CNA
Description  10Km Tri-rate SFP Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SP-TR-LX-CNA Datasheet(HTML) 7 Page - Source Photonics, Inc.

  SP-TR-LX-CNA Datasheet HTML 1Page - Source Photonics, Inc. SP-TR-LX-CNA Datasheet HTML 2Page - Source Photonics, Inc. SP-TR-LX-CNA Datasheet HTML 3Page - Source Photonics, Inc. SP-TR-LX-CNA Datasheet HTML 4Page - Source Photonics, Inc. SP-TR-LX-CNA Datasheet HTML 5Page - Source Photonics, Inc. SP-TR-LX-CNA Datasheet HTML 6Page - Source Photonics, Inc. SP-TR-LX-CNA Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
7
LUMINENTOIC.COM
10Km Tri-rate SFP Transceiver
LUMNDS1356-Feb1607
Rev A.2
IMPORTANT NOTICE!
All information contained in this document is subject to change without notice, at LuminentOIC’s sole and absolute discretion. LuminentOIC warrants performance
of its products to current specifications only in accordance with the company’s standard one-year warranty; however, specifications designated as “preliminary” are
given to describe components only, and LuminentOIC expressly disclaims any and all warranties for said products, including express, implied, and statutory warran-
ties, warranties of merchantability, fitness for a particular purpose, and non-infringement of proprietary rights. Please refer to the company’s Terms and Conditions of
Sale for further warranty information.
LuminentOIC assumes no liability for applications assistance, customer product design, software performance, or infringement of patents, services, or intellectual
property described herein. No license, either express or implied, is granted under any patent right, copyright, or intellectual property right, and LuminentOIC makes
no representations or warranties that the product(s) described herein are free from patent, copyright, or intellectual property rights. Products described in this docu-
ment are NOT intended for use in implantation or other life support applications where malfunction may result in injury or death to persons. LuminentOIC customers
using or selling products for use in such applications do so at their own risk and agree to fully defend and indemnify LuminentOIC for any damages resulting from
such use or sale.
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN “AS IS” BASIS. Customer agrees that LuminentOIC is not liable for any
actual, consequential, exemplary, or other damages arising directly or indirectly from any use of the information contained in this document. Customer must contact
LuminentOIC to obtain the latest version of this publication to verify, before placing any order, that the information contained herein is current.
© LuminentOIC, Inc. 2003
All rights reserved
Handling Precautions: This device is susceptible to damage as a result of electrostatic discharge (ESD). A static free environment is highly recommended. Follow
guidelines according to proper ESD procedures.
Laser Safety: Radiation emitted by laser devices can be dangerous to human eyes. Avoid eye exposure to direct or indirect radiation.
Warnings:
Legal Notes:
SP-TR-LX
Ordering Information
Part numbering Definition:
SP - TR - LX - Temperature Diagnostic Revision -
Customer Specific
• Operating Temperature
C = Commercial temperature (-5 to 70ºC)
T = Industrial temperature (-40 to 85ºC)
• Blank = Standard Procedure
Labelling, Serial number, or Shipping Instructions, etc.
• D = Digital Diagnostic (SFF-8472)
N = No Digital Diagnostic
Available Options:
SP-TR-LX-CNA
SP-TR-LX-TNA
SP-TR-LX-CDA
SP-TR-LX-TDA
• SP = Small Form Pluggable
TR = Tri-rate
LX = 10km reach
• Design Revision
A = RoHS-5/6 compliant (lead exemption)
C = RoHS-6/6 compliant (lead free soldering)
SP-TR-LX-CNC
SP-TR-LX-TNC
SP-TR-LX-CDC
SP-TR-LX-TDC


Similar Part No. - SP-TR-LX-CNA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP-T3 ETC2-SP-T3 Datasheet
48Kb / 1P
   Surface Mount Quartz Crystal Units for Low Frequencies
logo
Red Lion Controls. Inc
SP-TELCO REDLION-SP-TELCO Datasheet
275Kb / 1P
   Telephone Line Surge and Lightning Protector
SP-TELCO-1 REDLION-SP-TELCO-1 Datasheet
275Kb / 1P
   Telephone Line Surge and Lightning Protector
SP-TELCO-1-5 REDLION-SP-TELCO-1-5 Datasheet
275Kb / 1P
   Telephone Line Surge and Lightning Protector
More results

Similar Description - SP-TR-LX-CNA

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX1472M3BTL FINISAR-FTLX1472M3BTL Datasheet
787Kb / 11P
   10Gb/s Multi-Rate, 10km Single Mode SFP Transceiver
FTLX1472M3BNL FINISAR-FTLX1472M3BNL Datasheet
302Kb / 11P
   10Gb/s Multi-Rate, 10km Single Mode SFP Transceiver
logo
OPLINK Communications I...
S0297-TPP4XGFLRXG OPLINK-S0297-TPP4XGFLRXG Datasheet
361Kb / 6P
   1310nm 10km SFP Transceiver
TPP4XGFLRXG OPLINK-TPP4XGFLRXG Datasheet
361Kb / 6P
   1310nm 10km SFP Transceiver
logo
Finisar Corporation.
FTLX1472M3BCL FINISAR-FTLX1472M3BCL Datasheet
648Kb / 11P
   10Gb/s, 2/10km Single Mode, Multi-Rate SFP Transceiver
logo
Source Photonics, Inc.
SP-GB-MX-CNA SOURCE-SP-GB-MX-CNA Datasheet
497Kb / 7P
   10Km Gigabit Ethernet SFP Transceiver
SP-4F-01 SOURCE-SP-4F-01 Datasheet
217Kb / 11P
   4.25Gb/s 10km SFP Transceiver
SP-GB-LX-CDA SOURCE-SP-GB-LX-CDA Datasheet
506Kb / 7P
   10Km Gigabit Ethernet SFP Transceiver
SP-4F-01-CDA SOURCE-SP-4F-01-CDA Datasheet
503Kb / 7P
   4.25Gb/s 10km SFP Transceiver
SP-DR-IR1-CDA SOURCE-SP-DR-IR1-CDA Datasheet
414Kb / 5P
   Dual Rate SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com