Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFU-43-48H-HP-TDE Datasheet(PDF) 6 Page - Source Photonics, Inc.

Part # SFU-43-48H-HP-TDE
Description  1490nm/1310nm Single Fiber SFFB Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SFU-43-48H-HP-TDE Datasheet(HTML) 6 Page - Source Photonics, Inc.

Back Button SFU-43-48H-HP-TDE Datasheet HTML 2Page - Source Photonics, Inc. SFU-43-48H-HP-TDE Datasheet HTML 3Page - Source Photonics, Inc. SFU-43-48H-HP-TDE Datasheet HTML 4Page - Source Photonics, Inc. SFU-43-48H-HP-TDE Datasheet HTML 5Page - Source Photonics, Inc. SFU-43-48H-HP-TDE Datasheet HTML 6Page - Source Photonics, Inc. SFU-43-48H-HP-TDE Datasheet HTML 7Page - Source Photonics, Inc. SFU-43-48H-HP-TDE Datasheet HTML 8Page - Source Photonics, Inc. SFU-43-48H-HP-TDE Datasheet HTML 9Page - Source Photonics, Inc. SFU-43-48H-HP-TDE Datasheet HTML 10Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
1490nm/1310nm Single Fiber OLT Transceiver
SFU-43-48H-HP-xDE
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS995-APR0207
Rev A.0 SHOR T FORM
LUMINENTOIC.COM
EEPROM Content
DEC
Addr.
HEX
Addr.
Field Size
(bytes)
Name
Default Value
Description
0
00
1
Identifier
02h
Module soldered to motherboard
1
01
1
Extended Identifier
04h
Function defined by serial ID
2
02
1
Connector
0Bh (pigtail).
Optical pigtail
3
03
8
Transceiver
00 00 00 00 00 00 00 00h
Transceiver Code Field, not applicable
11
0B
1
Encoding
03h
NRZ encoding
12
0C
1
Nominal Bit Rate in 100 MBps
19h
2488.32 Mbps
13
0D
1
Reserved
00h
Reserved
14
0E
1
Length (9µ, km) in km
14h
20km
15
0F
1
Length (9µ, m) in 100 m
C8h
20km
16
10
1
Length (50µ) in 10 m
00h
Not Supported
17
11
1
Length (62.5µ) in 10 m
00h
Not Supported
18
12
1
Length (Copper) in m
00h
Not Supported
19
13
1
Reserved
00h
Reserved
20
14
16
Vendor Name (ASCII)
"LUMINENTOIC
"
Vendor Name (ASCII)
36
24
1
Reserved
00h
Reserved
37
25
3
Vender IEEE Company ID
00 06 B5h
LuminentOIC IEEE ID
40
28
16
Vendor Part Number (ASCII)
"SFU4348HHPxDExxx"
Vendor Part Number (ASCII)
56
38
4
Vendor Rev (ASCII)
31 20 20 20
Revision
60
3C
2
Laser Wavelength in nm
05 D2h
1490nm Tx Wavelength
62
3E
1
Reserved
00h
Reserved
63
3F
1
Check Code for Base ID Fields
xxh
Checksum from byte 0-62
64
40
2
Options
00 1Ch
TX_DIS, TX_Fault, SD
66
42
1
Upper Bit Rate Margin in %
00h
BR, Max not specified
67
43
1
Lower Bit Rate Margin in %
00h
BR, Min not specified
68
44
16
Vendor Serial Number (ASCII)
"xxxxxxxxxxxxxxxx"
16 byte Serial number field (ASCII)
84
54
8
Date Code
xx xx xx xx xx xx 20 20h
Year(2 bytes) month(2 bytes) day(2 bytes)
92
5C
1
Diagnostic Monitoring Type
58h
Ext Calibration, Average Power Measurement
93
5D
1
Enhanced Options
E0h
Optical Alarm/warning implemented
Soft TX_DIS, TX_FAULT implemented
94
5E
1
SFF-8472 Compliance
02h
Compliance to SFF-8472 Rev 9.4
95
5F
1
Check Code for Extended ID
Fields
xxh
Checksum from byte 64-69
96
60
30
Vendor Specific
"SFU-43-48H-HP-xDE-xx
"
LOIC part number (ASCII)
126
7E
2
Vendor Specific
0C 83h
Upstream Bit Rate (100 Mbps units) and
Receive Wavelength (10 nm units)
128
80
128
Reserved
00….00h
Reserved; return to 0
I2C A0h Address
For detailed specifications of EEPROM contents and externally calibrated digital diagnostic monitor (DDM) functions, please refer to SFF-8472
standard Rev 9.5.


Similar Part No. - SFU-43-48H-HP-TDE

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SFU-43-48H-HP-TDE SOURCE-SFU-43-48H-HP-TDE Datasheet
423Kb / 13P
   Class B GPON OLT transceiver
More results

Similar Description - SFU-43-48H-HP-TDE

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPS-43-48H-HP-CDE SOURCE-SPS-43-48H-HP-CDE Datasheet
495Kb / 9P
   1490nm/1310nm Single Fiber OLT Transceiver Preliminary Datasheet
SPS-43-48H-HP-XDE SOURCE-SPS-43-48H-HP-XDE Datasheet
363Kb / 13P
   1490nm/1310nm Single Fiber OLT
logo
List of Unclassifed Man...
TSE-0155-32S-P1-3 ETC-TSE-0155-32S-P1-3 Datasheet
453Kb / 10P
   SINGLE MODE SINGLE FIBER TRANSCEIVER
logo
Pulse A Technitrol Comp...
SFPT-LX2-01 PULSE-SFPT-LX2-01 Datasheet
205Kb / 10P
   1.25Gb/s 1310nm Single-mode SFP Transceiver
SFPT-BD34-01 PULSE-SFPT-BD34-01 Datasheet
207Kb / 10P
   SFP BIDI 1.25G 1310/1490nm DDM 20KM Transceiver
logo
Source Photonics, Inc.
C-13-14-F02-P-SFCL SOURCE-C-13-14-F02-P-SFCL Datasheet
729Kb / 4P
   1310nm Emitting,1490nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
logo
Optoway Technology Inc
SPB-9905MG_2015 OPTOWAY-SPB-9905MG_2015 Datasheet
178Kb / 6P
   Multirate Single-Fiber SFP Transceiver
SPB-9920MG_2015 OPTOWAY-SPB-9920MG_2015 Datasheet
177Kb / 6P
   Multirate Single-Fiber SFP Transceiver
SPB-9940MG_2015 OPTOWAY-SPB-9940MG_2015 Datasheet
178Kb / 6P
   Multirate Single-Fiber SFP Transceiver
SPB-9780M-1510G_2015 OPTOWAY-SPB-9780M-1510G_2015 Datasheet
178Kb / 6P
   Multirate Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com