Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFU-43-48H-HP-CDE Datasheet(PDF) 9 Page - Source Photonics, Inc.

Part # SFU-43-48H-HP-CDE
Description  1490nm/1310nm Single Fiber SFFB Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SFU-43-48H-HP-CDE Datasheet(HTML) 9 Page - Source Photonics, Inc.

Back Button SFU-43-48H-HP-CDE Datasheet HTML 2Page - Source Photonics, Inc. SFU-43-48H-HP-CDE Datasheet HTML 3Page - Source Photonics, Inc. SFU-43-48H-HP-CDE Datasheet HTML 4Page - Source Photonics, Inc. SFU-43-48H-HP-CDE Datasheet HTML 5Page - Source Photonics, Inc. SFU-43-48H-HP-CDE Datasheet HTML 6Page - Source Photonics, Inc. SFU-43-48H-HP-CDE Datasheet HTML 7Page - Source Photonics, Inc. SFU-43-48H-HP-CDE Datasheet HTML 8Page - Source Photonics, Inc. SFU-43-48H-HP-CDE Datasheet HTML 9Page - Source Photonics, Inc. SFU-43-48H-HP-CDE Datasheet HTML 10Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
1490nm/1310nm Single Fiber OLT Transceiver
SFU-43-48H-HP-xDE
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS995-APR0207
Rev A.0 SHOR T FORM
LUMINENTOIC.COM
Outline Drawing
S
B
A
T
0
9
4
.
5
4
.
2
1
7
3
9
.
3
0
7
3
.
9
3
]
0
0
1
0
0
0
1
[
6
9
1
.
8
9
.
4
0
8
5
.
1
3
1
.
0
4
0
0
5
.
0
7
.
2
1
0
5
5
.
7
9
.
3
1
4
3
2
.
4
9
.
5
9
0
.
0
5
2
7
9
.
1
8
7
.
1
0
7
0
.
6
1
0
3
6
.
6
1
.
0
1
0
0
4
.
5
0
0
.
0
1
0
.
2
9
1
.
1
8
2
.
0
3
5
2
.
0
+
0
0
5
.
0
0
0
.
-
0
1
0
.
+
0
7
.
2
1
0
0
5
3
.
9
8
.
8
0
1
N
I
P
0
2
N
I
P
1
N
I
P
1
1
N
I
P
0
5
0
.
7
2
.
1
A
L
I
A
T
E
D
1
:
8
E
L
A
C
S
0
1
0
.
5
2
.
0
0
4
1
.
6
5
.
3
S
E
C
A
L
P
4
8
1
0
.
1
5
.
0
6
4
.
0
0
2
0
.
0
4
0
.
X
2
2
0
.
1
P
Y
T
0
2
1
.
4
0
.
3


Similar Part No. - SFU-43-48H-HP-CDE

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SFU-43-48H-HP-RDE SOURCE-SFU-43-48H-HP-RDE Datasheet
423Kb / 13P
   Class B GPON OLT transceiver
SFU-43-48H-HP-TDE SOURCE-SFU-43-48H-HP-TDE Datasheet
423Kb / 13P
   Class B GPON OLT transceiver
More results

Similar Description - SFU-43-48H-HP-CDE

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPS-43-48H-HP-CDE SOURCE-SPS-43-48H-HP-CDE Datasheet
495Kb / 9P
   1490nm/1310nm Single Fiber OLT Transceiver Preliminary Datasheet
SPS-43-48H-HP-XDE SOURCE-SPS-43-48H-HP-XDE Datasheet
363Kb / 13P
   1490nm/1310nm Single Fiber OLT
logo
List of Unclassifed Man...
TSE-0155-32S-P1-3 ETC-TSE-0155-32S-P1-3 Datasheet
453Kb / 10P
   SINGLE MODE SINGLE FIBER TRANSCEIVER
logo
Pulse A Technitrol Comp...
SFPT-LX2-01 PULSE-SFPT-LX2-01 Datasheet
205Kb / 10P
   1.25Gb/s 1310nm Single-mode SFP Transceiver
SFPT-BD34-01 PULSE-SFPT-BD34-01 Datasheet
207Kb / 10P
   SFP BIDI 1.25G 1310/1490nm DDM 20KM Transceiver
logo
Source Photonics, Inc.
C-13-14-F02-P-SFCL SOURCE-C-13-14-F02-P-SFCL Datasheet
729Kb / 4P
   1310nm Emitting,1490nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
logo
Optoway Technology Inc
SPB-9905MG_2015 OPTOWAY-SPB-9905MG_2015 Datasheet
178Kb / 6P
   Multirate Single-Fiber SFP Transceiver
SPB-9920MG_2015 OPTOWAY-SPB-9920MG_2015 Datasheet
177Kb / 6P
   Multirate Single-Fiber SFP Transceiver
SPB-9940MG_2015 OPTOWAY-SPB-9940MG_2015 Datasheet
178Kb / 6P
   Multirate Single-Fiber SFP Transceiver
SPB-9780M-1510G_2015 OPTOWAY-SPB-9780M-1510G_2015 Datasheet
178Kb / 6P
   Multirate Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com