Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP-03-IR1-TNA Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # SP-03-IR1-TNA
Description  OC-3 IR1 SFP Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SP-03-IR1-TNA Datasheet(HTML) 1 Page - Source Photonics, Inc.

  SP-03-IR1-TNA Datasheet HTML 1Page - Source Photonics, Inc. SP-03-IR1-TNA Datasheet HTML 2Page - Source Photonics, Inc. SP-03-IR1-TNA Datasheet HTML 3Page - Source Photonics, Inc. SP-03-IR1-TNA Datasheet HTML 4Page - Source Photonics, Inc. SP-03-IR1-TNA Datasheet HTML 5Page - Source Photonics, Inc. SP-03-IR1-TNA Datasheet HTML 6Page - Source Photonics, Inc. SP-03-IR1-TNA Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
OC-3 IR1 SFP Transceiver
SP-03-IR1
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS916-Sep1107
Rev A.2
LUMINENTOIC.COM
Parameter
Symbol
Min
Typical
Max
Unit
Optical Power
Pop
-15
-11
-8
dBm
Average Launch Power (Tx:Off)
Poff
-
-
-45
dBm
Extinction Ratio
ER
8.2
-
-
dB
Eye Mask
-
-
-
SONET/SDH compliant
Optical Rise Timeb
tr
-
-
2
ns
Optical Fall Timeb
tf
-
2
ns
Mean Wavelength
λ
1261
1310
1360
nm
Spectral Width (RMS)
Δλ
-
-
7.7
nm
b) 20%-80% values
Transmitter Specifications (Optical)
Features
• Compliant with OC-3/STM-1 Standards
• Digital Diagnostic SFF-8472 Compliant
• Single 3.3V Supply
• 19dB Minimum Link Budget
• Commercial and Industrial Temperature Available
• 1310nm FP Laser
• SFP MSA SFF-8074i Compliant
• Compliant with GR-253 OC-3, IR1 and SR1
• Telcordia GR-468 Compliant
• Color coded bail latch : Grey
• RoHS compliant
Parameter
Symbol
Min.
Typical
Max.
Unit
Supply Voltage
Vcc
3.135
3.3
3.465
V
Total Current
Icc
-
-
300
mA
Power Supply Noise Rejectiona
PSR
100
-
-
mVp-p
Operating Case Temperature (-Cxx)
Topr
-5
-
70
ºC
Operating Case Temperature (-Txx)
Top
-40
-
85
ºC
Storage Temperature
Tst
-40
-
85
ºC
Data Rate OC-3/STM-1
DR
-
155
-
Mbps
a) 20Hz to 155MHz
General Operation


Similar Part No. - SP-03-IR1-TNA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SP-03-IR1-CDFN SOURCE-SP-03-IR1-CDFN Datasheet
293Kb / 9P
   1310nm FP laser and PIN photodetector for 15km transmission
SP-03-IR1-IDFN SOURCE-SP-03-IR1-IDFN Datasheet
293Kb / 9P
   1310nm FP laser and PIN photodetector for 15km transmission
More results

Similar Description - SP-03-IR1-TNA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SP-48-IR1-CDA SOURCE-SP-48-IR1-CDA Datasheet
546Kb / 6P
   OC-48 IR1/STM-16 S-16.1 SFP Transceiver
SP-03-MX-CDA SOURCE-SP-03-MX-CDA Datasheet
616Kb / 7P
   OC-3 SFP Transceiver
logo
MRV Communications, Inc...
SFP-OC3-CX MRV-SFP-OC3-CX Datasheet
65Kb / 3P
   Copper OC-3 SFP Transceiver
logo
Source Photonics, Inc.
SP-MR-IR1-CDA SOURCE-SP-MR-IR1-CDA Datasheet
520Kb / 6P
   Multi-Rate SFP Transceiver(IR1)
logo
OPLINK Communications I...
TRPE03KE2C000X0G OPLINK-TRPE03KE2C000X0G Datasheet
289Kb / 5P
   OC-3 CWDM Optical Supervisory Channel SFP Transceiver
TRCE03KE2C000C3 OPLINK-TRCE03KE2C000C3 Datasheet
449Kb / 5P
   OC-3 1510nm Optical Supervisory Channel SFP Transceiver
TRPA03E2ZBBS3 OPLINK-TRPA03E2ZBBS3 Datasheet
466Kb / 5P
   OC-3 1510nm Optical Supervisory Channel SFP Transceiver
logo
JDS Uniphase Corporatio...
CT2-NI1LATD31C JDSU-CT2-NI1LATD31C Datasheet
205Kb / 8P
   OC-3 SFP Transceiver (1310 nm and 1550 nm)
logo
Finisar Corporation.
FTRJ1323P1WTL FINISAR-FTRJ1323P1WTL Datasheet
669Kb / 11P
   OC-3 LR-1/STM L-1.1 Pluggable SFP Transceiver
FTRJ1523P1WTL FINISAR-FTRJ1523P1WTL Datasheet
670Kb / 11P
   OC-3 LR-2/STM L-1.2 Pluggable SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com