Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-139-2500C-FDFB-SLC2 Datasheet(PDF) 4 Page - Source Photonics, Inc.

Part # C-139-2500C-FDFB-SLC2
Description  2.5 Gbps Single Mode SFF LC Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-139-2500C-FDFB-SLC2 Datasheet(HTML) 4 Page - Source Photonics, Inc.

  C-139-2500C-FDFB-SLC2 Datasheet HTML 1Page - Source Photonics, Inc. C-139-2500C-FDFB-SLC2 Datasheet HTML 2Page - Source Photonics, Inc. C-139-2500C-FDFB-SLC2 Datasheet HTML 3Page - Source Photonics, Inc. C-139-2500C-FDFB-SLC2 Datasheet HTML 4Page - Source Photonics, Inc. C-139-2500C-FDFB-SLC2 Datasheet HTML 5Page - Source Photonics, Inc. C-139-2500C-FDFB-SLC2 Datasheet HTML 6Page - Source Photonics, Inc. C-139-2500C-FDFB-SLC2 Datasheet HTML 7Page - Source Photonics, Inc. C-139-2500C-FDFB-SLC2 Datasheet HTML 8Page - Source Photonics, Inc. C-139-2500C-FDFB-SLC2 Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
2.5 Gbps Single Mode SFF LC Transceiver
C-1XX-2500(C)-FDFB-SLCX
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS851-Jul2005
rev. A.0
LUMINENTOIC.COM
Recommended Circuit Schematic
Inputs to the C-1XX-2500(C)-FDFB-SLCX series transmitters are AC coupled and internally terminated through 50 ohms to AC ground.
These transceivers can operate with LVPECL or CML logic levels. The input signal must have at least a 200 mV peak to (single ended) signal
swing. Output from the receiver section of the module is also AC coupled and is expected to drive into 50 ohm load. Different termination
strategies may be required depending on the particular Serializer / Deserializer chip set used.
The C-1XX-2500(C)-FDFB-SLCX series product family are designed with AC coupled data inputs and outputs to provide the following
advantages:
Close positioning of SERDES with respect to transceiver; allows for shorter line lengths and at gigabit speeds reduces EMI.
Minimum number of external components.
Internal termination reduces the potential for unterminated stubs which would otherwise increase jitter and reduce transmission
margin.
Figure 1 & Figure 2 illustrates the recommended transmit and receive data line trminations for SERDES with CML and LVPECL Inputs / Outputs
respectively.
BIAS
PIN
RECEIVER
TZ
AMP
AMP
POST
RD -
RD +
TD -
TD +
Z=50�
Z=50�
Z=50�
Z=50�
See
Fig. 4A
See
Fig. 3
Note �
DRIVER
LASER
TRANSMITTER
RX_GND
RX_D
RX_D
SD
Vcc_RX
Vcc_TX
TX_D
TX_D
TX_GND
TX_DIS
5
4
3
6
2
�0
9
7
8
TTL logic level
Serializer / De-Serializer
with CML lnputs/Outputs
Figure 1.Recommended TRANSMIT and RECEIVE Data Terminations for SERDES with CML I/Os.
Note 1. Consult SERDES manufacturer’s data sheet and application data for appropriate receiver input biasing network.
Some deserializer inputs are internally terminated and may not need external termination resistors.


Similar Part No. - C-139-2500C-FDFB-SLC2

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-139-1250-FDFB-SLC2 SOURCE-C-139-1250-FDFB-SLC2 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-139-1250-FDFB-SLC2-G5 SOURCE-C-139-1250-FDFB-SLC2-G5 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-139-1250-FDFB-SLC3 SOURCE-C-139-1250-FDFB-SLC3 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-139-1250-FDFB-SLC3-G5 SOURCE-C-139-1250-FDFB-SLC3-G5 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-139-1250-FDFB-SLC4 SOURCE-C-139-1250-FDFB-SLC4 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
More results

Similar Description - C-139-2500C-FDFB-SLC2

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-2500-FDFB-SLC4 SOURCE-C-13-2500-FDFB-SLC4 Datasheet
948Kb / 10P
   2.5 Gbps Single Mode SFF LC Transceiver
logo
Optoway Technology Inc
TRSL-9380 OPTOWAY-TRSL-9380 Datasheet
95Kb / 4P
   3.3V / 1550 nm / 2.5 Gbps SFF LC SINGLE-MODE TRANSCEIVER
logo
Source Photonics, Inc.
C-15-1250AC-FDFB-SLC3A-07 SOURCE-C-15-1250AC-FDFB-SLC3A-07 Datasheet
710Kb / 10P
   1.25 Gbps Single Mode SFF LC Transceiver
C-127-1250AC-FDFB-SLC2 SOURCE-C-127-1250AC-FDFB-SLC2 Datasheet
717Kb / 8P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250AC-FDFB-SLC2A-G5 SOURCE-C-13-1250AC-FDFB-SLC2A-G5 Datasheet
708Kb / 10P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250AC-F-SLCA-11-G5 SOURCE-C-13-1250AC-F-SLCA-11-G5 Datasheet
720Kb / 9P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250AC-F-SLC SOURCE-C-13-1250AC-F-SLC Datasheet
820Kb / 11P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250-F-SLC SOURCE-C-13-1250-F-SLC Datasheet
748Kb / 10P
   1.25 Gbps Single Mode SFF LC Transceiver
C-127-1250-FDFB-SLC2 SOURCE-C-127-1250-FDFB-SLC2 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250-FDFB-SLC2 SOURCE-C-13-1250-FDFB-SLC2 Datasheet
846Kb / 11P
   1.25 Gbps Single Mode SFF LC Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com