Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2227 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2227
Description  12-Bit, 65/40/25Msps Low Power 3V ADCs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2227 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2227 Datasheet HTML 3Page - Linear Technology LTC2227 Datasheet HTML 4Page - Linear Technology LTC2227 Datasheet HTML 5Page - Linear Technology LTC2227 Datasheet HTML 6Page - Linear Technology LTC2227 Datasheet HTML 7Page - Linear Technology LTC2227 Datasheet HTML 8Page - Linear Technology LTC2227 Datasheet HTML 9Page - Linear Technology LTC2227 Datasheet HTML 10Page - Linear Technology LTC2227 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LTC2228/LTC2227/LTC2226
7
222876fb
TYPICAL PERFORMANCE CHARACTERISTICS
LTC2228: SFDR vs Input Frequency,
–1dB, 2V Range, 65Msps
LTC2228: SNR and SFDR vs Clock
Duty Cycle, 65Msps
LTC2228: SNR vs Input Level,
fIN = 30MHz, 2V Range, 65Msps
LTC2228: SFDR vs Input Level,
fIN = 30MHz, 2V Range, 65Msps
LTC2228: IVDD vs Sample Rate,
5mHz Sine Wave Input, –1dB
LTC2228: IOVDD vs Sample Rate,
5MHz Sine Wave Input, –1dB,
OVDD = 1.8V
LTC2228: SNR and SFDR vs Sample
Rate, 2V Range,fIN = 5MHz, –1dB
INPUT FREQUENCY (MHz)
0
100
95
90
85
80
75
70
65
150
2228 G10
50
100
200
SAMPLE RATE (Msps)
0
110
100
90
80
70
60
80
2228 G11
20
40
60
100
SNR
SFDR
CLOCK DUTY CYCLE (%)
30
60
2228 G12
40
50
70
100
95
90
85
80
75
70
65
35
45
55
65
SFDR: DCS ON
SFDR: DCS OFF
SNR: DCS ON
SNR: DCS OFF
INPUT LEVEL (dBFS)
–60
–50
–40
–20
–30
–10
0
2228 G13
80
70
60
50
40
30
20
10
0
dBFS
dBc
INPUT LEVEL (dBFS)
–60
–50
–40
–20
–30
–10
0
2228 G14
120
110
100
90
80
70
60
50
40
30
20
dBFS
dBc
90dBc SFDR
REFERENCE LINE
SAMPLE RATE (Msps)
0
80
75
70
65
60
55
50
60
2228 G15
20
40
80
50
10
30
70
2V RANGE
1V RANGE
SAMPLE RATE (Msps)
2228 G16
6
5
4
3
2
1
0
0
20
40
50
10
30
60
70
80


Similar Part No. - LTC2227

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2227 LINER-LTC2227_15 Datasheet
434Kb / 28P
   12-Bit, 65/40/25Msps Low Power 3V ADCs
More results

Similar Description - LTC2227

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2227 LINER-LTC2227_15 Datasheet
434Kb / 28P
   12-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2226 LINER-LTC2226_15 Datasheet
434Kb / 28P
   12-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2228 LINER-LTC2228_15 Datasheet
434Kb / 28P
   12-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2293 LINER-LTC2293 Datasheet
1,021Kb / 28P
   Dual 12-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2293 LINER-LTC2293_15 Datasheet
1Mb / 28P
   Dual 12-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2291 LINER-LTC2291_15 Datasheet
1Mb / 28P
   Dual 12-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2292 LINER-LTC2292_15 Datasheet
1Mb / 28P
   Dual 12-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2246 LINER-LTC2246_15 Datasheet
781Kb / 24P
   14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2248 LINER-LTC2248 Datasheet
775Kb / 24P
   14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2248 LINER-LTC2248_15 Datasheet
781Kb / 24P
   14-Bit, 65/40/25Msps Low Power 3V ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com