Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2228 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC2228
Description  12-Bit, 65/40/25Msps Low Power 3V ADCs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2228 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC2228 Datasheet HTML 18Page - Linear Technology LTC2228 Datasheet HTML 19Page - Linear Technology LTC2228 Datasheet HTML 20Page - Linear Technology LTC2228 Datasheet HTML 21Page - Linear Technology LTC2228 Datasheet HTML 22Page - Linear Technology LTC2228 Datasheet HTML 23Page - Linear Technology LTC2228 Datasheet HTML 24Page - Linear Technology LTC2228 Datasheet HTML 25Page - Linear Technology LTC2228 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
LTC2228/LTC2227/LTC2226
22
222876fb
APPLICATIONS INFORMATION
digital outputs of the LTC2228/LTC2227/LTC2226 should
drive a minimal capacitive load to avoid possible interaction
between the digital outputs and sensitive input circuitry.
The output should be buffered with a device such as an
ALVCH16373 CMOS latch. For full speed operation the
capacitive load should be kept under 10pF.
Lower OVDD voltages will also help reduce interference
from the digital outputs.
Data Format
Using the MODE pin, the LTC2228/LTC2227/LTC2226
parallel digital output can be selected for offset binary
or 2’s complement format. Connecting MODE to GND or
1/3VDD selects offset binary output format. Connecting
MODE to 2/3VDD or VDD selects 2’s complement output
format. An external resistor divider can be used to set the
1/3VDD or 2/3VDD logic values. Table 2 shows the logic
states for the MODE pin.
Table 2. MODE Pin Function
MODE PIN
OUTPUT FORMAT
CLOCK DUTY
CYCLE STABILIZER
0
Offset Binary
Off
1/3VDD
Offset Binary
On
2/3VDD
2’s Complement
On
VDD
2’s Complement
Off
Overflow Bit
When OF outputs a logic high the converter is either over-
ranged or underranged.
Output Driver Power
Separate output power and ground pins allow the output
drivers to be isolated from the analog circuitry. The power
supply for the digital output buffers, OVDD, should be tied
to the same power supply as for the logic being driven.
For example if the converter is driving a DSP powered
by a 1.8V supply, then OVDD should be tied to that same
1.8V supply.
OVDD can be powered with any voltage from 500mV up to
3.6V. OGND can be powered with any voltage from GND
up to 1V and must be less than OVDD. The logic outputs
will swing between OGND and OVDD.
Output Enable
The outputs may be disabled with the output enable pin,
OE. OE high disables all data outputs including OF. The
data access and bus relinquish times are too slow to allow
the outputs to be enabled and disabled during full speed
operation. The output Hi-Z state is intended for use during
long periods of inactivity.
Sleep and Nap Modes
The converter may be placed in shutdown or nap modes
to conserve power. Connecting SHDN to GND results in
normal operation. Connecting SHDN to VDD and OE to VDD
results in sleep mode, which powers down all circuitry
including the reference and typically dissipates 1mW. When
exiting sleep mode it will take milliseconds for the output
data to become valid because the reference capacitors
have to recharge and stabilize. Connecting SHDN to VDD
and OE to GND results in nap mode, which typically dis-
sipates 15mW. In nap mode, the on-chip reference circuit
is kept on, so that recovery from nap mode is faster than
that from sleep mode, typically taking 100 clock cycles. In
both sleep and nap modes, all digital outputs are disabled
and enter the Hi-Z state.
Grounding and Bypassing
The LTC2228/LTC2227/LTC2226 require a printed circuit
board with a clean, unbroken ground plane. A multilayer
board with an internal ground plane is recommended.
Layout for the printed circuit board should ensure that
digital and analog signal lines are separated as much
as possible. In particular, care should be taken not to
run any digital track alongside an analog signal track or
underneath the ADC.
High quality ceramic bypass capacitors should be used at
the VDD, OVDD, VCM, REFH, and REFL pins. Bypass capaci-
tors must be located as close to the pins as possible. Of
particular importance is the 0.1μF capacitor between REFH
and REFL. This capacitor should be placed as close to the
device as possible (1.5mm or less). A size 0402 ceramic
capacitor is recommended. The large 2.2μF capacitor be-
tween REFH and REFL can be somewhat further away. The
traces connecting the pins and bypass capacitors must be
kept short and should be made as wide as possible.


Similar Part No. - LTC2228

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2228 LINER-LTC2228_15 Datasheet
434Kb / 28P
   12-Bit, 65/40/25Msps Low Power 3V ADCs
More results

Similar Description - LTC2228

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2227 LINER-LTC2227_15 Datasheet
434Kb / 28P
   12-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2226 LINER-LTC2226_15 Datasheet
434Kb / 28P
   12-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2228 LINER-LTC2228_15 Datasheet
434Kb / 28P
   12-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2293 LINER-LTC2293 Datasheet
1,021Kb / 28P
   Dual 12-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2293 LINER-LTC2293_15 Datasheet
1Mb / 28P
   Dual 12-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2291 LINER-LTC2291_15 Datasheet
1Mb / 28P
   Dual 12-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2292 LINER-LTC2292_15 Datasheet
1Mb / 28P
   Dual 12-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2246 LINER-LTC2246_15 Datasheet
781Kb / 24P
   14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2248 LINER-LTC2248 Datasheet
775Kb / 24P
   14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2248 LINER-LTC2248_15 Datasheet
781Kb / 24P
   14-Bit, 65/40/25Msps Low Power 3V ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com