Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2226HLX Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2226HLX
Description  12-Bit, 25Msps 125째C ADC in LQFP
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2226HLX Datasheet(HTML) 4 Page - Linear Technology

  LTC2226HLX Datasheet HTML 1Page - Linear Technology LTC2226HLX Datasheet HTML 2Page - Linear Technology LTC2226HLX Datasheet HTML 3Page - Linear Technology LTC2226HLX Datasheet HTML 4Page - Linear Technology LTC2226HLX Datasheet HTML 5Page - Linear Technology LTC2226HLX Datasheet HTML 6Page - Linear Technology LTC2226HLX Datasheet HTML 7Page - Linear Technology LTC2226HLX Datasheet HTML 8Page - Linear Technology LTC2226HLX Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC2226H
4
2226hfb
POWER REQUIREMENTS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Analog Supply Voltage
(Note 9)
l
2.8
3
3.5
V
OVDD
Output Supply Voltage
(Note 9)
l
0.5
3
3.6
V
IVDD
Supply Current
l
25
30
mA
PDISS
Power Dissipation
l
75
90
mW
PSHDN
Shutdown Power
SHDN = H, OE = H, No CLK
2
mW
PNAP
Nap Mode Power
SHDN = H, OE = L, No CLK
15
mW
The
l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 8)
TIMING CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fS
Sampling Frequency
(Note 9)
l
125
MHz
tL
CLK Low Time
Duty Cycle Stabilizer Off
Duty Cycle Stabilizer On
(Note 7)
l
l
18.9
5
20
20
500
500
ns
ns
tH
CLK High Time
Duty Cycle Stabilizer Off
Duty Cycle Stabilizer On
(Note 7)
l
l
18.9
5
20
20
500
500
ns
ns
tAP
Sample-and-Hold Aperture Delay
0ns
tD
CLK to DATA Delay
CL = 5pF (Note 7)
l
1.4
2.7
6
ns
Data Access Time After OE
CL = 5pF (Note 7)
l
4.3
12
ns
BUS Relinquish Time
(Note 7)
l
3.3
10
ns
Pipeline Latency
5
Cycles
The
l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 4)
DIGITAL INPUTS AND DIGITAL OUTPUTS The l denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LOGIC OUTPUTS
OVDD = 3V
COZ
Hi-Z Output Capacitance
OE = High (Note 7)
3
pF
ISOURCE
Output Source Current
VOUT = 0V
50
mA
ISINK
Output Sink Current
VOUT = 3V
50
mA
VOH
High Level Output Voltage
IO = –10μA
IO = –200μA
l
2.7
2.995
2.99
V
V
VOL
Low Level Output Voltage
IO = 10μA
IO = 1.6mA
l
0.005
0.09
0.4
V
V
OVDD = 2.5V
VOH
High Level Output Voltage
IO = –200μA
2.49
V
VOL
Low Level Output Voltage
IO = 1.6mA
0.09
V
OVDD = 1.8V
VOH
High Level Output Voltage
IO = –200μA
1.79
V
VOL
Low Level Output Voltage
IO = 1.6mA
0.09
V


Similar Part No. - LTC2226HLX

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2226H LINER-LTC2226H Datasheet
258Kb / 18P
   12-Bit, 25Msps 125C ADC in LQFP
LTC2226H LINER-LTC2226H_15 Datasheet
258Kb / 18P
   12-Bit, 25Msps 125C ADC in LQFP
More results

Similar Description - LTC2226HLX

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2246H LINER-LTC2246H Datasheet
196Kb / 16P
   14-Bit, 25Msps 125째C ADC In LQFP
LTC2226H LINER-LTC2226H_15 Datasheet
258Kb / 18P
   12-Bit, 25Msps 125C ADC in LQFP
LTC2246H LINER-LTC2246H_15 Datasheet
206Kb / 18P
   14-Bit, 25Msps 125C ADC In LQFP
LTC1745 LINER-LTC1745 Datasheet
208Kb / 20P
   Low Noise,12-Bit, 25Msps ADC
LTC1745 LINER-LTC1745_15 Datasheet
214Kb / 20P
   Low Noise,12-Bit, 25Msps ADC
LTC1746 LINER-LTC1746 Datasheet
211Kb / 20P
   Low Power,14-Bit, 25Msps ADC
LTC1746 LINER-LTC1746_15 Datasheet
217Kb / 20P
   Low Power,14-Bit, 25Msps ADC
logo
Amphenol Corporation
NPX-C017 AMPHENOL-NPX-C017 Datasheet
89Kb / 4P
   12 bit ADC
logo
Linear Technology
LTC2312-12 LINER-LTC2312-12 Datasheet
513Kb / 22P
   12-Bit, 500ksps Serial Sampling ADC in TSOT
logo
Analog Devices
AD7476-EP AD-AD7476-EP Datasheet
196Kb / 12P
   12-Bit ADC in 6-Lead SOT-23
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com