Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-149-155-FDFB-SLC5 Datasheet(PDF) 2 Page - Source Photonics, Inc.

Part # C-149-155-FDFB-SLC5
Description  155 Mbps Single Mode SFF LC Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-149-155-FDFB-SLC5 Datasheet(HTML) 2 Page - Source Photonics, Inc.

  C-149-155-FDFB-SLC5 Datasheet HTML 1Page - Source Photonics, Inc. C-149-155-FDFB-SLC5 Datasheet HTML 2Page - Source Photonics, Inc. C-149-155-FDFB-SLC5 Datasheet HTML 3Page - Source Photonics, Inc. C-149-155-FDFB-SLC5 Datasheet HTML 4Page - Source Photonics, Inc. C-149-155-FDFB-SLC5 Datasheet HTML 5Page - Source Photonics, Inc. C-149-155-FDFB-SLC5 Datasheet HTML 6Page - Source Photonics, Inc. C-149-155-FDFB-SLC5 Datasheet HTML 7Page - Source Photonics, Inc. C-149-155-FDFB-SLC5 Datasheet HTML 8Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
155 Mbps Single Mode SFF LC Transceiver
C-1XX-155(C)-FDFB-SLCX
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS850-Apr0706
Rev A.2
LUMINENTOIC.COM
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Electrical
Power Supply Current
ICC
-
-
180
mA
Maximum current is specified at Vcc=
Maximum @ maximum temperature
Transmit Enable Voltage
VEN
0
-
0.8
V
Transmit Disable Voltage
VD
2.0
-
Vcc
V
Data Input Current-Low
IIL
-200
-
-
µA
Data Input Current-High
IIH
-
-
200
µA
Data Input Voltage-Low
VIL-VCC
-2.0
-
-1.58
V
These inputs are compatible with 10K,
10KH and 100K ECL and PECL inputs
Data Input Voltage-High
VIH-VCC
-1.1
-
-0.74
V
Transmitter Specifications
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Optical
Sensitivity
-
-
-
-35
dBm
Measured with 223
-1 PRBS, BER = 10 -10
C-1XX-155(C)-FDFB-SLC5
Sensitivity
-
-
-
-36
dBm
Measured with 223
-1 PRBS, BER = 10 -10
C-1XX-155(C)-FDFB-SLC9
Maximum Input Power
Pin
0
-
-
dBm
Signal Detect-Asserted
Pa
-
-
-35
dBm
Measured on transition: low to high
C-1XX-155(C)-FDFB-SLC5
Signal Detect-Asserted
Pa
-
-
-36
dBm
Measured on transition: low to high
C-1XX-155(C)-FDFB-SLC9
Signal Detect-Deasserted
Pd
-45
-
-
dBm
Measured on transition: high to low
Signal Detect-Hysteresis
1.0
-
-
dB
Wavelength of Operation
1100
-
1620
nm
Receiver Specifications
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Optical
Optical Transmit Power
Po
-5
-
0
dBm
C-1XX-155(C)-FDFB-SLC5
Optical Transmit Power
Po
0
-
+5
dBm
C-1XX-155(C)-FDFB-SLC9
Output center Wavelength
λ
λp-5.5
λp
λp+7.5
nm
λp=1XX0 nm
Output Spectrum Width
λ
-
-
1
nm
-20 dB width
Side Mode Suppression Ratio
Sr
30
35
-
dBm
CW, Po=5mW
Extinction Ratio
ER
10
-
-
dB
Output Eye
Compliant with GR-253-CORE
Optical Rise Time
tr
-
-
2
ns
10% to 90% Values
Optical Fall Time
tf
-
-
2
ns
10% to 90% Values
Relative Intensity Noise
RIN
-
-
-116
dB/Hz
Total Jitter
TJ
-
-
1.2
ns
Measured with 223
-1 PRBS with 72 ones
and 72 zeros.
Transmitter Specifications


Similar Part No. - C-149-155-FDFB-SLC5

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-149-1250-FDFB-SLC2 SOURCE-C-149-1250-FDFB-SLC2 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-149-1250-FDFB-SLC2-G5 SOURCE-C-149-1250-FDFB-SLC2-G5 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-149-1250-FDFB-SLC3 SOURCE-C-149-1250-FDFB-SLC3 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-149-1250-FDFB-SLC3-G5 SOURCE-C-149-1250-FDFB-SLC3-G5 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-149-1250-FDFB-SLC4 SOURCE-C-149-1250-FDFB-SLC4 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
More results

Similar Description - C-149-155-FDFB-SLC5

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-155-F-SLC3S-19 SOURCE-C-13-155-F-SLC3S-19 Datasheet
720Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLC3A-12 SOURCE-C-13-155-F-SLC3A-12 Datasheet
758Kb / 10P
   155 Mbps Single Mode SFF LC Transceiver
C-15-155-FDFB-SLC8A-G5 SOURCE-C-15-155-FDFB-SLC8A-G5 Datasheet
721Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLCA-55-G5 SOURCE-C-13-155-F-SLCA-55-G5 Datasheet
866Kb / 10P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-FDFB-SLC8A-G5 SOURCE-C-13-155-FDFB-SLC8A-G5 Datasheet
272Kb / 11P
   155 Mbps Single Mode SFF LC Transceiver
C-15-155-FDFB-SLC8 SOURCE-C-15-155-FDFB-SLC8 Datasheet
880Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLC SOURCE-C-13-155-F-SLC Datasheet
880Kb / 11P
   155 Mbps Single Mode SFF LC Transceiver
logo
Optoway Technology Inc
TRSL-3380W-CXX0G OPTOWAY-TRSL-3380W-CXX0G Datasheet
162Kb / 5P
   3.3V / CWDM / 155 Mbps SFF 2X10 LC SINGLE-MODE TRANSCEIVER
TRSL-33100W-CXX0G OPTOWAY-TRSL-33100W-CXX0G Datasheet
162Kb / 5P
   3.3V / CWDM / 155 Mbps SFF 2X10 LC SINGLE-MODE TRANSCEIVER
TRSL-33120W-CXX0G OPTOWAY-TRSL-33120W-CXX0G Datasheet
162Kb / 5P
   3.3V / CWDM / 155 Mbps SFF 2X10 LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com