Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2226H Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2226H
Description  12-Bit, 25Msps 125째C ADC in LQFP
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2226H Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2226H Datasheet HTML 2Page - Linear Technology LTC2226H Datasheet HTML 3Page - Linear Technology LTC2226H Datasheet HTML 4Page - Linear Technology LTC2226H Datasheet HTML 5Page - Linear Technology LTC2226H Datasheet HTML 6Page - Linear Technology LTC2226H Datasheet HTML 7Page - Linear Technology LTC2226H Datasheet HTML 8Page - Linear Technology LTC2226H Datasheet HTML 9Page - Linear Technology LTC2226H Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC2226H
6
2226hfb
TYPICAL PERFORMANCE CHARACTERISTICS
8192 Point 2-Tone FFT,
fIN = 10.9MHz and 13.8MHz,
–1dB, 2V Range, 25Msps
Grounded Input Histogram,
25Msps
SNR vs Input Frequency, –1dB,
2V Range, 25Msps
SFDR vs Input Frequency, –1dB,
2V Range, 25Msps
SNR and SFDR vs Sample Rate,
2V Range, fIN = 5MHz, –1dB
SNR vs Input Level, fIN = 5MHz,
2V Range, –1dB
SFDR vs Input Level, fIN = 5MHz,
2V Range, 25Msps
IVDD vs Sample Rate, 5MHz Sine
Wave Input, –1dB
IOVDD vs Sample Rate, 5MHz Sine
Wave Input, –1dB, OVDD = 1.8V
FREQUENCY (MHz)
0
2226H G07
24
6
8
10
12
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
CODE
2050
2226H G08
2048
2049
70000
60000
50000
40000
30000
20000
10000
0
61758
1607
2155
INPUT FREQUENCY (MHz)
0
70
71
200
2226H G09
69
68
50
100
150
72
INPUT FREQUENCY (MHz)
0
100
95
90
85
80
75
70
65
150
2226H G10
50
100
200
SAMPLE RATE (Msps)
0
110
100
90
80
70
60
40
50
2226H G11
10
20
30
SNR
SFDR
INPUT LEVEL (dBFS)
–60
–50
–40
–20
–30
–10
0
2227H G12
80
70
60
50
40
30
20
10
0
dBFS
dBc
INPUT LEVEL (dBFS)
–60
–50
–40
–20
–30
–10
0
2226H G13
120
110
100
90
80
70
60
50
40
30
20
dBFS
dBc
90dBc SFDR
REFERENCE LINE
SAMPLE RATE (Msps)
0
35
30
25
20
15
30
2226 G14
10
20
25
515
35
2V RANGE
1V RANGE
SAMPLE RATE (Msps)
2226H G15
3
2
1
0
0
20
30
515
35
10
25


Similar Part No. - LTC2226H

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2226H LINER-LTC2226H Datasheet
258Kb / 18P
   12-Bit, 25Msps 125C ADC in LQFP
LTC2226H LINER-LTC2226H_15 Datasheet
258Kb / 18P
   12-Bit, 25Msps 125C ADC in LQFP
More results

Similar Description - LTC2226H

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2246H LINER-LTC2246H Datasheet
196Kb / 16P
   14-Bit, 25Msps 125째C ADC In LQFP
LTC2226H LINER-LTC2226H_15 Datasheet
258Kb / 18P
   12-Bit, 25Msps 125C ADC in LQFP
LTC2246H LINER-LTC2246H_15 Datasheet
206Kb / 18P
   14-Bit, 25Msps 125C ADC In LQFP
LTC1745 LINER-LTC1745 Datasheet
208Kb / 20P
   Low Noise,12-Bit, 25Msps ADC
LTC1745 LINER-LTC1745_15 Datasheet
214Kb / 20P
   Low Noise,12-Bit, 25Msps ADC
LTC1746 LINER-LTC1746 Datasheet
211Kb / 20P
   Low Power,14-Bit, 25Msps ADC
LTC1746 LINER-LTC1746_15 Datasheet
217Kb / 20P
   Low Power,14-Bit, 25Msps ADC
logo
Amphenol Corporation
NPX-C017 AMPHENOL-NPX-C017 Datasheet
89Kb / 4P
   12 bit ADC
logo
Linear Technology
LTC2312-12 LINER-LTC2312-12 Datasheet
513Kb / 22P
   12-Bit, 500ksps Serial Sampling ADC in TSOT
logo
Analog Devices
AD7476-EP AD-AD7476-EP Datasheet
196Kb / 12P
   12-Bit ADC in 6-Lead SOT-23
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com