Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFPD-MR-12-56-A Datasheet(PDF) 8 Page - Source Photonics, Inc.

Part # SFPD-MR-12-56-A
Description  Multirate DWDM SFP Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SFPD-MR-12-56-A Datasheet(HTML) 8 Page - Source Photonics, Inc.

  SFPD-MR-12-56-A Datasheet HTML 1Page - Source Photonics, Inc. SFPD-MR-12-56-A Datasheet HTML 2Page - Source Photonics, Inc. SFPD-MR-12-56-A Datasheet HTML 3Page - Source Photonics, Inc. SFPD-MR-12-56-A Datasheet HTML 4Page - Source Photonics, Inc. SFPD-MR-12-56-A Datasheet HTML 5Page - Source Photonics, Inc. SFPD-MR-12-56-A Datasheet HTML 6Page - Source Photonics, Inc. SFPD-MR-12-56-A Datasheet HTML 7Page - Source Photonics, Inc. SFPD-MR-12-56-A Datasheet HTML 8Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
8
Multirate DWDM SFP Transceiver
SFPD-MR-xx-xx-A
LUMINENTOIC.COM
Confidential and Proprietary
IMPORTANT NOTICE!
All information contained in this document is subject to change without notice, at LuminentOIC’s sole and absolute discretion. LuminentOIC warrants performance
of its products to current specifications only in accordance with the company’s standard one-year warranty; however, specifications designated as “preliminary” are
given to describe components only, and LuminentOIC expressly disclaims any and all warranties for said products, including express, implied, and statutory warran-
ties, warranties of merchantability, fitness for a particular purpose, and non-infringement of proprietary rights. Please refer to the company’s Terms and Conditions of
Sale for further warranty information.
LuminentOIC assumes no liability for applications assistance, customer product design, software performance, or infringement of patents, services, or intellectual
property described herein. No license, either express or implied, is granted under any patent right, copyright, or intellectual property right, and LuminentOIC makes
no representations or warranties that the product(s) described herein are free from patent, copyright, or intellectual property rights. Products described in this docu-
ment are NOT intended for use in implantation or other life support applications where malfunction may result in injury or death to persons. LuminentOIC customers
using or selling products for use in such applications do so at their own risk and agree to fully defend and indemnify LuminentOIC for any damages resulting from
such use or sale.
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN “AS IS” BASIS. Customer agrees that LuminentOIC is not liable for any
actual, consequential, exemplary, or other damages arising directly or indirectly from any use of the information contained in this document. Customer must contact
LuminentOIC to obtain the latest version of this publication to verify, before placing any order, that the information contained herein is current.
© LuminentOIC, Inc. 2003
All rights reserved
Handling Precautions: This device is susceptible to damage as a result of electrostatic discharge (ESD). A static free environment is highly recommended. Follow
guidelines according to proper ESD procedures.
Laser Safety: Radiation emitted by laser devices can be dangerous to human eyes. Avoid eye exposure to direct or indirect radiation.
Warnings:
Legal Notes:
LUMNDS724-Oct2607
Rev A.4
Ordering Information
Part Numbering Definition:
S F P D - M R - Reach
- ITU Channel - Revision - Customer Specific
SFPD = DWDM SFP
MR = Multi-Rate
xx = 15 to 61
x = Design Revision
xx = Customer Specifics
08 = 80km
12 = 120km
20 = 200km
Available Options:
SFPD-MR-08-xx-A
SFPD-MR-12-xx-A
SFPD-MR-20-xx-A


Similar Part No. - SFPD-MR-12-56-A

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SFPD-4F-04-15-A SOURCE-SFPD-4F-04-15-A Datasheet
629Kb / 7P
   4Gb/s Fibre Channel DWDM SFP Transceiver
SFPD-4F-04-16-A SOURCE-SFPD-4F-04-16-A Datasheet
629Kb / 7P
   4Gb/s Fibre Channel DWDM SFP Transceiver
SFPD-4F-04-17-A SOURCE-SFPD-4F-04-17-A Datasheet
629Kb / 7P
   4Gb/s Fibre Channel DWDM SFP Transceiver
SFPD-4F-04-18-A SOURCE-SFPD-4F-04-18-A Datasheet
629Kb / 7P
   4Gb/s Fibre Channel DWDM SFP Transceiver
SFPD-4F-04-19-A SOURCE-SFPD-4F-04-19-A Datasheet
629Kb / 7P
   4Gb/s Fibre Channel DWDM SFP Transceiver
More results

Similar Description - SFPD-MR-12-56-A

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
SFP27DWLR08 MRV-SFP27DWLR08 Datasheet
94Kb / 5P
   DWDM Multirate SFP Transceivers
logo
Finisar Corporation.
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
logo
OPLINK Communications I...
S0255-TPD2XGKZRXXG OPLINK-S0255-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
TPD1XGKZRXXG OPLINK-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
TPD2XGKZRXXG OPLINK-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
S0252-TPD1XGKZRXXG OPLINK-S0252-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
logo
Optoway Technology Inc
SPS-2341MW-DXXG OPTOWAY-SPS-2341MW-DXXG Datasheet
200Kb / 7P
   40km / DWDM / 10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2381MW-DXXG OPTOWAY-SPS-2381MW-DXXG Datasheet
200Kb / 7P
   80km / DWDM / 10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
logo
Source Photonics, Inc.
XPD-MR-08-15CDA SOURCE-XPD-MR-08-15CDA Datasheet
652Kb / 6P
   10 Gbps 80km DWDM Multirate XFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com