Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-15-155-TDFB3-SSC10G5 Datasheet(PDF) 2 Page - Source Photonics, Inc.

Part # C-15-155-TDFB3-SSC10G5
Description  155 Mbps DFB Laser Single Mode Transceiver (Ultra-LR)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-15-155-TDFB3-SSC10G5 Datasheet(HTML) 2 Page - Source Photonics, Inc.

  C-15-155-TDFB3-SSC10G5 Datasheet HTML 1Page - Source Photonics, Inc. C-15-155-TDFB3-SSC10G5 Datasheet HTML 2Page - Source Photonics, Inc. C-15-155-TDFB3-SSC10G5 Datasheet HTML 3Page - Source Photonics, Inc. C-15-155-TDFB3-SSC10G5 Datasheet HTML 4Page - Source Photonics, Inc. C-15-155-TDFB3-SSC10G5 Datasheet HTML 5Page - Source Photonics, Inc. C-15-155-TDFB3-SSC10G5 Datasheet HTML 6Page - Source Photonics, Inc. C-15-155-TDFB3-SSC10G5 Datasheet HTML 7Page - Source Photonics, Inc. C-15-155-TDFB3-SSC10G5 Datasheet HTML 8Page - Source Photonics, Inc. C-15-155-TDFB3-SSC10G5 Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
155 Mbps DFB Laser Single Mode Transceiver
(Ultra-LR)
C-15-155-TDFB(3)-SXX10(12)
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
LUMNDS813-Jul0706
Rev A.2
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Electrical
Power Supply Current
ICC
-
-
180
mA
Maximum current is specified at
Vcc= Maximum @ maximum temperature
Data Input Current-Low
IIL
-350
-
-
µA
Data Input Current-High
IIH
-
-
350
µA
Differential Input Voltage
VIH-VIL
300
-
-
mV
Data Input Voltage-Low
VIL-VCC
-2.0
-
-1.58
V
These inputs are compatible with 10K, 10KH
and 100K ECL and PECL inputs
Data Input Voltage-High
VIH-VCC
-1.1
-
-0.74
V
Transmitter Specifications
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Optical
Optical Transmit Power
Po
-3
-
+3
dBm
C-15-155-TDFB(3)-SXX10
Optical Transmit Power
Po
0
-
+5
dBm
C-15-155-TDFB(3)-SXX12
Output center Wavelength
λ
1500
1550
1600
nm
Side Mode Suppression Ratio
Sr
30
35
-
dB
CW, Po = 5mW
Output Spectrum Width
λ
-
-
1
nm
-20 dB width
Extinction Ratio
ER
8.2
-
-
dB
Output Pulse Mask
Compliant with FDDI SMR-PMD1
Output Eye
Compliant with ITU recommendation G.957
Optical Rise Time
tr
-
-
2
ns
10% to 90% Values
Optical Fall Time
tf
-
-
2
ns
10% to 90% Values
Relative Intensity Noise
RIN
-
-
-116
dB/Hz
Total Jitter
TJ
-
-
1.2
ns
Transmitter Specifications


Similar Part No. - C-15-155-TDFB3-SSC10G5

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-15-155-FDFB-SLC10 SOURCE-C-15-155-FDFB-SLC10 Datasheet
880Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
C-15-155-FDFB-SLC10-G5 SOURCE-C-15-155-FDFB-SLC10-G5 Datasheet
880Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
C-15-155-FDFB-SLC10A SOURCE-C-15-155-FDFB-SLC10A Datasheet
880Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
C-15-155-FDFB-SLC10A-G5 SOURCE-C-15-155-FDFB-SLC10A-G5 Datasheet
880Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
C-15-155-FDFB-SLC10AS SOURCE-C-15-155-FDFB-SLC10AS Datasheet
880Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
More results

Similar Description - C-15-155-TDFB3-SSC10G5

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-127-TDFB-SSC5 SOURCE-C-127-TDFB-SSC5 Datasheet
563Kb / 8P
   155 Mbps CWDM Laser Single Mode Transceiver
C-13-622-TDFB-SSC4 SOURCE-C-13-622-TDFB-SSC4 Datasheet
548Kb / 7P
   622 Mbps DFB Laser Single Mode Transceiver(LH)
C-13-15-622-TDFB-SST4 SOURCE-C-13-15-622-TDFB-SST4 Datasheet
760Kb / 7P
   622 Mbps DFB Laser Single Mode Transceiver(LH)
C-13-155-T3-SST3A-14-G5 SOURCE-C-13-155-T3-SST3A-14-G5 Datasheet
1Mb / 7P
   155 Mbps Single Mode Transceiver
C-13-155-T-SSC5-06 SOURCE-C-13-155-T-SSC5-06 Datasheet
1Mb / 6P
   155 Mbps Single Mode Transceiver
C-13-155-T-SFC3-55-G5 SOURCE-C-13-155-T-SFC3-55-G5 Datasheet
504Kb / 8P
   155 Mbps Single Mode Transceiver
C-13-155-T-SSC3 SOURCE-C-13-155-T-SSC3 Datasheet
1Mb / 7P
   155 Mbps Single Mode Transceiver
logo
Optoway Technology Inc
SPS-33240-CXX0G_2015 OPTOWAY-SPS-33240-CXX0G_2015 Datasheet
149Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-3380G OPTOWAY-SPS-3380G_15 Datasheet
147Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33240-CXX0G OPTOWAY-SPS-33240-CXX0G_15 Datasheet
149Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com