Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SN74ALVCH16952 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part No. SN74ALVCH16952
Description  16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

SN74ALVCH16952 Datasheet(HTML) 6 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SN74ALVCH16952
16-BIT REGISTERED TRANSCEIVER
WITH 3-STATE OUTPUTS
SCES011D – JULY 1995 – REVISED FEBRUARY 1999
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP†
MAX
UNIT
IOH = –100 µA
1.65 V to 3.6 V
VCC–0.2
IOH = –4 mA
1.65 V
1.2
IOH = –6 mA
2.3 V
2
VOH
2.3 V
1.7
V
IOH = –12 mA
2.7 V
2.2
3 V
2.4
IOH = –24 mA
3 V
2
IOL = 100 µA
1.65 V to 3.6 V
0.2
IOL = 4 mA
1.65 V
0.45
VOL
IOL = 6 mA
2.3 V
0.4
V
VOL
IOL =12mA
2.3 V
0.7
V
IOL = 12 mA
2.7 V
0.4
IOL = 24 mA
3 V
0.55
II
VI = VCC or GND
3.6 V
±5
µA
VI = 0.58 V
1.65 V
25
VI = 1.07 V
1.65 V
–25
VI = 0.7 V
2.3 V
45
II(hold)
VI = 1.7 V
2.3 V
–45
µA
()
VI = 0.8 V
3 V
75
VI = 2 V
3 V
–75
VI = 0 to 3.6 V‡
3.6 V
±500
IOZ§
VO = VCC or GND
3.6 V
±10
µA
ICC
VI = VCC or GND,
IO = 0
3.6 V
40
µA
∆ICC
One input at VCC – 0.6 V,
Other inputs at VCC or GND
3 V to 3.6 V
750
µA
Ci
Control inputs
VI = VCC or GND
3.3 V
3.5
pF
Cio
A or B ports
VO = VCC or GND
3.3 V
8.5
pF
† All typical values are at VCC = 3.3 V, TA = 25°C.
‡ This is the bus-hold maximum dynamic current. It is the minimum overdrive current required to switch the input from one state to another.
§ For I/O ports, the parameter IOZ includes the input leakage current.
timing requirements over recommended operating free-air temperature range (unless otherwise
noted) (see Figures 1 through 3)
VCC = 1.8 V
VCC = 2.5 V
± 0.2 V
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
150
150
150
MHz
t
Pulse duration
CLKEN high
3.3
3.3
3.3
ns
tw
Pulse duration
CLK high or low
3.3
3.3
3.3
ns
t
Setup time
Data before CLK
1.7
1.9
1.5
ns
tsu
Setup time
CLKEN before CLK
1.2
1
1
ns
th
Hold time
Data after CLK
0.6
0.6
0.8
ns
th
Hold time
CLKEN after CLK
1.1
0.9
1.1
ns
¶ This information was not available at the time of publication.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn