Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP-FE-LX-CDA Datasheet(PDF) 3 Page - Source Photonics, Inc.

Part # SP-FE-LX-CDA
Description  Fast Ethernet SFP Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SP-FE-LX-CDA Datasheet(HTML) 3 Page - Source Photonics, Inc.

  SP-FE-LX-CDA Datasheet HTML 1Page - Source Photonics, Inc. SP-FE-LX-CDA Datasheet HTML 2Page - Source Photonics, Inc. SP-FE-LX-CDA Datasheet HTML 3Page - Source Photonics, Inc. SP-FE-LX-CDA Datasheet HTML 4Page - Source Photonics, Inc. SP-FE-LX-CDA Datasheet HTML 5Page - Source Photonics, Inc. SP-FE-LX-CDA Datasheet HTML 6Page - Source Photonics, Inc. SP-FE-LX-CDA Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Fast Ethernet SFP Transceiver
SP-FE-LX
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS856-Dec0806
Rev A.1
LUMINENTOIC.COM
Name of Field
Description of Field
Address
Hex
ASCII
Vendor Name
SFP Vendor name(ASCII)
20
4C
L
21
55
U
22
4D
M
23
49
I
24
4E
N
25
45
E
26
4E
N
27
54
T
28
4F
O
29
49
I
30
43
C
Vendor OUI
IEEE vendor OUI code for LuminentOIC Inc.
37
00
38
06
39
B5
Vendor PN
Part number in ASCII, e.g.
SP-FE-LX-CDA
40
53
S
41
50
P
42
46
F
43
45
E
44
4C
L
45
58
X
46
43
C
47
44
D
48
41
A
Parameter
Range
Accuracy
Unit
Calibration Bit Value
Formula
Temperature (-CDx)
-5 to 70
±3
ºC
Internal
1/256 C
Tc(C) = Tad(16 bit signed twos complement)/256
Temperature (-TDx)
-40 to 85
±3
ºC
Internal
1/256 C
Tc(C) = Tad(16 bit signed twos complement)/256
Voltage
0 to Vcc
0.1
V
Internal
100µV
V(Volts) = Vad(16 bit unsigned integer)*0.1
Bias Current
0 to 120
5
mA
External
-
I(mA) = Islope * Iad(16 bit unsigned integer)+Ioffset
Tx Power
-15 to -8
±3
dBm
External
-
Tx_PWR(µW) = Tx_PWRslope*Tx_PWRad(16 bit unsigned
integer)+Tx_PWRoffset
Rx Power
-25 to -8
±3
dBm
External
-
Rx_PWR(µW) = A0+A1*x+A2*x^2+A3*x^3+A4*x^4
Digital Diagnostics
EEPROM Serial ID


Similar Part No. - SP-FE-LX-CDA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SP-FE-FX-XDFM SOURCE-SP-FE-FX-XDFM Datasheet
330Kb / 9P
   125M 100BASE-FX application
More results

Similar Description - SP-FE-LX-CDA

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF1217P2TL FINISAR-FTLF1217P2TL Datasheet
811Kb / 13P
   Fast Ethernet RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1217P2WTL FINISAR-FTLF1217P2WTL Datasheet
758Kb / 13P
   Fast Ethernet RoHS Compliant Long-Wavelength SFP Transceiver
logo
Level One
LXT970 LVL1-LXT970 Datasheet
3Mb / 56P
   Fast Ethernet Transceiver
logo
Source Photonics, Inc.
SP-GB-ELX-CNA SOURCE-SP-GB-ELX-CNA Datasheet
476Kb / 7P
   20Km Gigabit Ethernet SFP Transceiver
SP-GB-LX-CDA SOURCE-SP-GB-LX-CDA Datasheet
506Kb / 7P
   10Km Gigabit Ethernet SFP Transceiver
SP-GB-MX-CNA SOURCE-SP-GB-MX-CNA Datasheet
497Kb / 7P
   10Km Gigabit Ethernet SFP Transceiver
logo
OPLINK Communications I...
TRXNFEMM4BSS OPLINK-TRXNFEMM4BSS Datasheet
118Kb / 5P
   Fast Ethernet SFP Multimode Transceivers
logo
Source Photonics, Inc.
SP-GB-YX-CDA SOURCE-SP-GB-YX-CDA Datasheet
489Kb / 7P
   60 Km Gigabit Ethernet SFP Transceiver
logo
OPLINK Communications I...
TRP3FE0L1C00000 OPLINK-TRP3FE0L1C00000 Datasheet
532Kb / 5P
   Fast Ethernet SFP Multimode Transceivers
TRXNFEMM OPLINK-TRXNFEMM Datasheet
535Kb / 5P
   Fast Ethernet SFP Multimode Transceivers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com