Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFPD-MR-20-52-A Datasheet(PDF) 3 Page - Source Photonics, Inc.

Part # SFPD-MR-20-52-A
Description  Multirate DWDM SFP Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SFPD-MR-20-52-A Datasheet(HTML) 3 Page - Source Photonics, Inc.

  SFPD-MR-20-52-A Datasheet HTML 1Page - Source Photonics, Inc. SFPD-MR-20-52-A Datasheet HTML 2Page - Source Photonics, Inc. SFPD-MR-20-52-A Datasheet HTML 3Page - Source Photonics, Inc. SFPD-MR-20-52-A Datasheet HTML 4Page - Source Photonics, Inc. SFPD-MR-20-52-A Datasheet HTML 5Page - Source Photonics, Inc. SFPD-MR-20-52-A Datasheet HTML 6Page - Source Photonics, Inc. SFPD-MR-20-52-A Datasheet HTML 7Page - Source Photonics, Inc. SFPD-MR-20-52-A Datasheet HTML 8Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Multirate DWDM SFP Transceiver
SFPD-MR-xx-xx-A
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
Confidential and Proprietary
LUMNDS724-Oct2607
Rev A.4
λ Wavelength Ordering
ITU Channel/Product Code
Frequency (THz)
Wavelength (nm) ITU Channel/Product Code
Frequency (THz)
Wavelength (nm)
15
191.5
1565.495
39
193.9
1546.119
16
191.6
1564.678
40
194.0
1545.322
17
191.7
1563.863
41
194.1
1544.526
18
191.8
1563.047
42
194.2
1543.730
19
191.9
1562.233
43
194.3
1542.936
20
192.0
1561.419
44
194.4
1542.142
21
192.1
1560.606
45
194.5
1541.349
22
192.2
1559.794
46
194.6
1540.557
23
192.3
1558.983
47
194.7
1539.766
24
192.4
1558.173
48
194.8
1538.976
25
192.5
1557.363
49
194.9
1538.186
26
192.6
1556.555
50
195.0
1537.397
27
192.7
1555.747
51
195.1
1536.609
28
192.8
1554.940
52
195.2
1535.822
29
192.9
1554.134
53
195.3
1535.036
30
193.0
1553.329
54
195.4
1534.250
31
193.1
1552.524
55
195.5
1533.465
32
193.2
1551.721
56
195.6
1532.681
33
193.3
1550.918
57
195.7
1531.898
34
193.4
1550.116
58
195.8
1531.116
35
193.5
1549.315
59
195.9
1530.334
36
193.6
1548.515
60
196.0
1529.553
37
193.7
1547.715
61
196.1
1528.773
38
193.8
1546.917
λc Wavelength Guide
SFPD-MR-xx-xx-A
See table below for “XX” values


Similar Part No. - SFPD-MR-20-52-A

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SFPD-4F-04-15-A SOURCE-SFPD-4F-04-15-A Datasheet
629Kb / 7P
   4Gb/s Fibre Channel DWDM SFP Transceiver
SFPD-4F-04-16-A SOURCE-SFPD-4F-04-16-A Datasheet
629Kb / 7P
   4Gb/s Fibre Channel DWDM SFP Transceiver
SFPD-4F-04-17-A SOURCE-SFPD-4F-04-17-A Datasheet
629Kb / 7P
   4Gb/s Fibre Channel DWDM SFP Transceiver
SFPD-4F-04-18-A SOURCE-SFPD-4F-04-18-A Datasheet
629Kb / 7P
   4Gb/s Fibre Channel DWDM SFP Transceiver
SFPD-4F-04-19-A SOURCE-SFPD-4F-04-19-A Datasheet
629Kb / 7P
   4Gb/s Fibre Channel DWDM SFP Transceiver
More results

Similar Description - SFPD-MR-20-52-A

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
SFP27DWLR08 MRV-SFP27DWLR08 Datasheet
94Kb / 5P
   DWDM Multirate SFP Transceivers
logo
Finisar Corporation.
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
logo
OPLINK Communications I...
S0255-TPD2XGKZRXXG OPLINK-S0255-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
TPD1XGKZRXXG OPLINK-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
TPD2XGKZRXXG OPLINK-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
S0252-TPD1XGKZRXXG OPLINK-S0252-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
logo
Optoway Technology Inc
SPS-2341MW-DXXG OPTOWAY-SPS-2341MW-DXXG Datasheet
200Kb / 7P
   40km / DWDM / 10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2381MW-DXXG OPTOWAY-SPS-2381MW-DXXG Datasheet
200Kb / 7P
   80km / DWDM / 10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
logo
Source Photonics, Inc.
XPD-MR-08-15CDA SOURCE-XPD-MR-08-15CDA Datasheet
652Kb / 6P
   10 Gbps 80km DWDM Multirate XFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com