Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B-13-15-1250C-FDFB-SSCG5 Datasheet(PDF) 3 Page - Source Photonics, Inc.

Part # B-13-15-1250C-FDFB-SSCG5
Description  1.25 Gbps bi-directional SC Receptacle single Fiber Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

B-13-15-1250C-FDFB-SSCG5 Datasheet(HTML) 3 Page - Source Photonics, Inc.

  B-13-15-1250C-FDFB-SSCG5 Datasheet HTML 1Page - Source Photonics, Inc. B-13-15-1250C-FDFB-SSCG5 Datasheet HTML 2Page - Source Photonics, Inc. B-13-15-1250C-FDFB-SSCG5 Datasheet HTML 3Page - Source Photonics, Inc. B-13-15-1250C-FDFB-SSCG5 Datasheet HTML 4Page - Source Photonics, Inc. B-13-15-1250C-FDFB-SSCG5 Datasheet HTML 5Page - Source Photonics, Inc. B-13-15-1250C-FDFB-SSCG5 Datasheet HTML 6Page - Source Photonics, Inc. B-13-15-1250C-FDFB-SSCG5 Datasheet HTML 7Page - Source Photonics, Inc. B-13-15-1250C-FDFB-SSCG5 Datasheet HTML 8Page - Source Photonics, Inc. B-13-15-1250C-FDFB-SSCG5 Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
1.25 Gbps bi-directional SC Receptacle
single Fiber Transceiver
B-1X/1X-1250C-F(DFB)-SSCx
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
LUMNDS796-Jan2407
Rev. A.3
Parameter
Symbol
Min
Typical
Max
Unit
Note
Electrical
Supply Current
ICC
-
-
100
mA
The current excludes the output load current
Data Output Voltage-Low
VOL -Vcc
-2.0
-
-1.58
V
These outputs are compatible with 10K,
10KH and 100KECL and PECL outputs
Data Output Voltage-High
VOH- Vcc
-1.1
-
-0.74
V
Signal Detect Output Voltage-Low
VSDL
0
-
0.5
V
LVTTL SD Output
Signal Detect Output Voltage-High
VSDH
2.0
-
Vcc
V
Receiver Specifications
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Optical
Sensitivity
-
-
-
-22
dBm
Measured with 27-1 PRBS,BER= 10-12
Maximum Input Power
Pin
-3
-
-
dBm
Signal Detect-Asserted
Pa
-
-
-22
dBm
Measured on transition: low to high (Note 1)
Signal Detect-Deasserted
Pd
-38
-
-
dBm
Measured on transition: high to low (Note 1)
Signal Detect-Hysteresis
-
1
-
4
dB
Cross Talk
-
-
-
-33
dB
Wavelength of Operation
-
1480
-
1600
nm
B-13/15-1250C-F(DFB)-SSCX
Wavelength of Operation
-
1260
-
1360
nm
B-15/13-1250C-F(DFB)-SSCX
Note 1: The SD level should be deasserted when fiber disconnected
Receiver Specifications


Similar Part No. - B-13-15-1250C-FDFB-SSCG5

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
B-13-15-1250C-T-SSCA2A SOURCE-B-13-15-1250C-T-SSCA2A Datasheet
558Kb / 6P
   1.25 Gbps Bi-directional Receptacle Single Fiber Transceiver
B-13-15-1250C-T3-SSC2 SOURCE-B-13-15-1250C-T3-SSC2 Datasheet
558Kb / 6P
   1.25 Gbps Bi-directional Receptacle Single Fiber Transceiver
More results

Similar Description - B-13-15-1250C-FDFB-SSCG5

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
B-13-14-1250-T-SSC-G5 SOURCE-B-13-14-1250-T-SSC-G5 Datasheet
589Kb / 7P
   1.25 Gbps Bi-directional Receptacle Single Fiber Transceiver
B-13-15-1250-T-SSC2A SOURCE-B-13-15-1250-T-SSC2A Datasheet
558Kb / 6P
   1.25 Gbps Bi-directional Receptacle Single Fiber Transceiver
B-13-1250-TPM3-SSC-60 SOURCE-B-13-1250-TPM3-SSC-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-15-1250-TDPM-SSC-60 SOURCE-B-15-1250-TDPM-SSC-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-15-1250-TDPM3-SSC-60 SOURCE-B-15-1250-TDPM3-SSC-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-13-1250-TPM-S SOURCE-B-13-1250-TPM-S Datasheet
958Kb / 5P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-15-13-155-T-SSC4 SOURCE-B-15-13-155-T-SSC4 Datasheet
1Mb / 7P
   155 Mbps Bi-directional SC Receptacle Single Fiber Transceiver
logo
List of Unclassifed Man...
B-15-155-T-SSC4 ETC2-B-15-155-T-SSC4 Datasheet
1Mb / 7P
   155 Mbps Bi-directional SC Receptacle Single Fiber Transceiver
logo
Source Photonics, Inc.
B-15-13-155-FDFB-SSC5 SOURCE-B-15-13-155-FDFB-SSC5 Datasheet
697Kb / 9P
   155 Mbps bi-directional SC Receptacle Single Fiber Transceiver
B-13-15-155-T-SSC4 SOURCE-B-13-15-155-T-SSC4 Datasheet
944Kb / 6P
   155 Mbps Bi-directional SC Receptacle Single Fiber Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com