Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN74ALVCH16903 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part No. SN74ALVCH16903
Description  3.3-V 12-BIT UNIVERSAL BUS DRIVER WITH PARITY CHECKER AND DUAL 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVCH16903 Datasheet(HTML) 5 Page - Texas Instruments

  SN74ALVCH16903 Datasheet HTML 1Page - Texas Instruments SN74ALVCH16903 Datasheet HTML 2Page - Texas Instruments SN74ALVCH16903 Datasheet HTML 3Page - Texas Instruments SN74ALVCH16903 Datasheet HTML 4Page - Texas Instruments SN74ALVCH16903 Datasheet HTML 5Page - Texas Instruments SN74ALVCH16903 Datasheet HTML 6Page - Texas Instruments SN74ALVCH16903 Datasheet HTML 7Page - Texas Instruments SN74ALVCH16903 Datasheet HTML 8Page - Texas Instruments SN74ALVCH16903 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SN74ALVCH16903
3.3-V 12-BIT UNIVERSAL BUS DRIVER
WITH PARITY CHECKER AND DUAL 3-STATE OUTPUTS
SCES095C – MARCH 1997 – REVISED MAY 1998
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP†
MAX
UNIT
IOH = –100 µA
2.3 V to 3.6 V
VCC–0.2
IOH = –6 mA,
VIH = 1.7 V
2.3 V
2
Y port
VIH = 1.7 V
2.3 V
1.7
VOH
Y port
IOH = –12 mA
VIH =2V
2.7 V
2.2
V
VIH = 2 V
3 V
2.4
IOH = –24 mA,
VIH = 2 V
3 V
2
PARI/O
IOH = –12 mA,
VIH = 2 V
3 V
2
IOL = 100 µA
2.3 V to 3.6 V
0.2
IOL = 6 mA,
VIL = 0.7 V
2.3 V
0.4
Y port
IOL =12mA
VIL = 0.7 V
2.3 V
0.7
VOL
IOL = 12 mA
VIL = 0.8 V
2.7 V
0.4
V
IOL = 24 mA,
VIL = 0.8 V
3 V
0.55
PARI/O
IOL = 12 mA,
VIL = 0.8 V
3 V
0.55
YERR output
IOL = 24 mA
3 V
0.5
II
VI = VCC or GND
3.6 V
±5
µA
VI = 0.7 V
2.3 V
45
VI = 1.7 V
2.3 V
–45
II(hold)
VI = 0.8 V
3 V
75
µA
()
VI = 2 V
3 V
–75
VI = 0 to 3.6 V‡
3.6 V
±500
IOH
YERR output
VO = VCC
0 to 3.6 V
±10
µA
IOZ§
VO = VCC or GND
3.6 V
±10
µA
ICC
VI = VCC or GND,
IO = 0
3.6 V
40
µA
∆ICC
One input at VCC –0.6 V,
Other inputs at VCC or GND
3 V to 3.6 V
750
µA
Ci
Control inputs
VI =VCC or GND
33 V
5.5
pF
Ci
Data inputs
VI = VCC or GND
3.3 V
5.5
pF
Co
YERR output
VO =VCC or GND
33 V
5
pF
Co
Data outputs
VO = VCC or GND
3.3 V
6
F
Cio
PARI/O
VO = VCC or GND
3.3 V
7
pF
† All typical values are at VCC = 3.3 V, TA = 25°C.
‡ This is the bus-hold maximum dynamic current required to switch the input from one state to another.
§ For I/O ports, the parameter IOZ includes the input leakage current.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn