Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-13-2500C-TDFB-SSC2 Datasheet(PDF) 6 Page - Source Photonics, Inc.

Part # C-13-2500C-TDFB-SSC2
Description  2.5 Gbps Single Mode Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-13-2500C-TDFB-SSC2 Datasheet(HTML) 6 Page - Source Photonics, Inc.

  C-13-2500C-TDFB-SSC2 Datasheet HTML 1Page - Source Photonics, Inc. C-13-2500C-TDFB-SSC2 Datasheet HTML 2Page - Source Photonics, Inc. C-13-2500C-TDFB-SSC2 Datasheet HTML 3Page - Source Photonics, Inc. C-13-2500C-TDFB-SSC2 Datasheet HTML 4Page - Source Photonics, Inc. C-13-2500C-TDFB-SSC2 Datasheet HTML 5Page - Source Photonics, Inc. C-13-2500C-TDFB-SSC2 Datasheet HTML 6Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
2.5 Gbps Single Mode Transceiver
C-1X-2500(C)-TDFB(3)-SSCX
66
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS797-Dec0904
rev. A.0
LUMINENTOIC.COM
IMPORTANT NOTICE!
All information contained in this document is subject to change without notice, at LuminentOIC’s sole and absolute discretion. LuminentOIC warrants performance
of its products to current specifications only in accordance with the company’s standard one-year warranty; however, specifications designated as “preliminary” are
given to describe components only, and LuminentOIC expressly disclaims any and all warranties for said products, including express, implied, and statutory warran-
ties, warranties of merchantability, fitness for a particular purpose, and non-infringement of proprietary rights. Please refer to the company’s Terms and Conditions of
Sale for further warranty information.
LuminentOIC assumes no liability for applications assistance, customer product design, software performance, or infringement of patents, services, or intellectual
property described herein. No license, either express or implied, is granted under any patent right, copyright, or intellectual property right, and LuminentOIC makes
no representations or warranties that the product(s) described herein are free from patent, copyright, or intellectual property rights. Products described in this docu-
ment are NOT intended for use in implantation or other life support applications where malfunction may result in injury or death to persons. LuminentOIC customers
using or selling products for use in such applications do so at their own risk and agree to fully defend and indemnify LuminentOIC for any damages resulting from
such use or sale.
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN “AS IS” BASIS. Customer agrees that LuminentOIC is not liable for any
actual, consequential, exemplary, or other damages arising directly or indirectly from any use of the information contained in this document. Customer must contact
LuminentOIC to obtain the latest version of this publication to verify, before placing any order, that the information contained herein is current.
© LuminentOIC, Inc. 2003
All rights reserved
Handling Precautions: This device is susceptible to damage as a result of electrostatic discharge (ESD). A static free environment is highly recommended. Follow
guidelines according to proper ESD procedures.
Laser Safety: Radiation emitted by laser devices can be dangerous to human eyes. Avoid eye exposure to direct or indirect radiation.
Warnings:
Legal Notes:
Ordering Information
C - 1X - 2500(C) - TDFB(3) - S SC TxPower
• 13 = Wavelength 1310nm
15 = Wavelength 1550nm
• Communication protocol
(2.5 Gbps)
2500 = PECL Signal Detection Output
2500C = TTL Signal Detection Output
• Connector options
• Tx Power range
2 = -5 to 0 dBm
4 = 0 to +5 dBm
• TDFB = +5V Transceiver, DFB
TDFB3= +3.3V Transceier, DFB
• Single mode fiber
Available Options:
C-13-2500-TDFB-SSC2
C-13-2500C-TDFB-SSC2
C-13-2500-TDFB3-SSC2
C-13-2500C-TDFB3-SSC2
C-15-2500-TDFB-SSC2
C-15-2500C-TDFB-SSC2
C-15-2500-TDFB3-SSC2
C-15-2500C-TDFB3-SSC2
Part numbering Definition:
C-13-2500-TDFB-SSC4
C-13-2500C-TDFB-SSC4
C-13-2500-TDFB3-SSC4
C-13-2500C-TDFB3-SSC4
C-15-2500-TDFB-SSC4
C-15-2500C-TDFB-SSC4
C-15-2500-TDFB3-SSC4
C-15-2500C-TDFB3-SSC4


Similar Part No. - C-13-2500C-TDFB-SSC2

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-2500C-F-SLC SOURCE-C-13-2500C-F-SLC Datasheet
1Mb / 8P
   2.5Gbps Single Mode SFF LC Transceiver (SR)
C-13-2500C-FDFB-SLC2 SOURCE-C-13-2500C-FDFB-SLC2 Datasheet
899Kb / 8P
   2.5Gbps Single Mode SFF LC Transceiver (IR1)
C-13-2500C-FDFB-SLC4 SOURCE-C-13-2500C-FDFB-SLC4 Datasheet
948Kb / 10P
   2.5 Gbps Single Mode SFF LC Transceiver
More results

Similar Description - C-13-2500C-TDFB-SSC2

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-93120G_2015 OPTOWAY-SPS-93120G_2015 Datasheet
149Kb / 5P
   2.5 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380-CXX0G_2015 OPTOWAY-SPS-9380-CXX0G_2015 Datasheet
151Kb / 5P
   2.5 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-9140G_2015 OPTOWAY-SPS-9140G_2015 Datasheet
149Kb / 5P
   2.5 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-93100G_2015 OPTOWAY-SPS-93100G_2015 Datasheet
149Kb / 5P
   2.5 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-9140G OPTOWAY-SPS-9140G_15 Datasheet
149Kb / 5P
   2.5 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-93120G OPTOWAY-SPS-93120G_15 Datasheet
149Kb / 5P
   2.5 Gbps SFP LC SINGLE-MODE TRANSCEIVER
logo
Source Photonics, Inc.
C-13-2500-FDFB-SLC4 SOURCE-C-13-2500-FDFB-SLC4 Datasheet
948Kb / 10P
   2.5 Gbps Single Mode SFF LC Transceiver
C-127-2500-FDFB-SLC2 SOURCE-C-127-2500-FDFB-SLC2 Datasheet
824Kb / 10P
   2.5 Gbps Single Mode SFF LC Transceiver
logo
Optoway Technology Inc
SPS-9102G_2015 OPTOWAY-SPS-9102G_2015 Datasheet
149Kb / 5P
   2.5 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380G_2015 OPTOWAY-SPS-9380G_2015 Datasheet
149Kb / 5P
   2.5 Gbps SFP LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com