Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGC-GC-55B-L-2MFCGR Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # SGC-GC-55B-L-2MFCGR
Description  ELED FC Sugar Cube Transmitter Preliminary
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SGC-GC-55B-L-2MFCGR Datasheet(HTML) 1 Page - Source Photonics, Inc.

  SGC-GC-55B-L-2MFCGR Datasheet HTML 1Page - Source Photonics, Inc. SGC-GC-55B-L-2MFCGR Datasheet HTML 2Page - Source Photonics, Inc. SGC-GC-55B-L-2MFCGR Datasheet HTML 3Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
SGC-GC-XXB-X-XXFC-XX
ELED FC Sugar Cube Transmitter
Preliminary
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS706-SEP2905
rev. A.2
LUMINENTOIC.COM
Features
• 1300nm or 1550nm Wavelength
• For Singlmode / Multimode Applications
• High Optical Power
• Low Operating Current
• High Speed
• Low Modal Noise
• 8 Pin Package with FC
• High Operating Temperature
• FC Type Sugar Cube
• For Data com Measurement Application
• RoHS Compliant available
Parameter
Symbol
Condition
Rating
Unit
Reverse Voltage
Vr
CW
2.5
V
Operating Current
Iop
CW
150
mA
Operating Temperature
Topr
-
-20 ~ 70
ºC
Storage Temperature
Tstg
-
-40 ~ 85
ºC
Absolute Maximum Ratings (Tc=25ºC)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Wavelength
λ
1260
1300
1340
nm
CW
Spectral Width
∆λ
30
-
80
nm
CW
Operating Current
Iop
-
80
100
mA
CW
Output Power (SM, 9/125µm)
L
M
H
P
f
10
30
50
-
-
-
40
60
80
µW
Iop=80 mA
Output Power(MM, 50/125µm)
L
M
H
P
f
30
50
70
-
-
-
-
-
-
µW
Iop=80 mA
Foward Voltage
Vf
-
1.2
2.0
V
CW
Rise Time
Tr
-
1.5
-
ns
Fall Time
Tf
-
2.5
-
ns
Output Power Variation
-
4
-
dB
25ºC to 70ºC
Optical and Electrical Characteristics 1300nm (Tc=25ºC)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Peak Wavelength
λ
1510
1550
1590
nm
CW
Spectral Width(RMS)
∆λ
45
-
80
nm
CW
Operating Current
Iop
-
80
100
mA
CW
Output Power(SM, 9/125µm)
L
M
H
P
f
10
20
30
-
-
-
-
-
-
µW
Iop=80 mA
Output Power(MM, 50/125µm)
L
M
H
P
f
20
30
40
-
-
-
-
-
-
µW
Iop=80 mA
Foward Voltage
Vf
-
1.2
2.0
V
CW
Rise Time
Tr
-
1.5
-
ns
Fall Time
Tf
-
2.5
-
ns
Output Power Variation
-
4
-
dB
25ºC to 70ºC
Optical and Electrical Characteristics 1550nm (Tc=25ºC)
(All optical data refer to a coupled 9/125µm SM & 50/125µm M/M fiber)
(All optical data refer to a coupled 9/125µm SM & 50/125µm M/M fiber)


Similar Part No. - SGC-GC-55B-L-2MFCGR

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SGC-GC-55B-L-2MSC SOURCE-SGC-GC-55B-L-2MSC Datasheet
464Kb / 3P
   ELED SC Sugar Cube Transmitter Preliminary
SGC-GC-55B-L-2MSC-G5 SOURCE-SGC-GC-55B-L-2MSC-G5 Datasheet
464Kb / 3P
   ELED SC Sugar Cube Transmitter Preliminary
SGC-GC-55B-L-2MSCGR SOURCE-SGC-GC-55B-L-2MSCGR Datasheet
464Kb / 3P
   ELED SC Sugar Cube Transmitter Preliminary
SGC-GC-55B-L-2MST SOURCE-SGC-GC-55B-L-2MST Datasheet
710Kb / 3P
   ELED ST Sugar Cube Transmitter Preliminary
SGC-GC-55B-L-2MST-G5 SOURCE-SGC-GC-55B-L-2MST-G5 Datasheet
710Kb / 3P
   ELED ST Sugar Cube Transmitter Preliminary
More results

Similar Description - SGC-GC-55B-L-2MFCGR

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SGC-GC-30B-L-1SSC SOURCE-SGC-GC-30B-L-1SSC Datasheet
464Kb / 3P
   ELED SC Sugar Cube Transmitter Preliminary
SGC-GC-30B-L-1SST SOURCE-SGC-GC-30B-L-1SST Datasheet
710Kb / 3P
   ELED ST Sugar Cube Transmitter Preliminary
EDR-S-30B-L-SFCE SOURCE-EDR-S-30B-L-SFCE Datasheet
536Kb / 3P
   ELED FC Receptacle
EDR-L-30B-L-SFCE SOURCE-EDR-L-30B-L-SFCE Datasheet
334Kb / 4P
   ELED FC Receptacle
logo
List of Unclassifed Man...
833H-1C-C-12VDC ETC2-833H-1C-C-12VDC Datasheet
87Kb / 3P
   Miniature PCB baby sugar cube relay General purpose application
logo
Fuji Electric
EDS5-101A FUJI-EDS5-101A Datasheet
138Kb / 5P
   FC SERIES PRESSURE TRANSMITTER
EDS6-103A FUJI-EDS6-103A Datasheet
174Kb / 6P
   FC SERIES FLOW TRANSMITTER
EDS8-1F FUJI-EDS8-1F Datasheet
110Kb / 4P
   FC SERIES EMF TRANSMITTER
logo
Source Photonics, Inc.
EDP-L-30B-L-SSCN-N SOURCE-EDP-L-30B-L-SSCN-N Datasheet
476Kb / 3P
   ELED Pigtailed Module
logo
Fuji Electric
EDS6-101A FUJI-EDS6-101A Datasheet
167Kb / 6P
   FC SERIES DIFFERENTIAL PRESSURE TRANSMITTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com