Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B-15-155C-T3-SST3AG5 Datasheet(PDF) 4 Page - Source Photonics, Inc.

Part # B-15-155C-T3-SST3AG5
Description  155 Mbps Bi-directional Receptacle Single Fiber Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

B-15-155C-T3-SST3AG5 Datasheet(HTML) 4 Page - Source Photonics, Inc.

  B-15-155C-T3-SST3AG5 Datasheet HTML 1Page - Source Photonics, Inc. B-15-155C-T3-SST3AG5 Datasheet HTML 2Page - Source Photonics, Inc. B-15-155C-T3-SST3AG5 Datasheet HTML 3Page - Source Photonics, Inc. B-15-155C-T3-SST3AG5 Datasheet HTML 4Page - Source Photonics, Inc. B-15-155C-T3-SST3AG5 Datasheet HTML 5Page - Source Photonics, Inc. B-15-155C-T3-SST3AG5 Datasheet HTML 6Page - Source Photonics, Inc. B-15-155C-T3-SST3AG5 Datasheet HTML 7Page - Source Photonics, Inc. B-15-155C-T3-SST3AG5 Datasheet HTML 8Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
155 Mbps Bi-directional Receptacle
Single Fiber Transceiver
B-13/15-155(C)-T(3)-Sxx3(4)
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
LUMNDS591-Apr2007
Rev A.2
Recommended Circuit Schematic (3.3V/5V)
1
2
3
4
5
9
7
8
6
Rx Vcc
Tx Vcc
Transceiver
Top view
No internal
connection
No internal
connection
C2
C1
C4
L2
C3
L1
Rx Vcc
Tx Vcc
Vcc
Tx Vcc
Rx Vcc
RD +
RD -
SD
TD +
TD -
R8
R10
R9
R7
C6
C5
R1
R3
R2
R4
R5
R6
Notes +3.3V:
R1=R3=R5=R7=R9=130
R2=R4=R6=R8=R10=82
C1=C2=C3=C5=C6=0.1F
C4=10F
L1=L2=1H
Notes +5V:
R1=R3=R5=R7=R9=82
R2=R4=R6=R8=R10=130
C1=C2=C3=C5=C6=0.1F
C4=10F
L1=L2=1H
The split-loaded terminations for ECL signals need to be located at the input of devices receiving those ECL signals.
The power supply filtering is required for good EMI performance. Use short tracks from the inductor L1/L2 to the module Rx Vcc.
A GND plane under the module is required for good EMI and sensitivity performance.
Recommended Circuit Schematic (3.3V/5V)
1
2
3
4
5
9
7
8
6
Rx Vcc
Tx Vcc
Transceiver
Top view
No internal
connection
No internal
connection
C2
C1
C4
L2
C3
L1
Rx Vcc
Tx Vcc
Vcc
Tx Vcc
Rx Vcc
RD +
RD -
SD
TD +
TD -
R6
R8
R7
C6
C5
R1
R3
R2
R4
R5
Notes +3.3V:
R1=R3=R5=R7=130
R2=R4=R6=R8=82
C1=C2=C3=C5=C6=0.1F
C4=10F
L1=L2=1H
Notes +5V:
R1=R3=R5=R7=82
R2=R4=R6=R8=130
C1=C2=C3=C5=C6=0.1F
C4=10F
L1=L2=1H
B-13/15-155-T(3)-Sxx3(4)
B-13/15-155C-T(3)-Sxx3(4)


Similar Part No. - B-15-155C-T3-SST3AG5

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
B-15-155C-TDFB-SFC5 SOURCE-B-15-155C-TDFB-SFC5 Datasheet
640Kb / 8P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-15-155C-TDFB-SFC5-G5 SOURCE-B-15-155C-TDFB-SFC5-G5 Datasheet
640Kb / 8P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-15-155C-TDFB-SFC7 SOURCE-B-15-155C-TDFB-SFC7 Datasheet
640Kb / 8P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-15-155C-TDFB-SFC7-G5 SOURCE-B-15-155C-TDFB-SFC7-G5 Datasheet
640Kb / 8P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-15-155C-TDFB-SSC5 SOURCE-B-15-155C-TDFB-SSC5 Datasheet
640Kb / 8P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
More results

Similar Description - B-15-155C-T3-SST3AG5

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
B-13-155-TDFB-SSC5-40 SOURCE-B-13-155-TDFB-SSC5-40 Datasheet
579Kb / 7P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-15-13-155-T-SSC5 SOURCE-B-15-13-155-T-SSC5 Datasheet
639Kb / 8P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-15-155-TDFB-SSC5-G5 SOURCE-B-15-155-TDFB-SSC5-G5 Datasheet
640Kb / 8P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-13-155-T-SSC5-40 SOURCE-B-13-155-T-SSC5-40 Datasheet
579Kb / 7P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-13-155-TPM3-S SOURCE-B-13-155-TPM3-S Datasheet
1Mb / 6P
   155 Mbps Bi-directional Single Fiber Transceiver
B-13-155-TPM-S SOURCE-B-13-155-TPM-S Datasheet
920Kb / 5P
   155 Mbps Bi-directional Single Fiber Transceiver
B-15-155-TPM3-S SOURCE-B-15-155-TPM3-S Datasheet
1Mb / 6P
   155 Mbps Bi-directional Single Fiber Transceiver
B-15-155-TPM-S SOURCE-B-15-155-TPM-S Datasheet
728Kb / 5P
   155 Mbps Bi-directional Single Fiber Transceiver
B-15-13-155S-TPM3-SSC4-54 SOURCE-B-15-13-155S-TPM3-SSC4-54 Datasheet
549Kb / 7P
   155 Mbps Bi-directional Single Fiber Transceiver
logo
List of Unclassifed Man...
B-15-155-T-SSC4 ETC2-B-15-155-T-SSC4 Datasheet
1Mb / 7P
   155 Mbps Bi-directional SC Receptacle Single Fiber Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com