Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPC-4F-08-35-A Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # SPC-4F-08-35-A
Description  4.25Gb/s Fibre Channel CWDM SFP Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPC-4F-08-35-A Datasheet(HTML) 1 Page - Source Photonics, Inc.

  SPC-4F-08-35-A Datasheet HTML 1Page - Source Photonics, Inc. SPC-4F-08-35-A Datasheet HTML 2Page - Source Photonics, Inc. SPC-4F-08-35-A Datasheet HTML 3Page - Source Photonics, Inc. SPC-4F-08-35-A Datasheet HTML 4Page - Source Photonics, Inc. SPC-4F-08-35-A Datasheet HTML 5Page - Source Photonics, Inc. SPC-4F-08-35-A Datasheet HTML 6Page - Source Photonics, Inc. SPC-4F-08-35-A Datasheet HTML 7Page - Source Photonics, Inc. SPC-4F-08-35-A Datasheet HTML 8Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
4.25Gb/s Fibre Channel CWDM SFP Transceiver
SPC-4F-08-xxCDA
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
LUMNDS734-Apr0908
Rev. A.0
Parameter
Symbol
Min
Typical
Max
Unit
Optical Power
Pop
0
2.5
5
dBm
Average Launch Power Of Off Tx
Poff
-
-
-45
dBm
Extinction Ratio
ER
5
-
-
dB
Eye Mask
-
-
-
Fibre Channel Compliant
Optical Rise Timeb
tr
-
-
130
ps
Optical Fall Timeb
tf
-
130
ps
Mean Wavelength
λ
1xxx-6.5nm
1xxx
1xxx+6.5nm
nm
Spectral Width (20dB)
∆λ20
-
-
1
nm
Dispersion Penalty (80 Km)c
dp
-
2
3
dB
Relative Intensity Noise
RIN
-
-
-120
dB/Hz
Reflection Toleranced
rp
-24
-
-
dB
Transmitter Specifications (Optical)
Features
• Single 3.3 V supply
• 80 km reach
• Supports 1.06/2.125/4.25Gb/s Fibre Channel Operation
• Compatible with 1.25Gb/s Ethernet
• 18 CWDM wavelengths, DFB Laser
• SFP MSA SFF-8074i compliant
• Digital Diagnostic SFF-8472 compliant
• Telcordia GR-468 compliant
• RoHS Compliant
Parameter
Symbol
Min.
Typical
Max.
Unit
Supply Voltage
Vcc
3.135
3.3
3.465
V
Total Current
Icc
-
-
300
mA
Power Supply Noise Rejectiona
PSR
100
-
-
mVp-p
Operating Case Temperature
Top
-5
-
70
ºC
Storage Temperature
Tst
-40
-
85
ºC
Data Rate FC-400 Fibre Channel
DR
-
4250
-
Mbps
General Operating
b) 20%-80% values
c) Measured at BER of 1e-12, PRBS of 27-1, at eye center
d) 1 dB degradation of receiver sensitivity
a) 20Hz to 155MHz


Similar Part No. - SPC-4F-08-35-A

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPC-4F-08 SOURCE-SPC-4F-08 Datasheet
218Kb / 11P
   4.25Gb/s Fibre Channel CWDM SFP Transceiver
More results

Similar Description - SPC-4F-08-35-A

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPC-4F-08 SOURCE-SPC-4F-08 Datasheet
218Kb / 11P
   4.25Gb/s Fibre Channel CWDM SFP Transceiver
SPC-4F-04-27CDA SOURCE-SPC-4F-04-27CDA Datasheet
526Kb / 8P
   4.25Gb/s Fibre Channel CWDM SFP Transceiver
SPC-4F-01-27CDA SOURCE-SPC-4F-01-27CDA Datasheet
526Kb / 8P
   4.25Gb/s Fibre Channel CWDM SFP Transceiver
logo
MRV Communications, Inc...
SFPFC4CW08 MRV-SFPFC4CW08 Datasheet
145Kb / 5P
   4.25 Gbps Fibre Channel CWDM SFP Transceiver
logo
Source Photonics, Inc.
SP-4F-01-CDA SOURCE-SP-4F-01-CDA Datasheet
503Kb / 7P
   4.25Gb/s 10km SFP Transceiver
SP-4F-04-CDA SOURCE-SP-4F-04-CDA Datasheet
461Kb / 7P
   4.25Gb/s 40km SFP Transceiver
SP-4F-08-CDA SOURCE-SP-4F-08-CDA Datasheet
462Kb / 7P
   4.25Gb/s 80km SFP Transceiver
SP-4F-01 SOURCE-SP-4F-01 Datasheet
217Kb / 11P
   4.25Gb/s 10km SFP Transceiver
SFPD-4F-04-15-A SOURCE-SFPD-4F-04-15-A Datasheet
629Kb / 7P
   4Gb/s Fibre Channel DWDM SFP Transceiver
SFPD-4F-08-15-A SOURCE-SFPD-4F-08-15-A Datasheet
630Kb / 7P
   4Gb/s Fibre Channel DWDM SFP Transceiver Preliminary
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com