Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPD-MR-04-36CDA Datasheet(PDF) 6 Page - Source Photonics, Inc.

Part # XPD-MR-04-36CDA
Description  10 Gbps 40km DWDM Multirate XFP Transceiver Preliminary
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

XPD-MR-04-36CDA Datasheet(HTML) 6 Page - Source Photonics, Inc.

  XPD-MR-04-36CDA Datasheet HTML 1Page - Source Photonics, Inc. XPD-MR-04-36CDA Datasheet HTML 2Page - Source Photonics, Inc. XPD-MR-04-36CDA Datasheet HTML 3Page - Source Photonics, Inc. XPD-MR-04-36CDA Datasheet HTML 4Page - Source Photonics, Inc. XPD-MR-04-36CDA Datasheet HTML 5Page - Source Photonics, Inc. XPD-MR-04-36CDA Datasheet HTML 6Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Handling Precautions: This device is susceptible to damage as a result of electrostatic discharge (ESD). A static free environment is highly recommended. Follow
guidelines according to proper ESD procedures.
Laser Safety: Radiation emitted by laser devices can be dangerous to human eyes. Avoid eye exposure to direct or indirect radiation.
XPD-MR-04-xxCDA
10 Gbps 40km DWDM Multirate XFP Transceiver
Preliminary
IMPORTANT NOTICE!
All information contained in this document is subject to change without notice, at LuminentOIC’s sole and absolute discretion. LuminentOIC warrants performance
of its products to current specifications only in accordance with the company’s standard one-year warranty; however, specifications designated as “preliminary” are
given to describe components only, and LuminentOIC expressly disclaims any and all warranties for said products, including express, implied, and statutory warran-
ties, warranties of merchantability, fitness for a particular purpose, and non-infringement of proprietary rights. Please refer to the company’s Terms and Conditions of
Sale for further warranty information.
LuminentOIC assumes no liability for applications assistance, customer product design, software performance, or infringement of patents, services, or intellectual
property described herein. No license, either express or implied, is granted under any patent right, copyright, or intellectual property right, and LuminentOIC makes
no representations or warranties that the product(s) described herein are free from patent, copyright, or intellectual property rights. Products described in this docu-
ment are NOT intended for use in implantation or other life support applications where malfunction may result in injury or death to persons. LuminentOIC customers
using or selling products for use in such applications do so at their own risk and agree to fully defend and indemnify LuminentOIC for any damages resulting from
such use or sale.
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN “AS IS” BASIS. Customer agrees that LuminentOIC is not liable for any
actual, consequential, exemplary, or other damages arising directly or indirectly from any use of the information contained in this document. Customer must contact
LuminentOIC to obtain the latest version of this publication to verify, before placing any order, that the information contained herein is current.
© LuminentOIC, Inc. 2003
All rights reserved
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
6
LUMINENTOIC.COM
LUMNDS641-NOV1106
Rev. 0.2
Warnings
Legal Notice
Ordering Information
Part Numbering Definition:
X P D - M R -
Reach
- ITU Channel Temperature Diagnostic Revision
XPD = DWDM XFP
MR = Multi-Rate
xx = 15 to 61
C = Commerical Temp
(-5 to 70C)
D = Digital Diagnostic
04 = 40km
A = Design Revision


Similar Part No. - XPD-MR-04-36CDA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
XPD-MR-04-XXIDFA SOURCE-XPD-MR-04-XXIDFA Datasheet
491Kb / 9P
   Available in all 100GHz C-Band Wavelengths on the DWDM ITU Grid
More results

Similar Description - XPD-MR-04-36CDA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
XP-MR-04-CDA SOURCE-XP-MR-04-CDA Datasheet
828Kb / 5P
   10 Gbps 40km Multirate XFP Transceiver Preliminary
XPD-MR-D1215CDA SOURCE-XPD-MR-D1215CDA Datasheet
845Kb / 6P
   10 Gbps 120km DWDM Multirate XFP Transceiver Preliminary
XPD-MR-08-15CDA SOURCE-XPD-MR-08-15CDA Datasheet
652Kb / 6P
   10 Gbps 80km DWDM Multirate XFP Transceiver
XP-MR-08-CDA SOURCE-XP-MR-08-CDA Datasheet
828Kb / 5P
   10 Gbps 80km Multirate XFP Transceiver Preliminary
XP-MR-D12-CDA SOURCE-XP-MR-D12-CDA Datasheet
829Kb / 5P
   10 Gbps 120km Multirate XFP Transceiver Preliminary
logo
MRV Communications, Inc...
XFP-DWLR12P MRV-XFP-DWLR12P Datasheet
117Kb / 6P
   10 Gbps DWDM Multirate XFP Transceivers
logo
Finisar Corporation.
FTLX3612M3 FINISAR-FTLX3612M3 Datasheet
226Kb / 13P
   40km Multi-Rate DWDM XFP Optical Transceiver
FTLX3613M316 FINISAR-FTLX3613M316 Datasheet
237Kb / 13P
   40km Multi-Rate DWDM XFP Optical Transceiver
logo
MRV Communications, Inc...
XFP-10GD-LR12P MRV-XFP-10GD-LR12P Datasheet
100Kb / 5P
   10 Gbps Multirate XFP Transceivers
logo
Silicon Laboratories
SI5040 SILABS-SI5040 Datasheet
131Kb / 2P
   10 Gbps XFP Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com