Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALVCH16344 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ALVCH16344
Description  1-BIT TO 4-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVCH16344 Datasheet(HTML) 3 Page - Texas Instruments

  SN74ALVCH16344 Datasheet HTML 1Page - Texas Instruments SN74ALVCH16344 Datasheet HTML 2Page - Texas Instruments SN74ALVCH16344 Datasheet HTML 3Page - Texas Instruments SN74ALVCH16344 Datasheet HTML 4Page - Texas Instruments SN74ALVCH16344 Datasheet HTML 5Page - Texas Instruments SN74ALVCH16344 Datasheet HTML 6Page - Texas Instruments SN74ALVCH16344 Datasheet HTML 7Page - Texas Instruments SN74ALVCH16344 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SN74ALVCH16344
1-BIT TO 4-BIT ADDRESS DRIVER
WITH 3-STATE OUTPUTS
SCES054F – SEPTEMBER 1995 – REVISED FEBRUARY 1999
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
–0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
–0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Notes 1 and 2)
–0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0)
–50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0)
–50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through each VCC or GND
±100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 3): DGG package
81
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DGV package
86
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DL package
74
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. This value is limited to 4.6 V maximum.
3. The package thermal impedance is calculated in accordance with JESD 51.
recommended operating conditions (see Note 4)
MIN
MAX
UNIT
VCC
Supply voltage
1.65
3.6
V
VCC = 1.65 V to 1.95 V
0.65
× VCC
VIH
High-level input voltage
VCC = 2.3 V to 2.7 V
1.7
V
VCC = 2.7 V to 3.6 V
2
VCC = 1.65 V to 1.95 V
0.35
× VCC
VIL
Low-level input voltage
VCC = 2.3 V to 2.7 V
0.7
V
VCC = 2.7 V to 3.6 V
0.8
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
VCC = 1.65 V
–4
IOH
High level output current
VCC = 2.3 V
–12
mA
IOH
High-level output current
VCC = 2.7 V
–12
mA
VCC = 3 V
–24
VCC = 1.65 V
4
IOL
Low level output current
VCC = 2.3 V
12
mA
IOL
Low-level output current
VCC = 2.7 V
12
mA
VCC = 3 V
24
∆t/∆v
Input transition rise or fall rate
10
ns/V
TA
Operating free-air temperature
–40
85
°C
NOTE 4: All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.


Similar Part No. - SN74ALVCH16344

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH16344 TI-SN74ALVCH16344 Datasheet
283Kb / 12P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16344DGGR TI-SN74ALVCH16344DGGR Datasheet
283Kb / 12P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16344DL TI-SN74ALVCH16344DL Datasheet
283Kb / 12P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16344DLR TI-SN74ALVCH16344DLR Datasheet
283Kb / 12P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16344 TI-SN74ALVCH16344_07 Datasheet
283Kb / 12P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALVCH16344

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH16344 TI-SN74ALVCH16344_07 Datasheet
283Kb / 12P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16344 PERICOM-PI74ALVCH16344 Datasheet
466Kb / 7P
   1-Bit to 4-Bit Address/Driver with 3-State Outputs
logo
Texas Instruments
SN74ALVCH162344 TI-SN74ALVCH162344 Datasheet
118Kb / 8P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162344 TI1-SN74ALVCH162344_09 Datasheet
343Kb / 14P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162832 TI-SN74ALVCH162832 Datasheet
127Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162831 TI1-SN74ALVCH162831_11 Datasheet
325Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162831 TI-SN74ALVCH162831 Datasheet
126Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVC162831 TI-SN74ALVC162831 Datasheet
125Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162832 TI1-SN74ALVCH162832_10 Datasheet
118Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162831 HITACHI-HD74ALVCH162831 Datasheet
61Kb / 13P
   1-bit 4-bit Address Register / Driver with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com