Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN74ALVCH162835 Datasheet(PDF) 6 Page - Texas Instruments

Part No. SN74ALVCH162835
Description  18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVCH162835 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74ALVCH162835 Datasheet HTML 2Page - Texas Instruments SN74ALVCH162835 Datasheet HTML 3Page - Texas Instruments SN74ALVCH162835 Datasheet HTML 4Page - Texas Instruments SN74ALVCH162835 Datasheet HTML 5Page - Texas Instruments SN74ALVCH162835 Datasheet HTML 6Page - Texas Instruments SN74ALVCH162835 Datasheet HTML 7Page - Texas Instruments SN74ALVCH162835 Datasheet HTML 8Page - Texas Instruments SN74ALVCH162835 Datasheet HTML 9Page - Texas Instruments SN74ALVCH162835 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SN74ALVCH162835
18-BIT UNIVERSAL BUS DRIVER
WITH 3-STATE OUTPUTS
SCES121E – JULY 1997 – REVISED JUNE 1999
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted) (see Figures 1 through 3)
VCC = 1.8 V
VCC = 2.5 V
± 0.2 V
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
150
150
150
MHz
t
Pulse duration
LE high
3.3
3.3
3.3
ns
tw
Pulse duration
CLK high or low
3.3
3.3
3.3
ns
Data before CLK
2.2
2.1
1.7
tsu
Setup time
Data before LE
CLK high
1.9
1.6
1.5
ns
Data before LE
CLK low
1.3
1.1
1
Data after CLK
0.6
0.6
0.7
th
Hold time
Data after LE
CLK
high or low
1.4
1.7
1.4
ns
† This information was not available at the time of publication.
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figures 1 through 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 1.8 V
VCC = 2.5 V
± 0.2 V
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MIN
MAX
MIN
MAX
MIN
MAX
fmax
150
150
150
MHz
A
1
5
5
1
4.2
tpd
LE
Y
1.3
5.9
5.8
1.3
5.1
ns
CLK
1.4
6.3
6.1
1.4
5.4
ten
OE
Y
1.4
6.3
6.5
1.1
5.5
ns
tdis
OE
Y
1
4.7
4.9
1.3
4.5
ns
† This information was not available at the time of publication.
switching characteristics from 0
°C to 65°C, CL = 50 pF
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 3.3 V
± 0.15 V
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
tpd
CLK
Y
1.9
5
ns
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
VCC = 1.8 V VCC = 2.5 V VCC = 3.3 V
UNIT
PARAMETER
TEST CONDITIONS
TYP
TYP
TYP
UNIT
C d
Power dissipation
Outputs enabled
CL =0
f=10MHz
36
41
pF
Cpd
capacitance
Outputs disabled
CL = 0,
f = 10 MHz
12.5
14
pF
† This information was not available at the time of publication.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn