Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


BL-S36A-11S-43 Datasheet(PDF) 2 Page - BetLux Electronics

Part No. BL-S36A-11S-43
Description  LED NUMERIC DISPLAY, 1 DIGIT
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BETLUX [BetLux Electronics]
Homepage  http://www.betlux.com
Logo 

   
 2 page
background image
www.betlux.com
LED NUMERIC DISPLAY, 1 DIGIT
BL-S36X-11
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 2 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Absolute maximum ratings (Ta=25
)
Parameter
S
D
UR
E
Y
G
Unit
Forward Current
IF
25
25
25
25
25
30
mA
Power Dissipation Pd
60
60
60
60
60
65
mW
Reverse Voltage VR
5
5
5
5
5
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
150
150
150
150
150
150
mA
Operation Temperature TOPR
-40 to +80
Storage Temperature TSTG
-40 to +85
Lead Soldering Temperature
TSOL
Max.260±5
for 3 sec Max.
(1.6mm from the base of the epoxy bulb)
Absolute maximum ratings (Ta=25°C)
Parameter
UHR
UE
YO
UY
UG
PG
UB
UW
Unit
Forward Current
IF
30
30
30
30
30
30
30
30
mA
Power Dissipation Pd
75
65
65
65
75
110
120
120
mW
Reverse Voltage VR
5
5
5
5
5
5
5
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
150
150
150
150
150
150
100
100
mA
Operation Temperature TOPR
-40 to +80
Storage Temperature TSTG
-40 to +85
Lead Soldering Temperature
TSOL
Max.260±5
for 3 sec Max.
(1.6mm from the base of the epoxy bulb)




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KW1-521LED Numeric Display Single Digit 0.52 1 Lucky Light Electronic
KW1-1502XYMulti-Color LED Numeric Display Single Digit 1.50" 1 Lucky Light Electronic
KW2-521LED Numeric Display Dual Digit 0.52" 1 Lucky Light Electronic
KW4-305LED Numeric Display Four Digit 0.30" 1 Lucky Light Electronic
KWE-401LED Numeric Display Three Digit 0.40 1 Lucky Light Electronic
BL-D40E-21SLED NUMERIC DISPLAY 2 DIGIT 1 2 3 4 BetLux Electronics
BL-D54A-21SLED NUMERIC DISPLAY 2 DIGIT ALPHANUMERIC DISPLAY 1 2 3 4 BetLux Electronics
BL-D80E-21SLED NUMERIC DISPLAY 2 DIGIT 1 2 3 4 BetLux Electronics
BL-Q28M-41SLED NUMERIC DISPLAY 4 DIGIT 1 2 3 4 BetLux Electronics
BL-Q36G-41SLED NUMERIC DISPLAY 4 DIGIT 1 2 3 4 BetLux Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl