Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-15-622-FDFB-SLC Datasheet(PDF) 2 Page - Source Photonics, Inc.

Part # C-15-622-FDFB-SLC
Description  622 Mbps Single Mode SFF LC Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-15-622-FDFB-SLC Datasheet(HTML) 2 Page - Source Photonics, Inc.

  C-15-622-FDFB-SLC Datasheet HTML 1Page - Source Photonics, Inc. C-15-622-FDFB-SLC Datasheet HTML 2Page - Source Photonics, Inc. C-15-622-FDFB-SLC Datasheet HTML 3Page - Source Photonics, Inc. C-15-622-FDFB-SLC Datasheet HTML 4Page - Source Photonics, Inc. C-15-622-FDFB-SLC Datasheet HTML 5Page - Source Photonics, Inc. C-15-622-FDFB-SLC Datasheet HTML 6Page - Source Photonics, Inc. C-15-622-FDFB-SLC Datasheet HTML 7Page - Source Photonics, Inc. C-15-622-FDFB-SLC Datasheet HTML 8Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
622 Mbps Single Mode SFF LC Transceiver
C-1X-622-F(DFB)-SLC(4)
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS595-JUL1504
rev. A.1
LUMINENTOIC.COM
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Optical
Optical Transmit Power
Po
-15
-
-8
dBm
C-13-622-F-SLC
Optical Transmit Power
Po
-3
-
+2
dBm
C-1X-622-FDFB-SLC4
Output center Wavelength
λp
1274
1310
1356
nm
C-13-622-F-SLC
Output center Wavelength
λp
1280
1310
1335
nm
C-13-622-FDFB-SLC4
Output center Wavelength
λp
1480
1550
1580
nm
C-15-622-FDFB-SLC4
Output Spectrum Width
∆λrms
-
-
2.5
nm
RMS(σ), C-13-622-F-SLC
Output Spectrum Width
∆λ
-
-
1
nm
-20 dB width, C-1X-622-FDFB-SLC4
Side Mode Suppression Ratio
Sr
30
35
-
dB
C-1X-622-FDFB-SLC4
Extinction Ratio
ER
8.2
-
-
dB
C-13-622-F-SLC
Extinction Ratio
ER
10
-
-
dB
C-1X-622-FDFB-SLC4
Output Eye
Compliant with ITU-T G.957/STM-4 Eye Mask
Optical Rise Time
tr
-
-
1.2
ns
10% to 90% Values
Optical Fall Time
tf
-
-
1.2
ns
10% to 90% Values
Relative Intensity Noise
RIN
-
-
-120
dB/Hz
Total Jitter
TJ
-
-
0.55
ns
Measured with 223-1 PRBS with 72 ones and
72 zeros.
Transmitter Specifications, (0ºC<Topr<70ºC, 3.1V < VCC < 3.5V)
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Electrical
Supply Current
ICC
-
-
160
mA
Maximum current is specified at Vcc=
Maximum @ maximum temperature
Transmitter Enable Voltage
VEN
0
-
0.8
V
Transmitter Disable Voltage
VD
2
-
Vcc
V
Data Input Current-Low
IIL
-200
-
-
µA
Data Input Current-High
IIH
-
-
200
µA
Data Input Voltage-Low
VIL-VCC
-2.0
-
-1.58
V
These inputs are compatible with 10K, 10KH
and 100K ECL and PECL inputs
Data Input Voltage-High
VIH-VCC
-1.1
-
-0.74
V
Transmitter Specifications, (0ºC<Topr<70ºC, 3.1V < VCC < 3.5V)


Similar Part No. - C-15-622-FDFB-SLC

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-15-622-FDFB-SLC4A-55-G5 SOURCE-C-15-622-FDFB-SLC4A-55-G5 Datasheet
697Kb / 7P
   622 Mbps Single Mode SFF LC Transceiver
C-15-622-FDFB-SLC4A-G5 SOURCE-C-15-622-FDFB-SLC4A-G5 Datasheet
697Kb / 7P
   622 Mbps Single Mode SFF LC Transceiver
More results

Similar Description - C-15-622-FDFB-SLC

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-622-F-SLC-55-G5 SOURCE-C-13-622-F-SLC-55-G5 Datasheet
707Kb / 9P
   622 Mbps Single Mode SFF LC Transceiver
C-15-622-FDFB-SLC4A-G5 SOURCE-C-15-622-FDFB-SLC4A-G5 Datasheet
697Kb / 7P
   622 Mbps Single Mode SFF LC Transceiver
C-13-622C-F-SLC SOURCE-C-13-622C-F-SLC Datasheet
651Kb / 8P
   622 Mbps Single Mode SFF LC Transceiver
logo
Optoway Technology Inc
TRSL-5140AG OPTOWAY-TRSL-5140AG Datasheet
114Kb / 4P
   622 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-5140G OPTOWAY-TRSL-5140G Datasheet
114Kb / 4P
   622 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-5380-CXX0 OPTOWAY-TRSL-5380-CXX0 Datasheet
128Kb / 5P
   3.3V / CWDM / 622 Mbps SFF LC SINGLE-MODE TRANSCEIVER
TRSL-5380W-CXX0G OPTOWAY-TRSL-5380W-CXX0G Datasheet
160Kb / 5P
   3.3V / CWDM / 622 Mbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-5380-CXX0G OPTOWAY-TRSL-5380-CXX0G Datasheet
129Kb / 5P
   3.3V / CWDM / 622 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
logo
Source Photonics, Inc.
C-13-155-F-SLCA-55-G5 SOURCE-C-13-155-F-SLCA-55-G5 Datasheet
866Kb / 10P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLC3S-19 SOURCE-C-13-155-F-SLC3S-19 Datasheet
720Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com