Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-13-622-FDFB-SLC Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # C-13-622-FDFB-SLC
Description  622 Mbps Single Mode SFF LC Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-13-622-FDFB-SLC Datasheet(HTML) 1 Page - Source Photonics, Inc.

  C-13-622-FDFB-SLC Datasheet HTML 1Page - Source Photonics, Inc. C-13-622-FDFB-SLC Datasheet HTML 2Page - Source Photonics, Inc. C-13-622-FDFB-SLC Datasheet HTML 3Page - Source Photonics, Inc. C-13-622-FDFB-SLC Datasheet HTML 4Page - Source Photonics, Inc. C-13-622-FDFB-SLC Datasheet HTML 5Page - Source Photonics, Inc. C-13-622-FDFB-SLC Datasheet HTML 6Page - Source Photonics, Inc. C-13-622-FDFB-SLC Datasheet HTML 7Page - Source Photonics, Inc. C-13-622-FDFB-SLC Datasheet HTML 8Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
622 Mbps Single Mode SFF LC Transceiver
C-1X-622-F(DFB)-SLC(4)
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS595-JUL1504
rev. A.1
LUMINENTOIC.COM
Features
• Duplex LC Single Mode Transceiver
• Small Form Factor Multi-soured 2 x 5 Pin Package
• Complies with ITU-T/STM-4, OC-12
• 1310nm / 1550nm Wavelength, FP / DFB Laser
• Single+3.3V Power Supply
• LVPECL Differential Inputs and Outputs
• LVPECL Signal Detection Output [C-1X-622-F(DFB)-SLC(4)]
• Temperature Range: 0 to 70oC
• Class 1 Laser International Safety Standard IEC 825 Compliant
• Solder ability to MIL-STD-883, Method 2003
• Pin coating is Sn/Pb with minimum 2% Pb content
• Flammability to UL94V0
• Humidity RH 5-85% (5-95% short term) to IEC 68-2-3
• Complies with Bell core GR-468-CORE
• Uncooled laser diode with MQW structure
• ATM 622 Mbps Links application
• SONET/SDH Equipment Interconnect application
Parameter
Symbol
Min.
Max.
Unit
Note
Power Supply Voltage
Vcc
0
3.6
V
Output Current
Iout
0
30
mA
Soldering Temperature
-
-
260
ºC
10 seconds on leads only
Operating Temperature
Topr
0
70
ºC
Storage Temperature
Tstg
-40
85
ºC
Absolute Maximum Rating
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Power Supply Voltage
Vcc
3.1
3.3
3.5
V
Operating Temperature (Case)
Topr
0
-
70
ºC
C-1X-622-F(DFB)-SLC(4)
Operating Temperature (Case)
Topr
-40
-
85
ºC
C-1X-622-F(DFB)-SLC(4)A
Data Rate
-
-
622
-
Mbps
Recommended Operating Condition


Similar Part No. - C-13-622-FDFB-SLC

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-622-F-SLC-55-G5 SOURCE-C-13-622-F-SLC-55-G5 Datasheet
707Kb / 9P
   622 Mbps Single Mode SFF LC Transceiver
C-13-622-F-SLC-G5 SOURCE-C-13-622-F-SLC-G5 Datasheet
707Kb / 9P
   622 Mbps Single Mode SFF LC Transceiver
C-13-622-F-SLCA-55-G5 SOURCE-C-13-622-F-SLCA-55-G5 Datasheet
707Kb / 9P
   622 Mbps Single Mode SFF LC Transceiver
C-13-622-F-SLCA-G5 SOURCE-C-13-622-F-SLCA-G5 Datasheet
707Kb / 9P
   622 Mbps Single Mode SFF LC Transceiver
More results

Similar Description - C-13-622-FDFB-SLC

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-622-F-SLC-55-G5 SOURCE-C-13-622-F-SLC-55-G5 Datasheet
707Kb / 9P
   622 Mbps Single Mode SFF LC Transceiver
C-15-622-FDFB-SLC4A-G5 SOURCE-C-15-622-FDFB-SLC4A-G5 Datasheet
697Kb / 7P
   622 Mbps Single Mode SFF LC Transceiver
C-13-622C-F-SLC SOURCE-C-13-622C-F-SLC Datasheet
651Kb / 8P
   622 Mbps Single Mode SFF LC Transceiver
logo
Optoway Technology Inc
TRSL-5140AG OPTOWAY-TRSL-5140AG Datasheet
114Kb / 4P
   622 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-5140G OPTOWAY-TRSL-5140G Datasheet
114Kb / 4P
   622 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-5380-CXX0 OPTOWAY-TRSL-5380-CXX0 Datasheet
128Kb / 5P
   3.3V / CWDM / 622 Mbps SFF LC SINGLE-MODE TRANSCEIVER
TRSL-5380W-CXX0G OPTOWAY-TRSL-5380W-CXX0G Datasheet
160Kb / 5P
   3.3V / CWDM / 622 Mbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-5380-CXX0G OPTOWAY-TRSL-5380-CXX0G Datasheet
129Kb / 5P
   3.3V / CWDM / 622 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
logo
Source Photonics, Inc.
C-13-155-F-SLCA-55-G5 SOURCE-C-13-155-F-SLCA-55-G5 Datasheet
866Kb / 10P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLC3S-19 SOURCE-C-13-155-F-SLC3S-19 Datasheet
720Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com