Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L816 Datasheet(PDF) 7 Page - Superworld Electronics

Part # L816
Description  HIGH CURRENT MOLDED POWER INDUCTORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

L816 Datasheet(HTML) 7 Page - Superworld Electronics

Back Button L816 Datasheet HTML 2Page - Superworld Electronics L816 Datasheet HTML 3Page - Superworld Electronics L816 Datasheet HTML 4Page - Superworld Electronics L816 Datasheet HTML 5Page - Superworld Electronics L816 Datasheet HTML 6Page - Superworld Electronics L816 Datasheet HTML 7Page - Superworld Electronics L816 Datasheet HTML 8Page - Superworld Electronics L816 Datasheet HTML 9Page - Superworld Electronics L816 Datasheet HTML 10Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 7
14.11.2008
L816 SERIES
10. RELIABILITY AND TEST CONDITION :
LCR meter.
Frequency : 10-55-10Hz for 1 min.
Directions & times : X, Y, Z directions for 2 hours.
A period of 2 hours in each of 3 mutually perpendicular
Irms(A) will cause the coil temperature rise
approximately
T=40°C without core loss
CH16502, Agilent33420A Micro-Ohm Meter.
1. Applied the allowed DC current
60
seconds
Isat(A) will cause Lo to drop approximately 20%
Solder Temperature : 260±5°C
Solder Temperature : 245±5°C
2. Temperature measured by digital surface thermometer
Measure at room temperature after placing for 2 to 3 hrs.
Measure at room temperature after placing for 2 to 3 hrs.
Measure at room temperature after placing for 2 to 3 hrs.
Measure at room temperature after placing for 2 to 3 hrs.
Applied Current : Rated Curent
60
seconds
Time : 500±12 hours
Life Test
Humidity : 90% to 95% RH
Appearance : Cracking, shipping and any other
defects harmful to the characteristics should not
2. Inductance : Within ±20% of initial value.
No disconnection or short circuit.
be allowed.
Random Vibration Test
directions (Total 6 hours).
Amplitude : 1.52mm
Time : 500±12 hours
1. Appearance : No damage
2. Inductance : Within ±20% of initial value.
No disconnection or short circuit.
1. Appearance : No damage
Humidity Resistance
Low Temperature
Thermal Shock
Life Test
1-55±3
Temperature : 40±5°C
Total : 5 cycles
Room Temperature
Room Temperature
3
2
4
+125±3
Temperature (°C)
Conditions of 1 cycle.
Step
Time : 500±12 hours
Temperature : -55±5°C
2. Inductance change : Within ±20%
1. Appearance : No significant abnormality
High Temperature
Reliability Test
Solder Heat Resistance
Dip Time : 10±0.5sec.
Temperature : 125±5°C
260°C
150°C
Preheat : 150°C, 60sec.
Flux for lead free : rosin
Solder : Sn-Ag3.0-Cu0.5
150°C
More than 90% of the terminal electrode
should be covered with solder.
Saturation Current (Isat)
Solderability Test
Mechanical Performance Test
Heat Rated Current (Irms)
DCR
Dip Time : 4±1sec.
Flux for lead free : rosin
245°C
Preheat : 150°C, 60sec.
Solder : Sn-Ag3.0-Cu0.5
30±3
30±3
Within 3
Within 3
Times (min.)
4±1
seconds
cooling
10±0.5
seconds
Preheating Dipping Natural
Preheating Dipping Natural
cooling
TEST CONDITION
HP4284A, CH11025, CH3302, CH1320, CH1320S
Refer to standard electrical characteristics list
PERFORMANCE
Electrical Characteristics Test
ITEM
Inductance
HIGH CURRENT MOLDED POWER INDUCTORS


Similar Part No. - L816

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L8160 ETC1-L8160 Datasheet
30Kb / 1P
   Diagonal cutters oval
L816BGD ETC-L816BGD Datasheet
117Kb / 5P
   10MM BLINKING LED LAMPS
L816BID ETC-L816BID Datasheet
117Kb / 5P
   10MM BLINKING LED LAMPS
L816BSRB ETC-L816BSRB Datasheet
117Kb / 5P
   10MM BLINKING LED LAMPS
L816BSRC ETC-L816BSRC Datasheet
117Kb / 5P
   10MM BLINKING LED LAMPS
More results

Similar Description - L816

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
L812HW SUPERWORLD-L812HW Datasheet
576Kb / 10P
   HIGH CURRENT MOLDED POWER INDUCTORS
L817PW SUPERWORLD-L817PW Datasheet
371Kb / 9P
   HIGH CURRENT MOLDED POWER INDUCTORS
L825HW SUPERWORLD-L825HW Datasheet
303Kb / 7P
   HIGH CURRENT MOLDED POWER INDUCTORS
logo
Central Technologies
CTIHSM5832F CT-CTIHSM5832F Datasheet
170Kb / 1P
   Power Inductors - Molded High Current
logo
Superworld Electronics
L810HW SUPERWORLD-L810HW_10 Datasheet
537Kb / 10P
   HIGH CURRENT MOLDED POWER INDUCTORS
L811HW SUPERWORLD-L811HW_10 Datasheet
586Kb / 10P
   HIGH CURRENT MOLDED POWER INDUCTORS
L813PW SUPERWORLD-L813PW Datasheet
500Kb / 10P
   HIGH CURRENT MOLDED POWER INDUCTORS
L816PW SUPERWORLD-L816PW Datasheet
365Kb / 9P
   HIGH CURRENT MOLDED POWER INDUCTORS
L822HW SUPERWORLD-L822HW Datasheet
365Kb / 9P
   HIGH CURRENT MOLDED POWER INDUCTORS
SWDY0806-NC SUPERWORLD-SWDY0806-NC Datasheet
150Kb / 3P
   HIGH CURRENT MOLDED POWER INDUCTORS
L814HW SUPERWORLD-L814HW Datasheet
338Kb / 8P
   HIGH CURRENT MOLDED POWER INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com