Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-15-622C-F-SLC4 Datasheet(PDF) 5 Page - Source Photonics, Inc.

Part # C-15-622C-F-SLC4
Description  622 Mbps Single Mode SFF LC Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-15-622C-F-SLC4 Datasheet(HTML) 5 Page - Source Photonics, Inc.

  C-15-622C-F-SLC4 Datasheet HTML 1Page - Source Photonics, Inc. C-15-622C-F-SLC4 Datasheet HTML 2Page - Source Photonics, Inc. C-15-622C-F-SLC4 Datasheet HTML 3Page - Source Photonics, Inc. C-15-622C-F-SLC4 Datasheet HTML 4Page - Source Photonics, Inc. C-15-622C-F-SLC4 Datasheet HTML 5Page - Source Photonics, Inc. C-15-622C-F-SLC4 Datasheet HTML 6Page - Source Photonics, Inc. C-15-622C-F-SLC4 Datasheet HTML 7Page - Source Photonics, Inc. C-15-622C-F-SLC4 Datasheet HTML 8Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
622 Mbps Single Mode SFF LC Transceiver
C-1X-622C-F(DFB)-SLC(4)
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS583-Jun2405
rev. A.2
LUMINENTOIC.COM
Recommended Circuit Schematic
The split-loaded terminations for ECL signals need to be located at the input of devices receiving those ECL signals.
The power supply filtering is required for good EMI performance. Use short tracks from the inductor L1/L2 to the module Rx Vcc.
A GND plane under the module is required for good EMI and sensitivity performance.
Tx
Rx
TERMINATE AT
TRANSCEIVER INPUTS
Z=50
Z=50
100
TD-
TD
130
130
Vcc(+3.3V)
100
RD+
RD-
SD
Z=50
Z=50
Z=50
130
130
Vcc(+3.3V)
Vcc(+3.3V)
LVPECL
LVPECL
10F
C3
C2
1H
6
7
8
10
9
1
2
3
4
5
1H
C1
TERMINATE AT
DEVICE INPUTS
NOTE:C1=C2=C3=100nF


Similar Part No. - C-15-622C-F-SLC4

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-15-622C-TDFB-SSC4 SOURCE-C-15-622C-TDFB-SSC4 Datasheet
548Kb / 7P
   622 Mbps DFB Laser Single Mode Transceiver(LH)
C-15-622C-TDFB-SSC4-G5 SOURCE-C-15-622C-TDFB-SSC4-G5 Datasheet
548Kb / 7P
   622 Mbps DFB Laser Single Mode Transceiver(LH)
C-15-622C-TDFB-SSC4A SOURCE-C-15-622C-TDFB-SSC4A Datasheet
548Kb / 7P
   622 Mbps DFB Laser Single Mode Transceiver(LH)
C-15-622C-TDFB-SSC4A-G5 SOURCE-C-15-622C-TDFB-SSC4A-G5 Datasheet
548Kb / 7P
   622 Mbps DFB Laser Single Mode Transceiver(LH)
C-15-622C-TDFB-SSC4AGR SOURCE-C-15-622C-TDFB-SSC4AGR Datasheet
548Kb / 7P
   622 Mbps DFB Laser Single Mode Transceiver(LH)
More results

Similar Description - C-15-622C-F-SLC4

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-622-F-SLC-55-G5 SOURCE-C-13-622-F-SLC-55-G5 Datasheet
707Kb / 9P
   622 Mbps Single Mode SFF LC Transceiver
C-15-622-FDFB-SLC4A-G5 SOURCE-C-15-622-FDFB-SLC4A-G5 Datasheet
697Kb / 7P
   622 Mbps Single Mode SFF LC Transceiver
C-13-622-F-SLC SOURCE-C-13-622-F-SLC Datasheet
1Mb / 8P
   622 Mbps Single Mode SFF LC Transceiver
logo
Optoway Technology Inc
TRSL-5140AG OPTOWAY-TRSL-5140AG Datasheet
114Kb / 4P
   622 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-5140G OPTOWAY-TRSL-5140G Datasheet
114Kb / 4P
   622 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-5380-CXX0 OPTOWAY-TRSL-5380-CXX0 Datasheet
128Kb / 5P
   3.3V / CWDM / 622 Mbps SFF LC SINGLE-MODE TRANSCEIVER
TRSL-5380W-CXX0G OPTOWAY-TRSL-5380W-CXX0G Datasheet
160Kb / 5P
   3.3V / CWDM / 622 Mbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-5380-CXX0G OPTOWAY-TRSL-5380-CXX0G Datasheet
129Kb / 5P
   3.3V / CWDM / 622 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
logo
Source Photonics, Inc.
C-13-155-F-SLCA-55-G5 SOURCE-C-13-155-F-SLCA-55-G5 Datasheet
866Kb / 10P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLC3S-19 SOURCE-C-13-155-F-SLC3S-19 Datasheet
720Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com