Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALVCH162334DL Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ALVCH162334DL
Description  16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVCH162334DL Datasheet(HTML) 1 Page - Texas Instruments

  SN74ALVCH162334DL Datasheet HTML 1Page - Texas Instruments SN74ALVCH162334DL Datasheet HTML 2Page - Texas Instruments SN74ALVCH162334DL Datasheet HTML 3Page - Texas Instruments SN74ALVCH162334DL Datasheet HTML 4Page - Texas Instruments SN74ALVCH162334DL Datasheet HTML 5Page - Texas Instruments SN74ALVCH162334DL Datasheet HTML 6Page - Texas Instruments SN74ALVCH162334DL Datasheet HTML 7Page - Texas Instruments SN74ALVCH162334DL Datasheet HTML 8Page - Texas Instruments SN74ALVCH162334DL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SN74ALVCH162334
16-BIT UNIVERSAL BUS DRIVER
WITH 3-STATE OUTPUTS
SCES120F – JULY 1997 – REVISED JUNE 1999
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Member of the Texas Instruments
Widebus
™ Family
D EPIC ™ (Enhanced-Performance Implanted
CMOS) Submicron Process
D Output Port Has Equivalent 26-Ω Series
Resistors, So No External Resistors Are
Required
D Designed to Comply With JEDEC 168-Pin
and 200-Pin SDRAM Buffered DIMM
Specification
D ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
D Bus Hold on Data Inputs Eliminates the
Need for External Pullup/Pulldown
Resistors
D Package Options Include Plastic Shrink
Small-Outline (DL), Thin Shrink
Small-Outline (DGG), and Thin Very
Small-Outline (DGV) Packages
NOTE: For tape and reel order entry:
The DGGR package is abbreviated to GR, and
the DGVR package is abbreviated to VR.
description
This 16-bit universal bus driver is designed for
1.65-V to 3.6-V VCC operation.
Data flow from A to Y is controlled by the
output-enable (OE) input. The device operates in
the transparent mode when the latch-enable (LE)
input is low. When LE is high, the A data is latched if the clock (CLK) input is held at a high or low logic level.
If LE is high, the A data is stored in the latch/flip-flop on the low-to-high transition of CLK. When OE is high, the
outputs are in the high-impedance state.
The output port includes equivalent 26-
Ω series resistors to reduce overshoot and undershoot.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
Active bus-hold circuitry is provided to hold unused or floating data inputs at a valid logic level.
The SN74ALVCH162334 is characterized for operation from –40
°C to 85°C.
Copyright
© 1999, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
DGG, DGV, OR DL PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
OE
Y1
Y2
GND
Y3
Y4
VCC
Y5
Y6
GND
Y7
Y8
Y9
Y10
GND
Y11
Y12
VCC
Y13
Y14
GND
Y15
Y16
NC
CLK
A1
A2
GND
A3
A4
VCC
A5
A6
GND
A7
A8
A9
A10
GND
A11
A12
VCC
A13
A14
GND
A15
A16
LE
NC – No internal connection
EPIC and Widebus are trademarks of Texas Instruments Incorporated.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74ALVCH162334DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH162334DL TI1-SN74ALVCH162334DL Datasheet
367Kb / 15P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALVCH162334DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC16334 TI1-SN74AVC16334_09 Datasheet
372Kb / 16P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVC162334A PERICOM-PI74ALVC162334A Datasheet
87Kb / 5P
   16-Bit Universal Bus Driver with 3-State Outputs
logo
Texas Instruments
SN74ALVC16334 TI-SN74ALVC16334_07 Datasheet
216Kb / 13P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVC162334 TI-SN74ALVC162334 Datasheet
133Kb / 10P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH16334 HITACHI-HD74ALVCH16334 Datasheet
56Kb / 13P
   16-bit Universal Bus Driver with 3-state Outputs
HD74ALVC16334 HITACHI-HD74ALVC16334 Datasheet
56Kb / 13P
   16-bit Universal Bus Driver with 3-state Outputs
HD74ALVC162334 HITACHI-HD74ALVC162334 Datasheet
52Kb / 13P
   16-bit Universal Bus Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVCH16334 TI-SN74ALVCH16334 Datasheet
134Kb / 10P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74AVC16334 TI-SN74AVC16334 Datasheet
179Kb / 12P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVC162334 TI-SN74ALVC162334_07 Datasheet
308Kb / 13P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com