Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

501189-XX21 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 501189-XX21
Description  1.00mm (.039") pitch wire-to-board connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

501189-XX21 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  501189-XX21 Datasheet HTML 1Page - Molex Electronics Ltd. 501189-XX21 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Asia Pacific North Headquarters
Yamato, Kanagawa, Japan
81-462-65-2324
apninfo@molex.com
Asia Pacific South Headquarters
Jurong, Singapore
65-6-268-6868
apsinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
630-969-4550
Fax:630-969-1352
Visit our Web site at http://www.molex.com
Order No. JPN-051
Printed in Japan/4K/Tokai/MXJ/2007.01
©2007, Molex
n
Plasma Display Panel (PDP) TV
n
Liquid Crystal Display (LCD) TV
n
Note PC
n
Other Compact Devices
*XX = Circuit size
Terminal for Single Row
501334-0000
--
--
--
Phosphor Bronze /
Pre-Tin
Reel
Terminal for Dual Row
501193-0000
Phosphor Bronze /
Gold over Nickel
Single Row Inner Lock
Receptacle Housing
501330-XX00
2-5
Inner Friction
66 Nylon, UL 94V-0,
White
--
Bag
6-15
Inner Positive
Single Row Inner Lock
Straight Header
501331-XX07
2-5
Inner Friction
46 Nylon, UL 94V-0,
Off White
Phosphor Bronze /
Tin over Nickel
Embossed Tape
6-15
Inner Positive
6T Nylon, UL 94V-0,
Off White
Single Row Inner Lock
Right-Angle Header
501568-XX07
2-5
Inner Friction
Heat Resistance Nylon,
UL 94V-0,
Off White
6-15
Inner Positive
Single Row Outer Lock
Receptacle Housing
501939-XX00
3-5
Outer Positive
66 Nylon, UL 94V-0,
White
--
Bag
Single Row Outer Lock
Straight Header
501940-XX07
6T Nylon, UL 94V-0,
Off White
Phosphor Bronze /
Tin over Nickel
Embossed Tape
Single Row Outer Lock
Right-Angle Header
501953-XX07
Dual Row Inner Lock
Housing Receptacle
501189-XX10
20, 30, 40, 50
Inner Positive
66 Nylon, UL 94V-0,
White
--
Bag
Dual Row Inner Lock
Housing Receptacle
(With Side Friction Lock)
501189-XX21
66 Nylon, UL 94V-0,
Grey
Dual Row Inner Lock
Straight Header (With Tape)
501190-XX17
6T Nylon, UL 94V-0,
White
Phosphor Bronze /
Gold over Nickel
Embossed Tape
Dual Row Inner Lock
Straight Header
501190-XX27
Dual Row Inner Lock
Right-Angle Header
501571-XX07
Heat Resistance Nylon,
UL 94V-0,
Off White


Similar Part No. - 501189-XX21

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
501189-2010 MOLEX11-501189-2010 Datasheet
117Kb / 2P
   1.00mm (.039") Pitch Pico-Clasp Wire-to-Board Receptacle Housing, Dual Row, 20 Circuits
501189-2010 MOLEX-501189-2010 Datasheet
127Kb / 2P
   1.0 WIRE TO BOARD CONN. 2-ROW RECEPTACLE HOUSING
501189-2010 MOLEX11-501189-2010 Datasheet
38Kb / 1P
   1.00mm Pitch Pico-Clasp??Wire-to-Board Receptacle Housing, Dual Row, 20 Circuits
501189-2011 MOLEX-501189-2011 Datasheet
127Kb / 2P
   1.0 WIRE TO BOARD CONN. 2-ROW RECEPTACLE HOUSING
501189-2012 MOLEX-501189-2012 Datasheet
127Kb / 2P
   1.0 WIRE TO BOARD CONN. 2-ROW RECEPTACLE HOUSING
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com