Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

49326 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 49326
Description  0.30mm (.012?? Pitch FPC Connector 1.20mm (.047?? Height
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

49326 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  49326 Datasheet HTML 1Page - Molex Electronics Ltd. 49326 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Voltage: 50V
Current: 0.35A
Withstanding Voltage: AC 250V
Contact Resistance: 60mΩ max.
Insulation Resistance: 50MΩ min.
Durability: 10 cycles
Housing: LCP (Glass-filled), UL 94V-0
Actuator: PPS
Contact: Copper Alloy
Plating: Terminal - Gold over Nickel
Operating Temperature: -40
C ~ +85。
C
This new 0.30mm pitch FPC connector from
Molex offers compact, high-density features
and secure cable retention. Corner ledges
on the connector ensure that the actuator
will not become disengaged if the cable is
pulled upward.
Available in 51 circuits, it is ideal for mobile
LED applications and other high density
packaging. This miniature version also
features Molex's unique Easy-OnTM actuator
that rotates back 135% degrees to provide
easy cable insertion. A staggered footprint
pattern provides a high density 0.30mm pitch
PCB layout that is compatible with some
competitive versions.
Specifications:
0.30mm (.012”) Pitch
FPC Connector
1.20mm (.047”) Height
49063
INTRODUCTION
Gold
LCP (Glass-filled), UL 94V-0,
Copper Alloy
Plating
Material (Housing/Terminal)
Description
Right Angle, SMT
Easy-OnTM
Bottom Contact
Height = 1.20mm (.047”)
FPC Thickness = 0.12mm
49063-5167
51
Embossed Tape
Order No.
Circuits
Packaging
SELECTION MATRIX
Mobile Phone
LED display module
DSC
DVC
PDA
PHS
Voice Recorder
GPS
Portable game machine
Any low-profile device
APPLICATIONS
Compact design for space savings
Corner ledges prevent actuator from
lifting up even if cable is pulled upwards
Easy-OnTM actuator rotates 135% for
easy cable insertion
Actuator and contact design provide
secure cable retention
Staggered pitch PCB pattern enables
high-density packaging
Accepts 0.12mm thick FPC
FEATURES AND BENEFITS
1.20mm
0.60mm
3.80mm
Actuator
FPC
Corner ledges protect actuator
from disengaging if cable
is pulled upwards


Similar Part No. - 49326

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4932 ETC2-4932 Datasheet
1Mb / 16P
   Drywall Punch
logo
Festo Corporation.
4932 FESTO-4932 Datasheet
104Kb / 1P
   Pneumatic muffler
logo
Tyco Electronics
493224-1 MACOM-493224-1 Datasheet
198Kb / 1P
   HOUSING, 2POSN, MICRO TIMER TAB HOUSING,2 POSN
More results

Similar Description - 49326

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
500797 MOLEX-500797 Datasheet
946Kb / 2P
   0.30mm (.012") Pitch FPC Connector 1.05mm (.041") Height
5007971194 MOLEX11-5007971194 Datasheet
521Kb / 7P
   0.30mm (.012") Pitch Easy-On??Type FPC Connector
5022503391 MOLEX11-5022503391 Datasheet
507Kb / 7P
   0.30mm (.012") Pitch Easy-On??BackFlip??FPC Connector
5016281191 MOLEX11-5016281191 Datasheet
404Kb / 5P
   0.30mm (.012") Pitch Easy-On??Type FPC Connector
5016284591 MOLEX11-5016284591 Datasheet
404Kb / 5P
   0.30mm (.012") Pitch Easy-On??Type FPC Connector, 0.90mm (.035") Mated Height
0545480571 MOLEX7-0545480571 Datasheet
541Kb / 7P
   0.50mm (.020") Pitch FFC/FPC Connector, 1.20mm (.047") Height, Right Angle, SMT,
5016283391 MOLEX11-5016283391 Datasheet
404Kb / 5P
   0.30mm (.012") Pitch Easy-On??Type FPC Connector, 0.90mm (.035") Mated Height
0923160422 MOLEX11-0923160422 Datasheet
109Kb / 2P
   0.30mm (.012
5007971594 MOLEX11-5007971594 Datasheet
521Kb / 7P
   0.30mm (.012") Pitch Easy-On Type FPC Connector, 1.05mm (.041") Mated Height, Right Angle
5016163585 MOLEX11-5016163585 Datasheet
350Kb / 4P
   0.30mm (.012") Pitch Easy-On Type FPC Connector, 1.10mm (.043") Mated Height, Right Angle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com