Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-145-1250-TDFB3-SSC2 Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # C-145-1250-TDFB3-SSC2
Description  1.25 Gbps CWDM Single Mode Transceiver(3.3V)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-145-1250-TDFB3-SSC2 Datasheet(HTML) 1 Page - Source Photonics, Inc.

  C-145-1250-TDFB3-SSC2 Datasheet HTML 1Page - Source Photonics, Inc. C-145-1250-TDFB3-SSC2 Datasheet HTML 2Page - Source Photonics, Inc. C-145-1250-TDFB3-SSC2 Datasheet HTML 3Page - Source Photonics, Inc. C-145-1250-TDFB3-SSC2 Datasheet HTML 4Page - Source Photonics, Inc. C-145-1250-TDFB3-SSC2 Datasheet HTML 5Page - Source Photonics, Inc. C-145-1250-TDFB3-SSC2 Datasheet HTML 6Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
1.25 Gbps CWDM Single Mode Transceiver
(3.3V)
C-1xx-1250(C)-TDFB3-SSC2
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Optical
Optical Transmit Power
Po
-5
-
0
dBm
Output Power is coupled into a 9/125 µm single
mode fiber
Output center Wavelength
λ
λ − 5.5
λ
λ + 7.5
nm
λ = 1xxx nm
Output Spectrum Width
Δλ
-
-
1
nm
-20 dB width
Side Mode Suppression Ratio
Sr
30
35
-
dB
CW, Po= 5mW
Extinction Ratio
ER
9
-
-
dB
Output Eye
Compliant with IEEE 802.3z
Optical Rise Time
tr
-
-
0.26
ns
20% to 80% Values
Optical Fall Time
tf
-
-
0.26
ns
20% to 80% Values
Relative Intensity Noise
RIN
-
-
-120
dB/Hz
Total Jitter
TJ
-
-
0.27
ns
Measured with 27-1 PRBS with 72 ones and 72
zeros.
Transmitter Specifications, (0ºC<Topr<70ºC, 3.1V < VCC < 3.3V)
Features
• SC Duplex Single Mode Transceiver
• Industry Standard 1x9 Footprint
• Complies with IEEE 802.3z Gigabit Ethernet
• Single +3.3V Power Supply
• Operating temperature Range 0 to 70ºC
• LVPECL Differential Inputs and Outputs
• LVPECL Signal Detection Output (C-1xx-1250-TDFB3-SSC2)
• LVTTL Signal Detection Output (C-1xx-1250C-TDFB3-SSC2)
• Wave solderable and Aqueous Washable
• Uncooled laser diode with MQW stucture
• Complies with Telcordia (Bellcore) GR-468-CORE
• 1.25 Gbps application
• CWDM application
Parameter
Symbol
Min.
Max.
Unit
Note
Power Supply Voltage
Vcc
0
3.6
V
Output Current
Iout
0
30
mA
Soldering Temperature
-
-
260
ºC
10 seconds on leads only
Operating temerature
Topr
0
70
ºC
Storage Temperature
Tstg
-40
85
ºC
Absolute Maximum Rating
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power Supply Voltage
Vcc
3.1
3.3
3.5
V
Operating Temperature
Topr
0
-
70
ºC
Data Rate
-
-
1250
-
Mbps
Recommended Operating Condition


Similar Part No. - C-145-1250-TDFB3-SSC2

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-145-1250-TDFB-SSC2 SOURCE-C-145-1250-TDFB-SSC2 Datasheet
970Kb / 6P
   1.25 Gbps CWDM Single Mode Transceiver(5V)
More results

Similar Description - C-145-1250-TDFB3-SSC2

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-73120-CXX0G OPTOWAY-SPS-73120-CXX0G Datasheet
150Kb / 4P
   3.3V / CWDM / 1.25 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-73160-CXX0G OPTOWAY-SPS-73160-CXX0G Datasheet
150Kb / 4P
   3.3V / CWDM / 1.25 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-73200-CXX0G OPTOWAY-SPS-73200-CXX0G Datasheet
149Kb / 5P
   3.3V / CWDM / 1.25 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-7385-CXX0G OPTOWAY-SPS-7385-CXX0G_08 Datasheet
153Kb / 5P
   3.3V / CWDM / 1.25 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-73180-CXX0G OPTOWAY-SPS-73180-CXX0G Datasheet
150Kb / 4P
   3.3V / CWDM / 1.25 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-73180-CXX0G OPTOWAY-SPS-73180-CXX0G_08 Datasheet
150Kb / 5P
   3.3V / CWDM / 1.25 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-7380-CXX0G OPTOWAY-SPS-7380-CXX0G_08 Datasheet
153Kb / 5P
   3.3V / CWDM / 1.25 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-73120-CXX0G OPTOWAY-SPS-73120-CXX0G_08 Datasheet
150Kb / 5P
   3.3V / CWDM / 1.25 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-73160-CXX0G OPTOWAY-SPS-73160-CXX0G_08 Datasheet
150Kb / 5P
   3.3V / CWDM / 1.25 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-7350-CXX0G OPTOWAY-SPS-7350-CXX0G_08 Datasheet
153Kb / 5P
   3.3V / CWDM / 1.25 Gbps SFP LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com