Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-133-1250-TDFB3-SSC2 Datasheet(PDF) 6 Page - Source Photonics, Inc.

Part # C-133-1250-TDFB3-SSC2
Description  1.25 Gbps CWDM Single Mode Transceiver(3.3V)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-133-1250-TDFB3-SSC2 Datasheet(HTML) 6 Page - Source Photonics, Inc.

  C-133-1250-TDFB3-SSC2 Datasheet HTML 1Page - Source Photonics, Inc. C-133-1250-TDFB3-SSC2 Datasheet HTML 2Page - Source Photonics, Inc. C-133-1250-TDFB3-SSC2 Datasheet HTML 3Page - Source Photonics, Inc. C-133-1250-TDFB3-SSC2 Datasheet HTML 4Page - Source Photonics, Inc. C-133-1250-TDFB3-SSC2 Datasheet HTML 5Page - Source Photonics, Inc. C-133-1250-TDFB3-SSC2 Datasheet HTML 6Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
IMPORTANT NOTICE!
All information contained in this document is subject to change without notice, at Luminentʼs sole and absolute discretion. Luminent warrants performance of its
products to current specifications only in accordance with the companyʼs standard one-year warranty; however, specifications designated as “preliminary” are given to
describe components only, and Luminent expressly disclaims any and all warranties for said products, including express, implied, and statutory warranties, warranties
of merchantability, fitness for a particular purpose, and non-infringement of proprietary rights. Please refer to the companyʼs Terms and Conditions of Sale for further
warranty information.
Luminent assumes no liability for applications assistance, customer product design, software performance, or infringement of patents, services, or intellectual property
described herein. No license, either express or implied, is granted under any patent right, copyright, or intellectual property right, and Luminent makes no representa-
tions or warranties that the product(s) described herein are free from patent, copyright, or intellectual property rights. Products described in this document are NOT
intended for use in implantation or other life support applications where malfunction may result in injury or death to persons. Luminent customers using or selling
products for use in such applications do so at their own risk and agree to fully defend and indemnify Luminent for any damages resulting from such use or sale.
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN “AS IS” BASIS. Customer agrees that Luminent is not liable for any actual,
consequential, exemplary, or other damages arising directly or indirectly from any use of the information contained in this document. Customer must contact Lumi-
nent to obtain the latest version of this publication to verify, before placing any order, that the information contained herein is current.
© Luminent, Inc. 2003
All rights reserved
Handling Precautions: This device is susceptible to damage as a result of electrostatic discharge (ESD). A static free environment is highly recommended. Follow
guidelines according to proper ESD procedures.
Laser Safety: Radiation emitted by laser devices can be dangerous to human eyes. Avoid eye exposure to direct or indirect radiation.
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486 • LUMINENT.COM
6
LUMNDS580-0803
1.25 Gbps CWDM Single Mode Transceiver
(3.3V)
C-1xx-1250(C)-TDFB3-SSC2
Warnings
Legal Notice
Ordering Information
C - 1xxx - 1250(C) - TDFB3 - SSC 2
• Wavelength
127 = 1270 nm
129 = 1290 nm
131 = 1310 nm
133 = 1330 nm
135 = 1350 nm
137 = 1370 nm
139= 1390 nm
141 = 1410nm
143 = 1430 nm
• Communication protocol
(1250 Mbps)
• Connector options
• +3.3V DFB Transceiver
145 = 1450 nm
147 = 1470 nm
149 = 1490 nm
151 = 1510 nm
153 = 1530 nm
155 = 1550 nm
157= 1570 nm
159 = 1590nm
161 = 1610 nm


Similar Part No. - C-133-1250-TDFB3-SSC2

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-133-1250-TDFB-SSC2 SOURCE-C-133-1250-TDFB-SSC2 Datasheet
970Kb / 6P
   1.25 Gbps CWDM Single Mode Transceiver(5V)
More results

Similar Description - C-133-1250-TDFB3-SSC2

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-73120-CXX0G OPTOWAY-SPS-73120-CXX0G Datasheet
150Kb / 4P
   3.3V / CWDM / 1.25 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-73160-CXX0G OPTOWAY-SPS-73160-CXX0G Datasheet
150Kb / 4P
   3.3V / CWDM / 1.25 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-73200-CXX0G OPTOWAY-SPS-73200-CXX0G Datasheet
149Kb / 5P
   3.3V / CWDM / 1.25 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-7385-CXX0G OPTOWAY-SPS-7385-CXX0G_08 Datasheet
153Kb / 5P
   3.3V / CWDM / 1.25 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-73180-CXX0G OPTOWAY-SPS-73180-CXX0G Datasheet
150Kb / 4P
   3.3V / CWDM / 1.25 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-73180-CXX0G OPTOWAY-SPS-73180-CXX0G_08 Datasheet
150Kb / 5P
   3.3V / CWDM / 1.25 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-7380-CXX0G OPTOWAY-SPS-7380-CXX0G_08 Datasheet
153Kb / 5P
   3.3V / CWDM / 1.25 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-73120-CXX0G OPTOWAY-SPS-73120-CXX0G_08 Datasheet
150Kb / 5P
   3.3V / CWDM / 1.25 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-73160-CXX0G OPTOWAY-SPS-73160-CXX0G_08 Datasheet
150Kb / 5P
   3.3V / CWDM / 1.25 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-7350-CXX0G OPTOWAY-SPS-7350-CXX0G_08 Datasheet
153Kb / 5P
   3.3V / CWDM / 1.25 Gbps SFP LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com