Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2204UK Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2204UK
Description  16-Bit, 65Msps/40Msps
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2204UK Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2204UK Datasheet HTML 7Page - Linear Technology LTC2204UK Datasheet HTML 8Page - Linear Technology LTC2204UK Datasheet HTML 9Page - Linear Technology LTC2204UK Datasheet HTML 10Page - Linear Technology LTC2204UK Datasheet HTML 11Page - Linear Technology LTC2204UK Datasheet HTML 12Page - Linear Technology LTC2204UK Datasheet HTML 13Page - Linear Technology LTC2204UK Datasheet HTML 14Page - Linear Technology LTC2204UK Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
LTC2205/LTC2204
11
22054fb
TEMPERATURE (
°C)
22054 G44
–60 –40
–1.2
–1.0
–0.8
–0.6
–0.4
–0.2
0.8
0.6
0.4
0.2
0
–20
0
20
40
60
100
80
TEMPERATURE (
°C)
22054 G43
–60 –40
–7
–4
–3
–6
–5
–2
–1
1
0
–20
0
20
40
60
100
80
INPUT LEVEL (dBFS)
–80
50
110
120
130
–60
–40 –30
22054 G37
30
90
70
40
100
20
80
60
–70
–50
–20 –10
0
INPUT FREQUENCY (MHz)
0
90
100
200
22054 G38
80
70
50
100
150
250
110
PGA = 0
PGA = 1
INPUT FREQUENCY (MHz)
0
70
71
73
74
75
80
77
100
200
22054 G39
72
78
79
76
300
400
PGA = 0
PGA = 1
SAMPLE RATE (Msps)
0
90
100
80
22054 G40
80
70
20
40 50
110
110
60
10
30
90 100
70
SNR
SFDR
SUPPLY VOLTAGE
22054 G41
2.4
70
80
90
100
110
2.6
2.8
3.0
3.2
3.4
3.6
SNR
SFDR
SAMPLE RATE (Msps)
0
180
190
200
110
22054 G42
160
130
20 30
10
40
60
50
80
70
100
90
210
170
150
140
VDD = 3.3V
VDD = 3.47V
VDD = 3.13V
TEMPERATURE (
°C)
22054 G45
–40
–4
–3
–2
–1
0
–200
20406080
LTC2205: SFDR vs Input Level,
fIN = 140.1MHz,
DITH = 1, RAND = 1, PGA = 0
LTC2205: SFDR vs Input
Frequency, DITH = 0, RAND = 0
LTC2205: SNR vs Input Frequency,
DITH = 0, RAND = 0
LTC2205: SFDR and SNR vs
Sample Rate, fIN = 5.1MHz,
–1dBFS, PGA = 0
LTC2205: SFDR and SNR vs
Supply Voltage, fIN = 5.1MHz,
65Msps, PGA = 0
LTC2205: IVDD vs Sample Rate,
fIN = 5.1MHz, –1dBFS
LTC2205: VCM Drift vs Temperature
TYPICAL PERFORMANCE CHARACTERISTICS
LTC2205: Gain Error Drift with
Internal Reference vs Temperature
LTC2205: Gain Drift with External
Reference vs Temperature


Similar Part No. - LTC2204UK

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2204 LINER-LTC2204 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LTC2204 LINER-LTC2204_15 Datasheet
1Mb / 36P
   16-Bit, 65Msps/40Msps ADCs
More results

Similar Description - LTC2204UK

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2204 LINER-LTC2204_15 Datasheet
1Mb / 36P
   16-Bit, 65Msps/40Msps ADCs
LTC2205 LINER-LTC2205_15 Datasheet
1Mb / 36P
   16-Bit, 65Msps/40Msps ADCs
LTC2161 LINER-LTC2161_15 Datasheet
660Kb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power ADCs
LTC2162 LINER-LTC2162_15 Datasheet
660Kb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power ADCs
LTC2160 LINER-LTC2160_15 Datasheet
660Kb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power ADCs
LTC2181 LINER-LTC2181_15 Datasheet
3Mb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
LTC2191 LINER-LTC2191_15 Datasheet
886Kb / 28P
   16-Bit, 65Msps/40Msps/ 25Msps Low Power Dual ADCs
LTC2180 LINER-LTC2180_15 Datasheet
3Mb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
LTC2192 LINER-LTC2192 Datasheet
3Mb / 28P
   16-Bit, 65Msps/40Msps/25Msps Low Power Dual ADCs
LTC2190 LINER-LTC2190_15 Datasheet
886Kb / 28P
   16-Bit, 65Msps/40Msps/ 25Msps Low Power Dual ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com