Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2209CUP Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2209CUP
Description  16-Bit, 160Msps ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2209CUP Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2209CUP Datasheet HTML 6Page - Linear Technology LTC2209CUP Datasheet HTML 7Page - Linear Technology LTC2209CUP Datasheet HTML 8Page - Linear Technology LTC2209CUP Datasheet HTML 9Page - Linear Technology LTC2209CUP Datasheet HTML 10Page - Linear Technology LTC2209CUP Datasheet HTML 11Page - Linear Technology LTC2209CUP Datasheet HTML 12Page - Linear Technology LTC2209CUP Datasheet HTML 13Page - Linear Technology LTC2209CUP Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LTC2209
10
2209fa
SFDR vs Input Level, fIN = 15MHz,
PGA = 0, Dither “On”
64k Point FFT, fIN = 30.1MHz,
–1dBFS, PGA = 0
128k Point FFT, fIN = 30.1MHz,
–25dBFS, PGA = 0, Dither “On”
64k Point FFT, fIN = 70.1MHz,
–1dBFS, PGA = 0
64k Point FFT, fIN = 70.1MHz,
–20dBFS, PGA = 0
128k Point FFT, fIN = 70.1MHz,
–25dBFS, PGA = 0, Dither “On”
SFDR vs Input Level, fIN = 15MHz,
PGA = 0, Dither “Off”
64k Point FFT, fIN = 70.1MHz,
–10dBFS, PGA = 0
TYPICAL PERFORMANCE CHARACTERISTICS
SFDR vs Input Level,
fIN = 70.2MHz,
PGA = 0, Dither “Off”
INPUT LEVEL (dBFS)
–80
0
20
40
60
130
110
90
70
50
30
10
100
–70
–50 –40
0
120
80
–60
–30 –20 –10
2209 G10
INPUT LEVEL (dBFS)
–80 –70
–50 –40
0
–60
–30 –20 –10
2209 G11
0
20
40
60
130
110
90
70
50
30
10
100
120
80
–130
–100
–110
–120
–80
–90
–30
–40
–50
–60
–70
–10
–20
020
40
50
10
30
70
60
80
FREQUENCY (MHz)
2209 G12
0
FREQUENCY (MHz)
–100
–30
–20
–10
0
2209 G13
–120
–60
–80
–110
–40
–50
–130
–70
–90
020
40
50
10
30
70
60
80
020
40
50
10
30
70
60
80
FREQUENCY (MHz)
–100
–30
–20
–10
0
2209 G14
–120
–60
–80
–110
–40
–50
–130
–70
–90
FREQUENCY (MHz)
–100
–30
–20
–10
0
2209 G15
–120
–60
–80
–110
–40
–50
–130
–70
–90
020
40
50
10
30
70
60
80
FREQUENCY (MHz)
–100
–30
–20
–10
0
2209 G16
–120
–60
–80
–110
–40
–50
–130
–70
–90
020
40
50
10
30
70
60
80
FREQUENCY (MHz)
–100
–30
–20
–10
0
2209 G17
–120
–60
–80
–110
–40
–50
–130
–70
–90
020
40
50
10
30
70
60
80
INPUT LEVEL (dBFS)
–80
–60
–40
–30
2209 G18
–70
–50
–20 –10
0
0
20
40
60
130
110
90
70
50
30
10
100
120
80


Similar Part No. - LTC2209CUP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2209 LINER-LTC2209 Datasheet
439Kb / 24P
   10GHz GBW, 1.1nV/Hz Differential Amplifier/ADC Driver
LTC2209 LINER-LTC2209 Datasheet
1Mb / 32P
   1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
LTC2209 LINER-LTC2209 Datasheet
1Mb / 36P
   Low Phase Noise, Dual Output Buffer/Driver/Logic Converter
LTC2209 LINER-LTC2209 Datasheet
1Mb / 28P
   High Linearity Differential RF/IF Amplifier/ADC Driver
LTC2209 LINER-LTC2209 Datasheet
635Kb / 16P
   50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
More results

Similar Description - LTC2209CUP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2209 LINER-LTC2209_15 Datasheet
603Kb / 32P
   16-Bit, 160Msps ADC
logo
Texas Instruments
ADS4226 TI1-ADS4226 Datasheet
3Mb / 97P
[Old version datasheet]   Dual-Channel, 12-/14-Bit, 65/125/160MSPS Ultralow-Power ADC
MARCH2011
logo
Linear Technology
LTC2208 LINER-LTC2208 Datasheet
1Mb / 32P
   16-Bit, 130Msps ADC
LTC2201 LINER-LTC2201_15 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LTC2201 LINER-LTC2201 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LTC2208 LINER-LTC2208_15 Datasheet
969Kb / 32P
   16-Bit, 130Msps ADC
logo
Sony Corporation
CXA3286R SONY-CXA3286R Datasheet
331Kb / 23P
   8-bit 160MSPS Flash A/D Converter
logo
Analog Devices
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
logo
Cirrus Logic
CDB5571-2 CIRRUS-CDB5571-2 Datasheet
689Kb / 26P
   100 kSps, 16-bit ADC
logo
Linear Technology
LTC2387-16 LINER-LTC2387-16 Datasheet
1Mb / 22P
   16-Bit, 15Msps SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com