Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2204IUK-TRPBF Datasheet(PDF) 15 Page - Linear Technology

Part # LTC2204IUK-TRPBF
Description  16-Bit, 65Msps/40Msps
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2204IUK-TRPBF Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC2204IUK-TRPBF Datasheet HTML 11Page - Linear Technology LTC2204IUK-TRPBF Datasheet HTML 12Page - Linear Technology LTC2204IUK-TRPBF Datasheet HTML 13Page - Linear Technology LTC2204IUK-TRPBF Datasheet HTML 14Page - Linear Technology LTC2204IUK-TRPBF Datasheet HTML 15Page - Linear Technology LTC2204IUK-TRPBF Datasheet HTML 16Page - Linear Technology LTC2204IUK-TRPBF Datasheet HTML 17Page - Linear Technology LTC2204IUK-TRPBF Datasheet HTML 18Page - Linear Technology LTC2204IUK-TRPBF Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
LTC2205/LTC2204
15
22054fb
FREQUENCY (MHz)
0
0
–20
–40
–60
–80
–100
–120
–140
15
22054 G72
510
20
INPUT LEVEL (dBFS)
–80
50
110
120
130
–60
–40 –30
22054 G73
90
70
40
100
30
80
60
–70
–50
–20 –10
0
LTC2204: 64K Point FFT, fIN1 =
65.1MHz, –7dBFS, fIN2 = 70.1MHz,
–7dBFS, PGA = 0, DITH = 0
LTC2204: SFDR vs Input Level,
fIN = 5.1MHz, DITH = 0, RAND = 1
LTC2204: SFDR vs Input Level,
fIN = 5.1MHz, DITH = 1, RAND = 1
LTC2204: SFDR vs Input Level,
fIN = 5.1MHz, DITH = 0, RAND = 1
LTC2204: SFDR vs Input Level,
fIN = 15.1MHz,
DITH = 1, RAND = 1
LTC2204: SFDR vs Input Level,
fIN = 70.1MHz,
DITH = 0, RAND = 1
LTC2204: SFDR vs Input Level,
fIN = 70.1MHz,
DITH = 1, RAND = 1
LTC2204: SFDR vs Input Level,
fIN = 140.1MHz,
DITH = 0, RAND = 1
LTC2204: SFDR vs Input Level,
fIN = 140.1MHz,
DITH = 1, RAND = 1
INPUT LEVEL (dBFS)
–80
50
110
120
130
–60
–40 –30
22054 G74
90
70
40
100
30
80
60
–70
–50
–20 –10
0
INPUT LEVEL (dBFS)
–80
50
110
120
130
–60
–40 –30
22054 G75
90
70
40
100
30
80
60
–70
–50
–20 –10
0
INPUT LEVEL (dBFS)
–80
50
110
120
130
–60
–40 –30
22054 G76
90
70
40
100
30
80
60
–70
–50
–20 –10
0
INPUT LEVEL (dBFS)
–80
50
110
120
130
–60
–40 –30
22054 G77
90
70
40
100
30
80
60
–70
–50
–20 –10
0
INPUT LEVEL (dBFS)
–80
50
110
120
130
–60
–40 –30
22054 G78
90
70
40
100
30
80
60
–70
–50
–20 –10
0
INPUT LEVEL (dBFS)
–80
50
110
120
130
–60
–40 –30
22054 G79
90
70
40
100
30
80
60
–70
–50
–20 –10
0
INPUT LEVEL (dBFS)
–80
50
110
120
130
–60
–40 –30
22054 G80
90
70
40
100
30
80
60
–70
–50
–20 –10
0
TYPICAL PERFORMANCE CHARACTERISTICS


Similar Part No. - LTC2204IUK-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2204 LINER-LTC2204 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LTC2204 LINER-LTC2204_15 Datasheet
1Mb / 36P
   16-Bit, 65Msps/40Msps ADCs
More results

Similar Description - LTC2204IUK-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2204 LINER-LTC2204_15 Datasheet
1Mb / 36P
   16-Bit, 65Msps/40Msps ADCs
LTC2205 LINER-LTC2205_15 Datasheet
1Mb / 36P
   16-Bit, 65Msps/40Msps ADCs
LTC2161 LINER-LTC2161_15 Datasheet
660Kb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power ADCs
LTC2162 LINER-LTC2162_15 Datasheet
660Kb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power ADCs
LTC2160 LINER-LTC2160_15 Datasheet
660Kb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power ADCs
LTC2181 LINER-LTC2181_15 Datasheet
3Mb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
LTC2191 LINER-LTC2191_15 Datasheet
886Kb / 28P
   16-Bit, 65Msps/40Msps/ 25Msps Low Power Dual ADCs
LTC2180 LINER-LTC2180_15 Datasheet
3Mb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
LTC2192 LINER-LTC2192 Datasheet
3Mb / 28P
   16-Bit, 65Msps/40Msps/25Msps Low Power Dual ADCs
LTC2190 LINER-LTC2190_15 Datasheet
886Kb / 28P
   16-Bit, 65Msps/40Msps/ 25Msps Low Power Dual ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com