Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2222-11 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2222-11
Description  11-Bit, 105Msps ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2222-11 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2222-11 Datasheet HTML 4Page - Linear Technology LTC2222-11 Datasheet HTML 5Page - Linear Technology LTC2222-11 Datasheet HTML 6Page - Linear Technology LTC2222-11 Datasheet HTML 7Page - Linear Technology LTC2222-11 Datasheet HTML 8Page - Linear Technology LTC2222-11 Datasheet HTML 9Page - Linear Technology LTC2222-11 Datasheet HTML 10Page - Linear Technology LTC2222-11 Datasheet HTML 11Page - Linear Technology LTC2222-11 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTC2222-11
8
222211f
TYPICAL PERFOR A CE CHARACTERISTICS
8192 Point FFT,
fIN = 5MHz, –1dB, 2V Range
8192 Point FFT,
fIN = 30MHz, –1dB, 2V Range
8192 Point FFT,
fIN = 70MHz, –1dB, 2V Range
8192 Point FFT,
fIN = 140MHz, –1dB, 2V Range
FREQUENCY (MHz)
0
–60
–70
–50
–30
–10
–40
–20
0
40 45
222211 G15
–80
–90
–100
–110
–120
10
5
20 25
15
30 35
50
FREQUENCY (MHz)
0
–60
–70
–50
–30
–10
–40
–20
0
40 45
222211 G18
–80
–90
–100
–110
–120
10
5
20 25
15
30 35
50
FREQUENCY (MHz)
0
–60
–70
–50
–30
–10
–40
–20
0
40 45
222211 G17
–80
–90
–100
–110
–120
10
5
20 25
15
30 35
50
FREQUENCY (MHz)
0
–60
–70
–50
–30
–10
–40
–20
0
40 45
222211 G16
–80
–90
–100
–110
–120
10
5
20 25
15
30 35
50


Similar Part No. - LTC2222-11

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2222-11 LINER-LTC2222-11_15 Datasheet
591Kb / 24P
   11-Bit, 105Msps ADC
More results

Similar Description - LTC2222-11

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2222-11 LINER-LTC2222-11_15 Datasheet
591Kb / 24P
   11-Bit, 105Msps ADC
LTC2217 LINER-LTC2217 Datasheet
1Mb / 32P
   16-Bit, 105Msps Low Noise ADC
LTC2274 LINER-LTC2274 Datasheet
896Kb / 40P
   16-Bit, 105Msps Serial Output ADC
LTC2217 LINER-LTC2217_15 Datasheet
1Mb / 32P
   16-Bit, 105Msps Low Noise ADC
LTC2274 LINER-LTC2274_15 Datasheet
908Kb / 40P
   16-Bit, 105Msps Serial Output ADC
LTC2284 LINER-LTC2284 Datasheet
703Kb / 24P
   Dual 14-Bit, 105Msps Low Power 3V ADC
LTC2280 LINER-LTC2280_15 Datasheet
711Kb / 24P
   Dual 10-Bit, 105Msps Low Noise 3V ADC
LTC2284 LINER-LTC2284_15 Datasheet
712Kb / 24P
   Dual 14-Bit, 105Msps Low Power 3V ADC
LTC2282 LINER-LTC2282 Datasheet
456Kb / 24P
   Dual 12-Bit, 105Msps Low Power 3V ADC
LTC2280 LINER-LTC2280 Datasheet
705Kb / 24P
   Dual 10-Bit, 105Msps Low Noise 3V ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com